Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SFD-112DMT-B Datasheet(PDF) 1 Page - Sanyou Corporation Limited

Part # SFD-112DMT-B
Description  Miniature High Power Relay
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYOU [Sanyou Corporation Limited]
Direct Link  http://en.sanyourelay.com
Logo SANYOU - Sanyou Corporation Limited

SFD-112DMT-B Datasheet(HTML) 1 Page - Sanyou Corporation Limited

  SFD-112DMT-B Datasheet HTML 1Page - Sanyou Corporation Limited SFD-112DMT-B Datasheet HTML 2Page - Sanyou Corporation Limited SFD-112DMT-B Datasheet HTML 3Page - Sanyou Corporation Limited SFD-112DMT-B Datasheet HTML 4Page - Sanyou Corporation Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1/4
Contact Capacity
Nominal
operating
current
10% (
)
mA
Coil
resistance
10% ( Ω)
Max
.
allowable
voltage
Pick up
-
voltage
(.)
Max
Drop out
-
voltage
(.)
Min
Nominal
operating
power
Nominal
voltage
()
VDC
50
.
m
Max
Ω
(1A 6VDC)
5.
.
msec Max (no diode)
1,000
.(
500 )
M
Min DC
V
Ω
AC
V
Hz
1,200 ,50/60
1.
min
AC
V
Hz
4,000 ,50/60
1.
min
Silver alloy
Between open contacts:
Between coil and contact:
-40℃~+85℃ (
)
no condensation
Functional
Destructive
Functional
Destructive
Mechanical
Electrical
(
7,200
./ )
at
ops h
(
360
./ )
at
ops h
10~55
1.5
Hz at double amplitude of
mm
10~55
1.5
Hz at double amplitude of
mm
10
.
G Min
100
.
G Min
10,000,000
(at room temperature)
100,000
(at room temperature)
Contact material
Initial contact resistance at VDC A
(6
1 )
Operate time at nominal volt
(.)
Release time at nominal volt
(.)
Initial insulation resistance
Initial dielectric strength
Vibration resistance
Shock resistance
Endurance
()
operations
Ambient temperature
Unit weight
Charateristic Data
Coil Data (20℃)
a
t
20
.
.
msec Max (no diode)
SFD
30
250
A
VAC
30A
277VAC
7,500VA
Model
Nominal switching capacity res load
(.
)
Max switching current
.
Max switching voltage
.
Max switching power
.
SFD-Series
UL
C UL File No
E
, -
.: 190598
VDE File No.:40007793
CQC File No
CQC
.:
02001002130
3
5
6
9
12
18
24
48
60
400.00
240.00
200.00
134.00
100.00
66.67
50.00
25.00
20.00
7.5
20.8
30
67
120
270
480
1,920
3,000
130 % of
nominal
voltage
70 % of
nominal
voltage
10 % of
nominal
voltage
Approx
.
1.20W
Features
Safety Approval
()
.
Normally Open SPST contact form
,30 .
Miniature power relay high capability of
A
65
10000
High impulse current of
A and high surge voltage of
V
.
withstand
.
Miniature relay for high density mounting requirement
SANYOU RELAYS
Relays for advanced technology
Miniature High
Power Relay
version V
: 1.4
Approx.55.0g


Similar Part No. - SFD-112DMT-B

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
SFD-321B SAMSUNG-SFD-321B Datasheet
601Kb / 31P
   3.5inch DUAL DENSITY MICRO FLOPPY DISK DRIVE SPECIFICATIONS
More results

Similar Description - SFD-112DMT-B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HF2150 ETC1-HF2150 Datasheet
228Kb / 3P
   MINIATURE HIGH POWER RELAY
logo
HuaXinAn Electronics CO...
SM-MP HUAXINAN-SM-MP Datasheet
345Kb / 3P
   Miniature High Power Relay
logo
Hongfa Technology
HF14FW HONGFA-HF14FW_15 Datasheet
62Kb / 3P
   MINIATURE HIGH POWER RELAY
HF115F-S HONGFA-HF115F-S Datasheet
48Kb / 2P
   MINIATURE HIGH POWER RELAY
HF116F-1 HONGFA-HF116F-1_15 Datasheet
79Kb / 4P
   MINIATURE HIGH POWER RELAY
HF116F-2 HONGFA-HF116F-2_15 Datasheet
72Kb / 3P
   MINIATURE HIGH POWER RELAY
HF118F HONGFA-HF118F_15 Datasheet
64Kb / 3P
   MINIATURE HIGH POWER RELAY
HF158F HONGFA-HF158F Datasheet
60Kb / 3P
   MINIATURE HIGH POWER RELAY
HF161F HONGFA-HF161F Datasheet
57Kb / 3P
   MINIATURE HIGH POWER RELAY
HF2110 HONGFA-HF2110_15 Datasheet
94Kb / 6P
   MINIATURE HIGH POWER RELAY
HF2150 HONGFA-HF2150 Datasheet
69Kb / 4P
   MINIATURE HIGH POWER RELAY
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com