Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP38841T-1.2 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP38841T-1.2
Description  0.8A Ultra Low Dropout Linear Regulators Stable with Ceramic Output Capacitors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP38841T-1.2 Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button LP38841T-1.2 Datasheet HTML 2Page - National Semiconductor (TI) LP38841T-1.2 Datasheet HTML 3Page - National Semiconductor (TI) LP38841T-1.2 Datasheet HTML 4Page - National Semiconductor (TI) LP38841T-1.2 Datasheet HTML 5Page - National Semiconductor (TI) LP38841T-1.2 Datasheet HTML 6Page - National Semiconductor (TI) LP38841T-1.2 Datasheet HTML 7Page - National Semiconductor (TI) LP38841T-1.2 Datasheet HTML 8Page - National Semiconductor (TI) LP38841T-1.2 Datasheet HTML 9Page - National Semiconductor (TI) LP38841T-1.2 Datasheet HTML 10Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Typical Performance Characteristics Unless otherwise specified: T
J = 25˚C, CIN = 10 µF CER,
C
OUT = 22 µF CER, CBIAS = 1 µF CER,S/D Pin is tied to VBIAS,VOUT = 1.2V, IL = 10mA, VBIAS = 5V, VIN =VOUT + 1V.
V
BIAS Transient Response
Dropout Voltage Over Temperature
20102836
20102839
V
OUT vs Temperature
V
BIAS PSRR
20102840
20102841
V
BIAS PSRR
V
IN PSRR
20102851
20102842
www.national.com
6


Similar Part No. - LP38841T-1.2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP38841T-1.2/LF03 TI1-LP38841T-1.2/LF03 Datasheet
1Mb / 17P
[Old version datasheet]   0.8A Ultra Low Dropout Linear Regulators Stable
LP38841T-1.2/NOPB TI1-LP38841T-1.2/NOPB Datasheet
1Mb / 17P
[Old version datasheet]   0.8A Ultra Low Dropout Linear Regulators Stable
More results

Similar Description - LP38841T-1.2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP38841 TI1-LP38841 Datasheet
1Mb / 18P
[Old version datasheet]   0.8A Ultra Low Dropout Linear Regulators Stable with Ceramic Output Capacitors
LP38841 TI-LP38841_15 Datasheet
1Mb / 17P
[Old version datasheet]   LP38841 0.8A Ultra Low Dropout Linear Regulators Stable with Ceramic Output Capacitors
logo
National Semiconductor ...
LP38841-ADJ NSC-LP38841-ADJ Datasheet
256Kb / 10P
   0.8A Ultra Low Dropout Adjustable Linear Regulators Stable with Ceramic Output Capacitors
logo
Texas Instruments
LP38841-ADJ TI-LP38841-ADJ_15 Datasheet
843Kb / 15P
[Old version datasheet]   0.8A Ultra Low Dropout Adjustable Linear Regulators Stable with Ceramic Output Capacitors
LP38841 TI1-LP38841_16 Datasheet
1Mb / 17P
[Old version datasheet]   0.8A Ultra Low Dropout Linear Regulators Stable
LP38842 TI1-LP38842_15 Datasheet
985Kb / 17P
[Old version datasheet]   Ultra Low Dropout Linear Regulators Stable with Ceramic Output Capacitors
LP38843 TI-LP38843_15 Datasheet
962Kb / 17P
[Old version datasheet]   3A Ultra Low Dropout Linear Regulators Stable with Ceramic Output Capacitors
logo
National Semiconductor ...
LP38842 NSC-LP38842 Datasheet
626Kb / 11P
   1.5A Ultra Low Dropout Linear Regulators Stable with Ceramic Output Capacitors
logo
Texas Instruments
LP38842 TI1-LP38842 Datasheet
989Kb / 17P
[Old version datasheet]   1.5A Ultra Low Dropout Linear Regulators Stable with Ceramic Output Capacitors
logo
National Semiconductor ...
LP38843 NSC-LP38843 Datasheet
643Kb / 11P
   3A Ultra Low Dropout Linear Regulators Stable with Ceramic Output Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com