Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W681511 Datasheet(PDF) 28 Page - Nuvoton Technology Corporation

Part # W681511
Description  SINGLE-CHANNEL VOICEBAND CODEC
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

W681511 Datasheet(HTML) 28 Page - Nuvoton Technology Corporation

Back Button W681511 Datasheet HTML 24Page - Nuvoton Technology Corporation W681511 Datasheet HTML 25Page - Nuvoton Technology Corporation W681511 Datasheet HTML 26Page - Nuvoton Technology Corporation W681511 Datasheet HTML 27Page - Nuvoton Technology Corporation W681511 Datasheet HTML 28Page - Nuvoton Technology Corporation W681511 Datasheet HTML 29Page - Nuvoton Technology Corporation W681511 Datasheet HTML 30Page - Nuvoton Technology Corporation W681511 Datasheet HTML 31Page - Nuvoton Technology Corporation W681511 Datasheet HTML 32Page - Nuvoton Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 28 / 32 page
background image
W681511
Publication Release Date: January 2009
- 28 -
Revision A11
11. TYPICAL APPLICATION CIRCUIT
VAG 20
AI+ 19
AI- 18
AO 17
µ/A 16
VSS 15
FST 14
PCMT 13
BCLKT 12
MCLK 11
1 VREF
2 RO-
3 PAI
4 PAO-
5 PAO+
6 VDD
7 FSR
8 PCMR
9 BCLKR
10 PUI
SOG
27kΩ
27kΩ
-
VAUDIOOUT
+
0.1
µF
VDD
Power
Control
2.048 MHz
PCM OUT
PCM IN
8 kHz
VDD
27k
0.01
µF
27k
27k
27k
1.0
µF
1.0
µF
VAUDIOIN-
VAUDIOIN+
VAG 20
AI+ 19
AI- 18
AO 17
µ/A 16
VSS 15
FST 14
PCMT 13
BCLKT 12
MCLK 11
1 RO+
2 NC
3 PAI
4 PAO-
5 PAO+
6 VDD
7 FSR
8 PCMR
9 BCLKR
10 PUI
-
+
0.1
µF
VDD
Power
Control
2.048 MHz
PCM OUT
PCM IN
8 kHz
VDD
27k
27k
27k
27k
1.0
µF
1.0
µF
VAUDIOIN-
VAUDIOIN+
Figure 11.1 Typical circuit for Differential Analog I/O’s
VAG 20
AI+ 19
AI- 18
AO 17
µ/A 16
VSS 15
FST 14
PCMT 13
BCLKT 12
MCLK 11
1 VREF
2 RO-
3 PAI
4 PAO-
5 PAO+
6 VDD
7 FSR
8 PCMR
9 BCLKR
10 PUI
SOG
27kΩ
27k
0.1µF
VDD
2.048 MHz
PCM OUT
PCM IN
8 kHz
VDD
27kΩ
0.01µF
27kΩ
27kΩ
27kΩ
1.0 µF
1.0 µF
VAUDIOIN
AUDIO OUT
RL≥ 2kΩ
100µF
AUDIO OUT
RL≥ 150Ω
Power
Control
VAG 20
AI+ 19
AI- 18
AO 17
µ/A 16
VSS 15
FST 14
PCMT 13
BCLKT 12
MCLK 11
1 RO+
2 NC
3 PAI
4 PAO-
5 PAO+
6 VDD
7 FSR
8 PCMR
9 BCLKR
10 PUI
27kΩ
27k
0.1µF
VDD
2.048 MHz
PCM OUT
PCM IN
8 kHz
VDD
27kΩ
27kΩ
27kΩ
27kΩ
1.0 µF
1.0 µF
VAUDIOIN
AUDIO OUT
RL≥ 2kΩ
100µF
AUDIO OUT
RL≥ 150Ω
Power
Control
Figure 11.2 Typical circuit for Single Ended Analog I/O’s


Similar Part No. - W681511

ManufacturerPart #DatasheetDescription
logo
Winbond
W681511 WINBOND-W681511 Datasheet
406Kb / 34P
   SINGLE-CHANNEL VOICEBAND CODEC
W681511 WINBOND-W681511 Datasheet
520Kb / 33P
   SINGLE-CHANNEL VOICEBAND CODEC
logo
List of Unclassifed Man...
W681511 ETC2-W681511 Datasheet
283Kb / 32P
   SINGLE-CHANNEL VOICEBAND CODEC
logo
Winbond
W681511IS WINBOND-W681511IS Datasheet
520Kb / 33P
   SINGLE-CHANNEL VOICEBAND CODEC
logo
List of Unclassifed Man...
W681511SG ETC2-W681511SG Datasheet
283Kb / 32P
   SINGLE-CHANNEL VOICEBAND CODEC
More results

Similar Description - W681511

ManufacturerPart #DatasheetDescription
logo
Winbond
W6811 WINBOND-W6811 Datasheet
457Kb / 37P
   SINGLE-CHANNEL VOICEBAND CODEC
W681512 WINBOND-W681512 Datasheet
316Kb / 38P
   SINGLE-CHANNEL VOICEBAND CODEC
W6811 WINBOND-W6811_05 Datasheet
598Kb / 37P
   SINGLE-CHANNEL VOICEBAND CODEC
W6810 WINBOND-W6810 Datasheet
405Kb / 36P
   SINGLE-CHANNEL VOICEBAND CODEC
W681511 WINBOND-W681511_05 Datasheet
520Kb / 33P
   SINGLE-CHANNEL VOICEBAND CODEC
W681511 WINBOND-W681511 Datasheet
406Kb / 34P
   SINGLE-CHANNEL VOICEBAND CODEC
logo
List of Unclassifed Man...
W681511SG ETC2-W681511SG Datasheet
283Kb / 32P
   SINGLE-CHANNEL VOICEBAND CODEC
logo
Nuvoton Technology Corp...
W681512 NUVOTON-W681512 Datasheet
942Kb / 34P
   SINGLE-CHANNEL VOICEBAND CODEC
logo
Winbond
W6810 WINBOND-W6810_06 Datasheet
328Kb / 37P
   SINGLE-CHANNEL VOICEBAND CODEC
W681310 WINBOND-W681310_07 Datasheet
324Kb / 38P
   3V SINGLE-CHANNEL VOICEBAND CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com