Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W79E8213R Datasheet(PDF) 95 Page - Nuvoton Technology Corporation

Part # W79E8213R
Description  The W79E8213 series are an 8-bit 4T-8051 microcontroller which has Flash EPROM which is programmable by ICP (In Circuit Program) or by hardware writer.
Download  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

W79E8213R Datasheet(HTML) 95 Page - Nuvoton Technology Corporation

Back Button W79E8213R Datasheet HTML 88Page - Nuvoton Technology Corporation W79E8213R Datasheet HTML 89Page - Nuvoton Technology Corporation W79E8213R Datasheet HTML 90Page - Nuvoton Technology Corporation W79E8213R Datasheet HTML 91Page - Nuvoton Technology Corporation W79E8213R Datasheet HTML 92Page - Nuvoton Technology Corporation W79E8213R Datasheet HTML 93Page - Nuvoton Technology Corporation W79E8213R Datasheet HTML 94Page - Nuvoton Technology Corporation W79E8213R Datasheet HTML 95Page - Nuvoton Technology Corporation W79E8213R Datasheet HTML 96Page - Nuvoton Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 95 / 96 page
background image
W79E8213/W79E8213R Data Sheet
-95-
27.2 20-pin PDIP-300mil
1.63
1.47
0.064
0.058
Symbol
Min
Nom
Max
Max
Nom
Min
Dimension in inch
Dimension in mm
A
B
c
D
e
A
L
S
A
A
1
2
E
0.060
1.52
0.175
4.45
0.010
0.125
0.016
0.130
0.018
0.135
0.022
3.18
0.41
0.25
3.30
0.46
3.43
0.56
0.008
0.120
0.375
0.010
0.130
0.014
0.140
0.20
3.05
0.25
3.30
0.36
3.56
0.255
0.250
0.245
6.48
6.35
6.22
9.53
7.62
7.37
7.87
0.300
0.290
0.310
2.29
2.54
2.79
0.090
0.100
0.110
B1
1
e
E1
1.026
1.040
20.06
26.42
0
15
0.075
1.91
0.355
0.335
8.51
9.02
15
0
Seating Plane
A
e
2
A
c
E
Base Plane
1
A
1
e
L
A
S
1
E
D
1
B
B
20
1
10
11
α
α


Similar Part No. - W79E8213R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
W79E8213 ETC2-W79E8213 Datasheet
2Mb / 96P
   8-bit 4T-8051 microcontroller
More results

Similar Description - W79E8213R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
W79E8213 ETC2-W79E8213 Datasheet
2Mb / 96P
   8-bit 4T-8051 microcontroller
logo
Panasonic Semiconductor
AN12941A PANASONIC-AN12941A Datasheet
5Mb / 41P
   The AN12941A is an amplifier IC for stereo speakers which can output 1 W by 8 Ohm or 2 W by 4 Ohm
logo
ice Components, Ins.
IN08141 ICE-IN08141 Datasheet
57Kb / 2P
   Isat is the current at which the inductance drops by 20%.
IN08145 ICE-IN08145 Datasheet
36Kb / 2P
   Isat is the current at which the inductance drops by 20%.
IN08147 ICE-IN08147 Datasheet
36Kb / 2P
   Isat is the current at which the inductance drops by 15%.
IN07182 ICE-IN07182 Datasheet
36Kb / 2P
   Isat is the current at which the inductance drops by 20%.
IN08022 ICE-IN08022 Datasheet
56Kb / 2P
   Isat is the current at which the inductance drops by 15%.
IN08037 ICE-IN08037 Datasheet
58Kb / 2P
   Isat is the current at which the inductance drops by 20%.
IN08048 ICE-IN08048 Datasheet
56Kb / 2P
   Isat is the current at which the inductance drops by 20%.
IN08112 ICE-IN08112 Datasheet
38Kb / 2P
   Isat is the current at which the inductance drops by 20%.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com