Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY37032VP48-100BAI Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CY37032VP48-100BAI
Description  5V, 3.3V, ISRTM High-Performance CPLDs
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY37032VP48-100BAI Datasheet(HTML) 5 Page - Cypress Semiconductor

  CY37032VP48-100BAI Datasheet HTML 1Page - Cypress Semiconductor CY37032VP48-100BAI Datasheet HTML 2Page - Cypress Semiconductor CY37032VP48-100BAI Datasheet HTML 3Page - Cypress Semiconductor CY37032VP48-100BAI Datasheet HTML 4Page - Cypress Semiconductor CY37032VP48-100BAI Datasheet HTML 5Page - Cypress Semiconductor CY37032VP48-100BAI Datasheet HTML 6Page - Cypress Semiconductor CY37032VP48-100BAI Datasheet HTML 7Page - Cypress Semiconductor CY37032VP48-100BAI Datasheet HTML 8Page - Cypress Semiconductor CY37032VP48-100BAI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 64 page
background image
Ultra37000 CPLD Family
Document #: 38-03007 Rev. *D
Page 5 of 64
The buried macrocell also supports input register capability.
The buried macrocell can be configured to act as an input
register (D-type or latch) whose input comes from the I/O pin
associated with the neighboring macrocell. The output of all
buried macrocells is sent directly to the PIM regardless of its
configuration.
I/O Macrocell
Figure 2 illustrates the architecture of the I/O macrocell. The
I/O macrocell supports the same functions as the buried
macrocell with the addition of I/O capability. At the output of the
macrocell, a polarity control mux is available to select active
LOW or active HIGH signals. This has the added advantage
of allowing significant logic reduction to occur in many appli-
cations.
The Ultra37000 macrocell features a feedback path to the PIM
separate from the I/O pin input path. This means that if the
macrocell is buried (fed back internally only), the associated
I/O pin can still be used as an input.
Bus Hold Capabilities on all I/Os
Bus-hold, which is an improved version of the popular internal
pull-up resistor, is a weak latch connected to the pin that does
not degrade the device’s performance. As a latch, bus-hold
maintains the last state of a pin when the pin is placed in a
high-impedance state, thus reducing system noise in
bus-interface
applications.
Bus-hold
additionally
allows
unused device pins to remain unconnected on the board,
which is particularly useful during prototyping as designers can
route new signals to the device without cutting trace connec-
tions to VCC or GND. For more information, see the application
note Understanding Bus-Hold—A Feature of Cypress CPLDs.
Programmable Slew Rate Control
Each output has a programmable configuration bit, which sets
the output slew rate to fast or slow. For designs concerned with
meeting FCC emissions standards the slow edge provides for
lower system noise. For designs requiring very high perfor-
mance the fast edge rate provides maximum system perfor-
mance.
C2 C3
DECODE
C2 C3
DECODE
0
1
2
3
O
C6 C5
“0”
“1”
0
1
O
D/T/L
Q
R
P
0
1
2
3
O
C0
0
1
O
C4
FEEDBACK TO PIM
FEEDBACK TO PIM
BLOCK RESET
0
16
TERMS
I/O MACROCELL
I/O CELL
FROM PTM
0
1
O
D/T/L
Q
R
P
FROM PTM
1
O
C7
FEEDBACK TO PIM
BURIED MACROCELL
0
ASYNCHRONOUS
PRODUCT
0
16
TERMS
PRODUCT
C1
4
0
1
2
3
Q
4
C24
C0 C1 C24
C25
C25
4 SYNCHRONOUS CLOCKS (CLK0,CLK1,CLK2,CLK3)
1 ASYNCHRONOUS CLOCK(PTCLK)
BLOCK PRESET
ASYNCHRONOUS
FAST
SLOW
C26
SLEW
0
1
0
1
0
1
0
1
OE0 OE1
Figure 2. I/O and Buried Macrocells


Similar Part No. - CY37032VP48-100BAI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY37032VP48-100BAI CYPRESS-CY37032VP48-100BAI Datasheet
1Mb / 62P
   5V, 3.3V, ISR??High-Performance CPLDs
More results

Similar Description - CY37032VP48-100BAI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
ULTRA37000 CYPRESS-ULTRA37000 Datasheet
1Mb / 63P
   5V, 3.3V, ISR??High-Performance CPLDs
CY37000 CYPRESS-CY37000 Datasheet
1Mb / 67P
   5V, 3.3V, ISR High-Performance CPLDs
ULTRA37000 CYPRESS-ULTRA37000_04 Datasheet
2Mb / 64P
   5V, 3.3V, ISR High-Performance CPLDs
CY37256P160-125UMB CYPRESS-CY37256P160-125UMB Datasheet
2Mb / 64P
   5V, 3.3V, ISR??High-Performance CPLDs
CY37032 CYPRESS-CY37032 Datasheet
1Mb / 62P
   5V, 3.3V, ISR??High-Performance CPLDs
logo
Micrel Semiconductor
SY89423V MICREL-SY89423V_07 Datasheet
80Kb / 8P
   5V/3.3V DUAL HIGH-PERFORMANCE
SY89421V MICREL-SY89421V Datasheet
81Kb / 8P
   5V/3.3V HIGH-PERFORMANCE PHASE LOCKED LOOP
SY89423V MICREL-SY89423V Datasheet
98Kb / 8P
   5V/3.3V DUAL HIGH-PERFORMANCE PHASE LOCKED LOOP
logo
Golledge Electronics Lt...
GVXO-25 GOLLEDGE-GVXO-25 Datasheet
541Kb / 4P
   5V High Performance VCXO
logo
Exar Corporation
SP211EH EXAR-SP211EH Datasheet
745Kb / 16P
   High Speed 5V High Performance
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com