Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

93C66BTISN Datasheet(PDF) 10 Page - Microchip Technology

Part # 93C66BTISN
Description  4K Microwire Compatible Serial EEPROM
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

93C66BTISN Datasheet(HTML) 10 Page - Microchip Technology

Back Button 93C66BTISN Datasheet HTML 6Page - Microchip Technology 93C66BTISN Datasheet HTML 7Page - Microchip Technology 93C66BTISN Datasheet HTML 8Page - Microchip Technology 93C66BTISN Datasheet HTML 9Page - Microchip Technology 93C66BTISN Datasheet HTML 10Page - Microchip Technology 93C66BTISN Datasheet HTML 11Page - Microchip Technology 93C66BTISN Datasheet HTML 12Page - Microchip Technology 93C66BTISN Datasheet HTML 13Page - Microchip Technology 93C66BTISN Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
93AA66A/B/C, 93LC66A/B/C, 93C66A/B/C
DS21795B-page 10
 2003 Microchip Technology Inc.
2.9
WRITE ALL (WRAL)
The Write All (WRAL) instruction will write the entire
memory array with the data specified in the command.
For 93AA66A/B/C and 93LC66A/B/C devices, after the
last data bit is clocked into DI, the falling edge of CS
initiates the self-timed auto-erase and programming
cycle. For 93C66A/B/C devices, the self-timed auto-
erase and programming cycle is initiated by the rising
edge of CLK on the last data bit. Clocking of the CLK
pin is not necessary after the device has entered the
WRAL cycle. The WRAL command does include an
automatic ERAL cycle for the device. Therefore, the
WRAL
instruction does not require an ERAL instruction
but the chip must be in the EWEN status.
The DO pin indicates the READY/BUSY status of the
device if CS is brought high after a minimum of 250 ns
low (TCSL).
Note:
Issuing a Start bit and then taking CS low
will clear the READY/BUSY status from
DO.
VCC must be
≥ 4.5V for proper operation of WRAL.
FIGURE 2-10:
WRAL TIMING FOR 93AA AND 93LC DEVICES
FIGURE 2-11:
WRAL TIMING FOR 93C DEVICES
CS
CLK
DI
DO
HIGH-Z
1
0
0
01
X
•••
X
Dx
•••
D0
HIGH-Z
BUSY
READY
TWL
VCC must be
≥ 4.5V for proper operation of WRAL.
TCSL
TSV
TCZ
CS
CLK
DI
DO
HIGH-Z
1
0
0
01
X
•••
X
Dx
•••
D0
HIGH-Z
BUSY
READY
TWL
TCSL
TSV
TCZ


Similar Part No. - 93C66BTISN

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
93C66BT-E/CH MICROCHIP-93C66BT-E/CH Datasheet
738Kb / 38P
   1K-16K Microwire Compatible Serial EEPROMs
2007
93C66BT-E/MC MICROCHIP-93C66BT-E/MC Datasheet
738Kb / 38P
   1K-16K Microwire Compatible Serial EEPROMs
2007
93C66BT-E/MS MICROCHIP-93C66BT-E/MS Datasheet
738Kb / 38P
   1K-16K Microwire Compatible Serial EEPROMs
2007
93C66BT-E/OT MICROCHIP-93C66BT-E/OT Datasheet
738Kb / 38P
   1K-16K Microwire Compatible Serial EEPROMs
2007
93C66BT-E/P MICROCHIP-93C66BT-E/P Datasheet
738Kb / 38P
   1K-16K Microwire Compatible Serial EEPROMs
2007
More results

Similar Description - 93C66BTISN

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
93AA66A MICROCHIP-93AA66A_05 Datasheet
442Kb / 28P
   4K Microwire Compatible Serial EEPROM
2005
93LC66BSN MICROCHIP-93LC66BSN Datasheet
303Kb / 25P
   4K Microwire Compatible Serial EEPROM
07/28/03
93LC66AB MICROCHIP-93LC66AB Datasheet
185Kb / 12P
   4K 2.5V Microwire Serial EEPROM
1997
93LC66A MICROCHIP-93LC66A Datasheet
225Kb / 12P
   4K 2.5V Microwire Serial EEPROM
1998 - 2000
93AA46A MICROCHIP-93AA46A_13 Datasheet
1Mb / 38P
   1K Microwire Compatible Serial EEPROM
11/29/12
93AA56A MICROCHIP-93AA56A Datasheet
388Kb / 24P
   2K Microwire Compatible Serial EEPROM
2003
93AA56A MICROCHIP-93AA56A_07 Datasheet
487Kb / 28P
   2K Microwire Compatible Serial EEPROM
2007
93AA76A MICROCHIP-93AA76A_12 Datasheet
744Kb / 36P
   8K Microwire Compatible Serial EEPROM
11/29/11
93LC86C-ISN MICROCHIP-93LC86C-ISN Datasheet
431Kb / 26P
   16K Microwire Compatible Serial EEPROM
01/26/04
93LC56BT-I MICROCHIP-93LC56BT-I Datasheet
474Kb / 30P
   2K Microwire Compatible Serial EEPROM
01/02/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com