Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRFP2410 Datasheet(PDF) 3 Page - International Rectifier

Part # IRFP2410
Description  Fourth Generation HEXFETs from International Rectifier utilize advanced processing techniques to achieve the lowest possible on-resistance per silicon
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFP2410 Datasheet(HTML) 3 Page - International Rectifier

  IRFP2410 Datasheet HTML 1Page - International Rectifier IRFP2410 Datasheet HTML 2Page - International Rectifier IRFP2410 Datasheet HTML 3Page - International Rectifier IRFP2410 Datasheet HTML 4Page - International Rectifier IRFP2410 Datasheet HTML 5Page - International Rectifier IRFP2410 Datasheet HTML 6Page - International Rectifier IRFP2410 Datasheet HTML 7Page - International Rectifier IRFP2410 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Fig 3. Typical Transfer Characteristics
Fig 4. Normalized On-Resistance
Vs. Temperature
IRFP2410
Fig 1. Typical Output Characteristics,
TC = 25oC
Fig 2. Typical Output Characteristics,
TC = 175oC
1
10
100
1000
0.01
0.1
1
10
100
V
, Drain-to-Source Voltage (V)
DS
VGS
TOP
15V
10V
8.0V
7.0V
6.0V
5.5V
5.0V
BOTTOM 4.5V
20µs PULSE WIDTH
T = 25°C
C
A
4.5V
1
10
100
1000
0.01
0.1
1
10
100
4.5V
V
, Drain-to-Source Voltage (V)
DS
VGS
TOP
15V
10V
8.0V
7.0V
6.0V
5.5V
5.0V
BOTTOM 4.5V
20µs PULSE WIDTH
T = 175°C
C
A
1
10
100
1000
4
5
6
7
8
9
10
T = 25°C
J
GS
V
, Gate-to-Source Voltage (V)
V
= 50V
20µs PULSE WIDTH
DS
T = 175°C
J
A
0.0
0.5
1.0
1.5
2.0
2.5
3.0
-60 -40 -20
0
20
40
60
80
100 120 140 160 180
J
T , Junction Temperature (°C)
V
= 10V
GS
A
I
= 61A
D


Similar Part No. - IRFP2410

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IRFP241R ISC-IRFP241R Datasheet
67Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - IRFP2410

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP01L60AT A-POWER-AP01L60AT_10 Datasheet
111Kb / 5P
   Advanced Power MOSFETs utilized advanced processing techniques to achieve the lowest possible on-resistance, extremely efficient and costeffectiveness effectiveness
logo
Infineon Technologies A...
AUIRF1018ES INFINEON-AUIRF1018ES Datasheet
664Kb / 10P
   Specifically designed for Automotive applications, this HEXFET짰 Power MOSFET utilizes the latest processing techniques to achieve extremely low on-resistance per silicon area.
2015-11-23
logo
International Rectifier
IRF6621 IRF-IRF6621 Datasheet
254Kb / 9P
   The IRF6621 combines the latest HEXFET Power MOSFET Silicon technology with the advanced DirectFET packaging to achieve the lowest on-state resistance
logo
Lumileds Lighting Compa...
PB163 LUMILEDS-PB163 Datasheet
1Mb / 2P
   Unmatched flux density with the lowest thermal resistance enabling never before possible form factors
DS163 LUMILEDS-DS163 Datasheet
1Mb / 15P
   Unmatched flux density with the lowest thermal resistance enabling never before possible form factors
L1V1-407003VX00000 LUMILEDS-L1V1-407003VX00000 Datasheet
1Mb / 15P
   Unmatched flux density with the lowest thermal resistance enabling never before possible form factors
20190504
logo
Integrated Device Techn...
841N4830 IDT-841N4830 Datasheet
687Kb / 28P
   Fourth generation FemtoClock
IDT8N3SV75 IDT-IDT8N3SV75 Datasheet
384Kb / 19P
   Fourth generation FemtoClock
IDT8V19N476-01I IDT-IDT8V19N476-01I Datasheet
51Kb / 2P
   Fourth generation FemtoClock
IDT8N3S272 IDT-IDT8N3S272 Datasheet
474Kb / 18P
   Fourth generation FemtoClock
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com