Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD5381BST-3 Datasheet(PDF) 1 Page - Analog Devices

Part # AD5381BST-3
Description  40-Channel, 3 V/5 V, Single-Supply, 12-Bit, Voltage Output DAC
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5381BST-3 Datasheet(HTML) 1 Page - Analog Devices

  AD5381BST-3 Datasheet HTML 1Page - Analog Devices AD5381BST-3 Datasheet HTML 2Page - Analog Devices AD5381BST-3 Datasheet HTML 3Page - Analog Devices AD5381BST-3 Datasheet HTML 4Page - Analog Devices AD5381BST-3 Datasheet HTML 5Page - Analog Devices AD5381BST-3 Datasheet HTML 6Page - Analog Devices AD5381BST-3 Datasheet HTML 7Page - Analog Devices AD5381BST-3 Datasheet HTML 8Page - Analog Devices AD5381BST-3 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
40-Channel, 3 V/5 V, Single-Supply,
12-Bit, Voltage Output DAC
AD5381
Rev. A
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.326.8703
© 2004 Analog Devices, Inc. All rights reserved.
FEATURES
Guaranteed monotonic
INL error: ±1 LSB max
On-chip 1.25 V/2.5 V, 10 ppm/°C reference
Temperature range: –40°C to +85°C
Rail-to-rail output amplifier
Power-down
Package type: 100-lead LQFP (14 mm × 14 mm)
User Interfaces:
Parallel
Serial (SPI®/QSPI™/MICROWIRE™/DSP compatible,
featuring data readback)
I2C® compatible
INTEGRATED FUNCTIONS
Channel monitor
Simultaneous output update via LDAC
Clear function to user programmable code
Amplifier boost mode to optimize slew rate
User programmable offset and gain adjust
Toggle mode enables square wave generation
Thermal monitors
APPLICATIONS
Variable optical attenuators (VOA)
Level setting (ATE)
Optical micro-electro-mechanical systems (MEMs)
Control systems
Instrumentation
FUNCTIONAL BLOCK DIAGRAM
R
R
VOUT0
DAC 0
DAC
REG 0
INPUT
REG 0
12
12
12
12
12
12
m REG 0
c REG 0
1.25V/2.5V
REFERENCE
POWER-ON
RESET
39-TO-1
MUX
R
R
VOUT1
VOUT2
VOUT3
VOUT4
VOUT5
DAC 1
DAC
REG 1
INPUT
REG 1
12
12
12
12
12
12
m REG 1
c REG 1
R
R
VOUT6
DAC 6
DAC
REG 6
INPUT
REG 6
12
12
12
12
12
12
m REG 6
c REG 6
R
R
VOUT7
VOUT8
DAC 7
DAC
REG 7
INPUT
REG 7
12
12
12
12
12
12
m REG 7
c REG 7
×5
FIFO
+
STATE
MACHINE
+
CONTROL
LOGIC
INTERFACE
CONTROL
LOGIC
DB11/(DIN/SDA)
DB10/(SCLK/SCL)
DB9/(SPI/I2C)
DB8
A5
A0
VOUT 0………VOUT 38
REG 0
REG 1
RESET
BUSY
CLR
PD
SER/PAR
FIFO EN
CS/(SYNC/AD 0)
WR/(DCEN/AD 1)
SDO
VOUT 39/MON_OUT
LDAC
VOUT38
DVDD (×3)
DGND (×3)
AVDD (×5)
AGND (×5)
DAC GND (×5)
REFGND
REFOUT/REFIN
SIGNAL GND (×5)
AD5381
DB0
Figure 1.


Similar Part No. - AD5381BST-3

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5381BST-3 AD-AD5381BST-3 Datasheet
616Kb / 40P
   32-Channel, 3 V/5 V, Single-Supply, 14-Bit, Voltage Output DAC
REV. 0
AD5381BST-3 AD-AD5381BST-3 Datasheet
766Kb / 28P
   32-Channel, 14-Bit, Parallel and Serial Input, Bipolar Voltage Output DAC
Rev. PrA
More results

Similar Description - AD5381BST-3

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5383 AD-AD5383 Datasheet
1Mb / 40P
   32-Channel, 3 V/5 V, Single-Supply, 12-Bit, Voltage Output DAC
REV. 0
AD5384 AD-AD5384 Datasheet
1Mb / 36P
   40-Channel, 3 V/5 V, Single-Supply, Serial, 14-Bit Voltage Output DAC
REV. A
AD5382 AD-AD5382 Datasheet
616Kb / 40P
   32-Channel, 3 V/5 V, Single-Supply, 14-Bit, Voltage Output DAC
REV. 0
AD5381 AD-AD5381_15 Datasheet
805Kb / 40P
   40-Channel, 3 V/5 V, Single-Supply, 12-Bit, denseDAC
Rev. E
AD5381BSTZ-5 AD-AD5381BSTZ-5 Datasheet
1Mb / 40P
   40-Channel, 3 V/5 V, Single-Supply 12-Bit, denseDAC
Rev. D
AD5380 AD-AD5380_15 Datasheet
1Mb / 40P
   40-Channel, 3 V/5 V, Single-Supply, 14-Bit, denseDAC
REV. D
AD5383 AD-AD5383_15 Datasheet
726Kb / 40P
   32-Channel, 3 V/5 V, Single-Supply, 12-Bit, denseDAC
REV. D
AD5391 AD-AD5391_15 Datasheet
900Kb / 44P
   8-/16-Channel, 3 V/5 V, Serial Input, Single-Supply, 12-/14-Bit Voltage Output
Rev. F
AD5392 AD-AD5392_15 Datasheet
900Kb / 44P
   8-/16-Channel, 3 V/5 V, Serial Input, Single-Supply, 12-/14-Bit Voltage Output
Rev. F
AD5390 AD-AD5390_15 Datasheet
900Kb / 44P
   8-/16-Channel, 3 V/5 V, Serial Input, Single-Supply, 12-/14-Bit Voltage Output
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com