Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ALC5610 Datasheet(PDF) 10 Page - Realtek Semiconductor Corp.

Part No. ALC5610
Description  AC??7 AUDIO CODEC TOUCH PANEL CONTROLLER
Download  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REALTEK [Realtek Semiconductor Corp.]
Direct Link  https://www.realtek.com/en/
Logo REALTEK - Realtek Semiconductor Corp.

ALC5610 Datasheet(HTML) 10 Page - Realtek Semiconductor Corp.

Back Button ALC5610 Datasheet HTML 6Page - Realtek Semiconductor Corp. ALC5610 Datasheet HTML 7Page - Realtek Semiconductor Corp. ALC5610 Datasheet HTML 8Page - Realtek Semiconductor Corp. ALC5610 Datasheet HTML 9Page - Realtek Semiconductor Corp. ALC5610 Datasheet HTML 10Page - Realtek Semiconductor Corp. ALC5610 Datasheet HTML 11Page - Realtek Semiconductor Corp. ALC5610 Datasheet HTML 12Page - Realtek Semiconductor Corp. ALC5610 Datasheet HTML 13Page - Realtek Semiconductor Corp. ALC5610 Datasheet HTML 14Page - Realtek Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 93 page
background image
ALC5610
Datasheet
AC’97 Audio Codec + Touch Panel Controller + Voice
PCM Interface
1
Track ID: JATR-1076-21
Rev. 1.4
1. General Description
The ALC5610 is a highly-integrated dual AC'97/PCM interface audio codec with multiple input/output
ports and a 4-wire touch panel controller. The ALC5610 is designed for mobile computing and
communications.
Stereo audio is supported via the AC’97 interface, and voice functions via a PCM/I2S interface. To reduce
component count, the device can connect directly to:
• A 4-wire touch panel
• MONO or stereo differential analog inputs
• Stereo headphone
• Single-ended or BTL MONO output
• MONO or Stereo Bridge-Tied Load (BTL) speaker
Multiple analog input and output pins are provided for seamless integration with analog connected
wireless communication devices. Differential input/output connections efficiently reduce noise
interference, providing better sound quality. Class-AB or Class-D amplifiers are easily swapped via
simple register configuration, and the 1.7 Watt speaker removes the need for an additional amplifier,
further cutting both cost and required board area. Additionally, a flexible hardware 5-band equalizer with
configurable gain, bandwidth, and center frequency, and enriches the sound experience.
ALC5610 Digital power operates at supply voltages from 1.8V to 3.6V. Analog power operates from
2.3V to 3.6V, and Speaker power operates from 2.3V to 5V. To extend battery life, each section of the
device can be powered down individually under software control. Leakage current in maximum power
saving state is less than 10µA.
The ALC5610 is available in a 7x7mm ‘Green’ QFN package, making it ideal for use in handheld
portable systems.


Similar Part No. - ALC5610

ManufacturerPart No.DatasheetDescription
Realtek Semiconductor Corp.
Realtek Semiconductor C...
ALC5610 REALTEK-ALC5610 Datasheet
1Mb / 91P
   AC??7 AUDIO CODEC TOUCH PANEL CONTROLLER
ALC5610 REALTEK-ALC5610 Datasheet
1Mb / 89P
   AC??7 AUDIO CODEC TOUCH PANEL CONTROLLER
ALC5610-GR REALTEK-ALC5610-GR Datasheet
1Mb / 89P
   AC??7 AUDIO CODEC TOUCH PANEL CONTROLLER
ALC5610-GR REALTEK-ALC5610-GR Datasheet
1Mb / 91P
   AC??7 AUDIO CODEC TOUCH PANEL CONTROLLER
ALC5610-GRT REALTEK-ALC5610-GRT Datasheet
1Mb / 89P
   AC??7 AUDIO CODEC TOUCH PANEL CONTROLLER
More results

Similar Description - ALC5610

ManufacturerPart No.DatasheetDescription
Realtek Semiconductor Corp.
Realtek Semiconductor C...
ALC5610-GR REALTEK-ALC5610-GR Datasheet
1Mb / 89P
   AC??7 AUDIO CODEC TOUCH PANEL CONTROLLER
ALC5610 REALTEK-ALC5610 Datasheet
1Mb / 91P
   AC??7 AUDIO CODEC TOUCH PANEL CONTROLLER
ALC5611 REALTEK-ALC5611_09 Datasheet
1Mb / 77P
   AC??7 AUDIO CODEC TOUCH PANEL CONTROLLER
ALC5611-GR REALTEK-ALC5611-GR Datasheet
1Mb / 73P
   AC??7 AUDIO CODEC TOUCH PANEL CONTROLLER
ALC5611 REALTEK-ALC5611 Datasheet
1Mb / 79P
   AC??7 AUDIO CODEC TOUCH PANEL CONTROLLER
Asahi Kasei Microsystems
Asahi Kasei Microsystem...
AK4533 AKM-AK4533 Datasheet
455Kb / 40P
   Audio Codec with Touch Screen Controller
Rohm
Rohm
BU26154MUV ROHM-BU26154MUV_15 Datasheet
1Mb / 90P
   Monaural Audio CODEC with Touch Panel Interface
Texas Instruments
Texas Instruments
TSC2300 TI-TSC2300 Datasheet
1Mb / 81P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH AUDIO CODEC
Burr-Brown (TI)
Burr-Brown (TI)
TSC2302 BURR-BROWN-TSC2302 Datasheet
1Mb / 81P
   PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH STEREO AUDIO CODEC
Texas Instruments
Texas Instruments
TSC2301 TI-TSC2301 Datasheet
1Mb / 92P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH STEREO AUDIO CODEC
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz