Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NANO908-NA1AN Datasheet(PDF) 11 Page - Nuvoton Technology Corporation

Part # NANO908-NA1AN
Description  ARM짰 Cortex짰-M 32-bit Microcontroller
Download  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

NANO908-NA1AN Datasheet(HTML) 11 Page - Nuvoton Technology Corporation

Back Button NANO908-NA1AN Datasheet HTML 7Page - Nuvoton Technology Corporation NANO908-NA1AN Datasheet HTML 8Page - Nuvoton Technology Corporation NANO908-NA1AN Datasheet HTML 9Page - Nuvoton Technology Corporation NANO908-NA1AN Datasheet HTML 10Page - Nuvoton Technology Corporation NANO908-NA1AN Datasheet HTML 11Page - Nuvoton Technology Corporation NANO908-NA1AN Datasheet HTML 12Page - Nuvoton Technology Corporation NANO908-NA1AN Datasheet HTML 13Page - Nuvoton Technology Corporation NANO908-NA1AN Datasheet HTML 14Page - Nuvoton Technology Corporation NANO908-NA1AN Datasheet HTML 15Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 160 page
background image
NUMICRO® NANO100 (B) DATASHEET
May 31, 2016
Page 11 of 160
Revision 1.08
Supports address direction: increment, fixed, and wrap around
CRC
Supports four common polynomials CRC-CCITT, CRC-8, CRC-16, and
CRC-32
CRC-CCITT: X
16 + X12 + X5 + 1
CRC-8: X
8 + X2 + X + 1
CRC-16: X
16 + X15 + X2 + 1
CRC-32: X
32 + X26 + X23 + X22 + X16 + X12 + X11 + X10 + X8 + X7 + X5 +
X
4 + X2 + X + 1
Clock Control
Flexible selection for different applications
Built-in 12 MHz OSC, can be trimmed to 0.25% deviation within all temperature
range when turning on auto-trim function (system must have external 32.768
kHz crystal input) otherwise 12 MHz OSC has 2 % deviation within all
temperarure range.
Low power 10 kHz OSC for watchdog and low power system operation
Supports one PLL, up to 120 MHz, for high performance system operation and
USB application (48 MHz).
External 4~24 MHz crystal input for precise timing operation
External 32.768 kHz crystal input for RTC function and low power system
operation
GPIO
Three I/O modes:
Push-Pull output
Open-Drain output
Input only with high impendence
All inputs with Schmitt trigger
I/O pin configured as interrupt source with edge/level setting
Supports High Driver and High Sink I/O mode
Supports input 5V tolerance, except PA.0 ~ PA.7, PD.0 ~ PD.1 and PC.6 ~ PC.7
Timer
Supports 4 sets of 32-bit timers, each with 24-bit up-counting timer and one 8-bit
pre-scale counter
Independent Clock Source for each timer
Provides one-shot,periodic, output toggle and continuous operation modes
Internal trigger event to ADC, DAC and PDMA
Supports PDMA mode
Wake system up from Power-down mode
Watchdog Timer
Clock Source from LIRC (Internal 10 kHz Low Speed Oscillator Clock)


Similar Part No. - NANO908-NA1AN

ManufacturerPart #DatasheetDescription
logo
Nuvoton Technology Corp...
NANO908LA0AN NUVOTON-NANO908LA0AN Datasheet
1Mb / 95P
   ARM짰 Cortex짰-M 32-bit Microcontroller
NANO908LA1AN NUVOTON-NANO908LA1AN Datasheet
1Mb / 95P
   ARM짰 Cortex짰-M 32-bit Microcontroller
NANO908LA2AN NUVOTON-NANO908LA2AN Datasheet
1Mb / 95P
   ARM짰 Cortex짰-M 32-bit Microcontroller
NANO908LB0AN NUVOTON-NANO908LB0AN Datasheet
1Mb / 95P
   ARM짰 Cortex짰-M 32-bit Microcontroller
NANO908LB1AN NUVOTON-NANO908LB1AN Datasheet
1Mb / 95P
   ARM짰 Cortex짰-M 32-bit Microcontroller
More results

Similar Description - NANO908-NA1AN

ManufacturerPart #DatasheetDescription
logo
Nuvoton Technology Corp...
M031 NUVOTON-M031_V01 Datasheet
4Mb / 288P
   Arm짰 Cortex짰-M 32-bit Microcontroller
NUC131SD2AEU NUVOTON-NUC131SD2AEU Datasheet
1Mb / 72P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M031 NUVOTON-M031 Datasheet
4Mb / 274P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M261 NUVOTON-M261 Datasheet
10Mb / 398P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M4521 NUVOTON-M4521 Datasheet
2Mb / 117P
   Arm짰 Cortex짰-M 32-bit Microcontroller
NUC100 NUVOTON-NUC100_15 Datasheet
1Mb / 107P
   ARM짰 Cortex짰-M 32-bit Microcontroller
M0515 NUVOTON-M0515 Datasheet
5Mb / 422P
   Arm짰 Cortex짰-M 32-bit Microcontroller
NANO100 NUVOTON-NANO100_15 Datasheet
1Mb / 95P
   ARM짰 Cortex짰-M 32-bit Microcontroller
NUC029XDE NUVOTON-NUC029XDE Datasheet
1Mb / 70P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M4TK NUVOTON-M4TK Datasheet
3Mb / 144P
   ARM짰 Cortex짰-M 32-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com