Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NANO908-NA1AN Datasheet(PDF) 97 Page - Nuvoton Technology Corporation

Part # NANO908-NA1AN
Description  ARM짰 Cortex짰-M 32-bit Microcontroller
Download  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

NANO908-NA1AN Datasheet(HTML) 97 Page - Nuvoton Technology Corporation

Back Button NANO908-NA1AN Datasheet HTML 93Page - Nuvoton Technology Corporation NANO908-NA1AN Datasheet HTML 94Page - Nuvoton Technology Corporation NANO908-NA1AN Datasheet HTML 95Page - Nuvoton Technology Corporation NANO908-NA1AN Datasheet HTML 96Page - Nuvoton Technology Corporation NANO908-NA1AN Datasheet HTML 97Page - Nuvoton Technology Corporation NANO908-NA1AN Datasheet HTML 98Page - Nuvoton Technology Corporation NANO908-NA1AN Datasheet HTML 99Page - Nuvoton Technology Corporation NANO908-NA1AN Datasheet HTML 100Page - Nuvoton Technology Corporation NANO908-NA1AN Datasheet HTML 101Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 160 page
background image
NUMICRO® NANO100 (B) DATASHEET
May 31, 2016
Page 97 of 160
Revision 1.08
4
BLOCK DIAGRAM
4.1
Nano100 Block Diagram
Peripherals with PDMA
EBI
FLASH
123/64/
32 KB
Cortex-M0
42 MHz
DMA
CLK_CTL
ISP 4KB
SRAM
16/8 KB
PWM 1
Timer 2/3
UART 1
SPI 1
I2S
I2C 1
I2C 0
PWM 0
Timer 0/1
UART 0
SPI 0
SPI 2
RTC
1.8/2.5V REF
1.8V LDO
(input: 1.8 ~ 3.6V)
POR (1.8V)
BOD (1.7/2.0/2.5 V)
SC 0/UART3
TEMP Sensor
WDT
Peripherals with wake-up
NOTE: BOD can wake up system.
External interrupts, included in GPIO, can wake up system, too.
SC 1/UART4
GPIO
A,B,C,D,E,F
P
L
L
HXT
LXT
HIRC
LIRC
12-b ADC
12-b DAC
SC 2/UART5
Figure 4‑1 NuMicro
® Nano100 Block Diagram


Similar Part No. - NANO908-NA1AN

ManufacturerPart #DatasheetDescription
logo
Nuvoton Technology Corp...
NANO908LA0AN NUVOTON-NANO908LA0AN Datasheet
1Mb / 95P
   ARM짰 Cortex짰-M 32-bit Microcontroller
NANO908LA1AN NUVOTON-NANO908LA1AN Datasheet
1Mb / 95P
   ARM짰 Cortex짰-M 32-bit Microcontroller
NANO908LA2AN NUVOTON-NANO908LA2AN Datasheet
1Mb / 95P
   ARM짰 Cortex짰-M 32-bit Microcontroller
NANO908LB0AN NUVOTON-NANO908LB0AN Datasheet
1Mb / 95P
   ARM짰 Cortex짰-M 32-bit Microcontroller
NANO908LB1AN NUVOTON-NANO908LB1AN Datasheet
1Mb / 95P
   ARM짰 Cortex짰-M 32-bit Microcontroller
More results

Similar Description - NANO908-NA1AN

ManufacturerPart #DatasheetDescription
logo
Nuvoton Technology Corp...
M031 NUVOTON-M031_V01 Datasheet
4Mb / 288P
   Arm짰 Cortex짰-M 32-bit Microcontroller
NUC131SD2AEU NUVOTON-NUC131SD2AEU Datasheet
1Mb / 72P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M031 NUVOTON-M031 Datasheet
4Mb / 274P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M261 NUVOTON-M261 Datasheet
10Mb / 398P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M4521 NUVOTON-M4521 Datasheet
2Mb / 117P
   Arm짰 Cortex짰-M 32-bit Microcontroller
NUC100 NUVOTON-NUC100_15 Datasheet
1Mb / 107P
   ARM짰 Cortex짰-M 32-bit Microcontroller
M0515 NUVOTON-M0515 Datasheet
5Mb / 422P
   Arm짰 Cortex짰-M 32-bit Microcontroller
NANO100 NUVOTON-NANO100_15 Datasheet
1Mb / 95P
   ARM짰 Cortex짰-M 32-bit Microcontroller
NUC029XDE NUVOTON-NUC029XDE Datasheet
1Mb / 70P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M4TK NUVOTON-M4TK Datasheet
3Mb / 144P
   ARM짰 Cortex짰-M 32-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com