Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NANO908-NA1AN Datasheet(PDF) 56 Page - Nuvoton Technology Corporation

Part # NANO908-NA1AN
Description  ARM짰 Cortex짰-M 32-bit Microcontroller
Download  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

NANO908-NA1AN Datasheet(HTML) 56 Page - Nuvoton Technology Corporation

Back Button NANO908-NA1AN Datasheet HTML 52Page - Nuvoton Technology Corporation NANO908-NA1AN Datasheet HTML 53Page - Nuvoton Technology Corporation NANO908-NA1AN Datasheet HTML 54Page - Nuvoton Technology Corporation NANO908-NA1AN Datasheet HTML 55Page - Nuvoton Technology Corporation NANO908-NA1AN Datasheet HTML 56Page - Nuvoton Technology Corporation NANO908-NA1AN Datasheet HTML 57Page - Nuvoton Technology Corporation NANO908-NA1AN Datasheet HTML 58Page - Nuvoton Technology Corporation NANO908-NA1AN Datasheet HTML 59Page - Nuvoton Technology Corporation NANO908-NA1AN Datasheet HTML 60Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 160 page
background image
NUMICRO® NANO100 (B) DATASHEET
May 31, 2016
Page 56 of 160
Revision 1.08
Pin No.
Pin Name
Pin
Type
Description
LQFP
128-pin
LQFP
64-pin
LQFP/QFN
48-pin
SPI2_MISO1
I/O
SPI2 2
nd MISO (Master In, Slave Out) pin
SC1_CD
I
SmartCard1 card detect
106
PD.5
I/O
General purpose digital I/O pin
I2S_DO
O
I
2S data output
SPI2_MOSI1
I/O
SPI2 2
nd MOSI (Master Out, Slave In) pin
107
53
41
PC.7
I/O
General purpose digital I/O pin
DA1_OUT
AO
DAC 1 output
EBI_AD5
I/O
EBI Address/Data bus bit5
TC1
I
Timer1 capture input
PWM0_CH1
O
PWM1 Channel1 output
108
54
42
PC.6
I/O
General purpose digital I/O pin
DA0_OUT
I
DAC0 output
EBI_AD4
I/O
EBI Address/Data bus bit4
TC0
I
Timer0 capture input
SC1_CD
I
SmartCard1 card detect pin
PWM0_CH0
O
PWM0 Channel0 output
109
55
PC.15
I/O
General purpose digital I/O pin
EBI_AD3
I/O
EBI Address/Data bus bit3
TC0
I
Timer0 capture input
PWM1_CH2
O
PWM1 Channel1 output
110
56
PC.14
I/O
General purpose digital I/O pin
EBI_AD2
I/O
EBI Address/Data bus bit2
PWM1_CH3
I/O
PWM1 Channel3 output
111
57
43
PB.15
I/O
General purpose digital I/O pin
INT1
I
External interrupt1 input pin
SNOOPER
I
Snooper pin
SC1_CD
I
SmartCard1 card detect
112
NC
113
58
44
XT1_IN
O
External 4~24 MHz crystal output pin
PF.3
I/O
General purpose digital I/O pin


Similar Part No. - NANO908-NA1AN

ManufacturerPart #DatasheetDescription
logo
Nuvoton Technology Corp...
NANO908LA0AN NUVOTON-NANO908LA0AN Datasheet
1Mb / 95P
   ARM짰 Cortex짰-M 32-bit Microcontroller
NANO908LA1AN NUVOTON-NANO908LA1AN Datasheet
1Mb / 95P
   ARM짰 Cortex짰-M 32-bit Microcontroller
NANO908LA2AN NUVOTON-NANO908LA2AN Datasheet
1Mb / 95P
   ARM짰 Cortex짰-M 32-bit Microcontroller
NANO908LB0AN NUVOTON-NANO908LB0AN Datasheet
1Mb / 95P
   ARM짰 Cortex짰-M 32-bit Microcontroller
NANO908LB1AN NUVOTON-NANO908LB1AN Datasheet
1Mb / 95P
   ARM짰 Cortex짰-M 32-bit Microcontroller
More results

Similar Description - NANO908-NA1AN

ManufacturerPart #DatasheetDescription
logo
Nuvoton Technology Corp...
M031 NUVOTON-M031_V01 Datasheet
4Mb / 288P
   Arm짰 Cortex짰-M 32-bit Microcontroller
NUC131SD2AEU NUVOTON-NUC131SD2AEU Datasheet
1Mb / 72P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M031 NUVOTON-M031 Datasheet
4Mb / 274P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M261 NUVOTON-M261 Datasheet
10Mb / 398P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M4521 NUVOTON-M4521 Datasheet
2Mb / 117P
   Arm짰 Cortex짰-M 32-bit Microcontroller
NUC100 NUVOTON-NUC100_15 Datasheet
1Mb / 107P
   ARM짰 Cortex짰-M 32-bit Microcontroller
M0515 NUVOTON-M0515 Datasheet
5Mb / 422P
   Arm짰 Cortex짰-M 32-bit Microcontroller
NANO100 NUVOTON-NANO100_15 Datasheet
1Mb / 95P
   ARM짰 Cortex짰-M 32-bit Microcontroller
NUC029XDE NUVOTON-NUC029XDE Datasheet
1Mb / 70P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M4TK NUVOTON-M4TK Datasheet
3Mb / 144P
   ARM짰 Cortex짰-M 32-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com