Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NCT5914W Datasheet(PDF) 8 Page - Nuvoton Technology Corporation

Part No. NCT5914W
Description  4-bit LVTTL to GTL transceiver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

NCT5914W Datasheet(HTML) 8 Page - Nuvoton Technology Corporation

Back Button NCT5914W Datasheet HTML 4Page - Nuvoton Technology Corporation NCT5914W Datasheet HTML 5Page - Nuvoton Technology Corporation NCT5914W Datasheet HTML 6Page - Nuvoton Technology Corporation NCT5914W Datasheet HTML 7Page - Nuvoton Technology Corporation NCT5914W Datasheet HTML 8Page - Nuvoton Technology Corporation NCT5914W Datasheet HTML 9Page - Nuvoton Technology Corporation NCT5914W Datasheet HTML 10Page - Nuvoton Technology Corporation NCT5914W Datasheet HTML 11Page - Nuvoton Technology Corporation NCT5914W Datasheet HTML 12Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Release Date: June, 2013
- 6 -
Version: 1.0
NCT5914W
8.
STATIC CHARACTERISTICS
Typical value are measured at VCC=3.3V and Tamb = 25°C.
All voltage are reference to GND (ground =0 V)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VOH
HIGH-level output voltage
A port; VCC=3.0V to 3.6V; IOH=-100uA
[1]
VCC -0.2
-
5.5
V
A port; VCC=3.0V ; IOH=-16mA
[1]
2
-
-
V
VOL
LOW-level output voltage
B port; VCC=3.0V ; IOL=40mA
[1]
-
0.23
0.4
V
A port; VCC=3.0V ; IOL=16mA
[1]
-
0.55
0.8
V
II
Input current
Control inputs; VCC=3.6V;VI=VCC or
GND
-
-
±1
uA
B port; VCC=3.6; VI=VTT or GND
-
-
±1
uA
A port; VCC=0V or 3.6; VI=5.5V
-
-
10
uA
A port; VCC=3.6V; VI=VCC
-
-
±1
uA
A port; VCC=3.6V; VI=0V
-
-
-5
uA
IOz
OFF-state output current
A port; VCC=0V; VI or VO=0V to 3.6V
-
-
±100
uA
Icc
Quiescent supply current
A port; VCC=3.6V; VI=VCC or GND;
IO=0mA
-
4
10
mA
B port; VCC=3.6V; VI=VTT or GND;
IO=0mA
-
4
10
mA
∆ICC[3]
additional quescent current
(per input)
Aport or control inputs; VCC=3.6V;
VI=VCC -0.6V
-
-
500
uA
Ci
Input capacitance
Control inputs; VI=3.0V or 0V
-
2
2.5
pF
CO
Input/output capacitance
A port; Vo=3.0V or 0V
-
8
12
pF
B port; Vo=VTT or 0V
-
2
4
pF
[1] The input and output voltage rating may be exceeded if the input and output current rating are observed.
[2] This is the increase in supply current for each input that is at the specified TTL voltage level rather than VCC or GND


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn