Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NCT5914W Datasheet(PDF) 7 Page - Nuvoton Technology Corporation

Part No. NCT5914W
Description  4-bit LVTTL to GTL transceiver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

NCT5914W Datasheet(HTML) 7 Page - Nuvoton Technology Corporation

Back Button NCT5914W Datasheet HTML 3Page - Nuvoton Technology Corporation NCT5914W Datasheet HTML 4Page - Nuvoton Technology Corporation NCT5914W Datasheet HTML 5Page - Nuvoton Technology Corporation NCT5914W Datasheet HTML 6Page - Nuvoton Technology Corporation NCT5914W Datasheet HTML 7Page - Nuvoton Technology Corporation NCT5914W Datasheet HTML 8Page - Nuvoton Technology Corporation NCT5914W Datasheet HTML 9Page - Nuvoton Technology Corporation NCT5914W Datasheet HTML 10Page - Nuvoton Technology Corporation NCT5914W Datasheet HTML 11Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Release Date: June, 2013
- 5 -
Version: 1.0
NCT5914W
7.
RECOMMENDED OPERATING CONDITIONS
[1]
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VCC
Supply voltage
3.0
-
3.6
V
VTT
Termination voltage
[2]
GTL-
0.85
0.9
0.95
V
GTL
1.14
1.2
1.26
V
GTL+
1.35
1.5
1.65
V
Vref
Reference voltage
Overall
0.5
2/3VTT
VCC/2
V
GTL-
0.5
0.6
0.63
V
GTL
0.76
0.8
0.84
V
GTL+
0.87
1
1.1
V
VI
Input voltage
B port
0
VTT
3.6
V
Except B port
0
3.3
5.5
[3]
V
VIH
HIGH-level input voltage
B port
Vref+50m
-
-
V
Except B port
2
-
-
V
VIL
LOW-level input voltage
B port
-
-
Vref+50m
V
Except B port
-
-
0.8
V
IOH
HIGH-level output current
A port
-
-
-16
mA
IOL
LOW-level output current
B port
-
-
40
mA
A port
-
-
16
mA
Tamb
Ambient temperature
Operating in free-air
-40
-
85
°C
[1]. Unused inputs must be held HIGH or LOW to prevent them from floating.
[2]. VTT maximum of 3.6V with resistor size so IOL maximum is not exceeded.
[3]. A0, A1, A2, A3 VI(max) is 3.6V if configured as output (DIR=LOW).


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn