Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CYM1836PY-20C Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CYM1836PY-20C
Description  128K x 32 Static RAM Module
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYM1836PY-20C Datasheet(HTML) 4 Page - Cypress Semiconductor

  CYM1836PY-20C Datasheet HTML 1Page - Cypress Semiconductor CYM1836PY-20C Datasheet HTML 2Page - Cypress Semiconductor CYM1836PY-20C Datasheet HTML 3Page - Cypress Semiconductor CYM1836PY-20C Datasheet HTML 4Page - Cypress Semiconductor CYM1836PY-20C Datasheet HTML 5Page - Cypress Semiconductor CYM1836PY-20C Datasheet HTML 6Page - Cypress Semiconductor CYM1836PY-20C Datasheet HTML 7Page - Cypress Semiconductor CYM1836PY-20C Datasheet HTML 8Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
CYM1836
4
Switching Characteristics Over the Operating Range[4]
Parameter
Description
1836–15
1836–20
1836–25
1836–30
1836–35
1836– 45
Unit
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
READ CYCLE
tRC
Read Cycle Time
15
20
25
30
35
45
ns
tAA
Address to Data
Valid
15
20
25
30
35
45
ns
tOHA
Output Hold from
Address Change
3
3
3
3
3
3
ns
tACS
CS LOW to Data
Valid
15
20
25
30
35
45
ns
tDOE
OE LOW to Data
Valid
7
8
8
10
12
15
ns
tLZOE
OE LOW to
Low Z
0
0
0
0
0
0
ns
tHZOE
OE HIGH to High
Z
7
8
10
11
12
15
ns
tLZCS
CS LOW to
Low Z[5]
3
3
3
3
3
3
ns
tHZCS
CS HIGH to High
Z[5, 6]
7
10
10
13
15
18
ns
WRITE CYCLE[7]
tWC
Write Cycle Time
15
20
25
30
35
45
ns
tSCS
CS LOW to Write
End
12
15
15
18
20
25
ns
tAW
Address Set-Up
to Write End
12
15
15
18
20
25
ns
tHA
Address Hold
from Write End
0
0
0
0
0
0
ns
tSA
Address Set-Up
to Write Start
0
0
0
0
0
0
ns
tPWE
WE Pulse Width
12
15
15
18
20
25
ns
tSD
Data Set-Up to
Write End
7
10
10
13
15
20
ns
tHD
Data Hold from
Write End
0
0
0
0
0
0
ns
tLZWE
WE HIGH to Low
Z
3
3
3
3
3
3
ns
tHZWE
WE LOW to High
Z[6]
0
6
0
8
0
10
0
15
0
15
0
18
ns
Shaded area contains preliminary information.
Notes:
4.
Test conditions assume signal transition times of 5 ns or less, timing reference levels of 1.5V, input pulse levels of 0 to 3.0V, and output loading of the specified
IOL/IOH and 30-pF load capacitance.
5.
At any given temperature and voltage condition, tHZCS is less than tLZCS for any given device. These parameters are guaranteed by design and not 100% tested.
6.
tHZCS and tHZWE are specified with CL = 5 pF as in part (b) of AC Test Loads and Waveforms. Transition is measured ±500 mV from steady-state voltage.
7.
The internal write time of the memory is defined by the overlap of CS LOW and WE LOW. Both signals must be LOW to initiate a write and either signal can
terminate a write by going HIGH. The data input set-up and hold timing should be referenced to the rising edge of the signal that terminates the write.


Similar Part No. - CYM1836PY-20C

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYM1831 CYPRESS-CYM1831 Datasheet
246Kb / 8P
   64K x 32 Static RAM Module
CYM1831PM-15C CYPRESS-CYM1831PM-15C Datasheet
246Kb / 8P
   64K x 32 Static RAM Module
CYM1831PM-20C CYPRESS-CYM1831PM-20C Datasheet
246Kb / 8P
   64K x 32 Static RAM Module
CYM1831PM-25C CYPRESS-CYM1831PM-25C Datasheet
246Kb / 8P
   64K x 32 Static RAM Module
CYM1831PM-35C CYPRESS-CYM1831PM-35C Datasheet
246Kb / 8P
   64K x 32 Static RAM Module
More results

Similar Description - CYM1836PY-20C

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7MP4060 IDT-IDT7MP4060 Datasheet
96Kb / 8P
   128K x 32 CMOS STATIC RAM MODULES
logo
List of Unclassifed Man...
IS61SP12832 ETC-IS61SP12832 Datasheet
490Kb / 14P
   128K x 32 SYNCHRONOUS PIPELINED STATIC RAM
logo
Integrated Silicon Solu...
IS61SF12832 ISSI-IS61SF12832 Datasheet
112Kb / 16P
   128K x 32, 128K x 36 SYNCHRONOUS FLOW-THROUGH STATIC RAM
logo
Cypress Semiconductor
CYM1831 CYPRESS-CYM1831 Datasheet
246Kb / 8P
   64K x 32 Static RAM Module
CYM1851 CYPRESS-CYM1851 Datasheet
357Kb / 9P
   1,024K x 32 Static RAM Module
CY7C1011CV33 CYPRESS-CY7C1011CV33 Datasheet
339Kb / 11P
   128K x 16 Static RAM
CY62128 CYPRESS-CY62128 Datasheet
250Kb / 8P
   128K x 8 Static RAM
logo
Weida Semiconductor, In...
WCMA1008C1X WEIDA-WCMA1008C1X Datasheet
211Kb / 11P
   128K x 8 Static RAM
WCMA1008U1X WEIDA-WCMA1008U1X Datasheet
237Kb / 12P
   128K x 8 Static RAM
logo
LOGIC Devices Incorpora...
L7C108 LODEV-L7C108 Datasheet
711Kb / 15P
   128K x 8 Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com