Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ESD9N12V-2/TR Datasheet(PDF) 4 Page - Will Semiconductor Ltd.

Part # ESD9N12V-2/TR
Description  1-Line, Uni-directional, Transient Voltage Suppressor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLSEMI [Will Semiconductor Ltd.]
Direct Link  http://www.willsemi.com/index.php?siteid=2
Logo WILLSEMI - Will Semiconductor Ltd.

ESD9N12V-2/TR Datasheet(HTML) 4 Page - Will Semiconductor Ltd.

  ESD9N12V-2/TR Datasheet HTML 1Page - Will Semiconductor Ltd. ESD9N12V-2/TR Datasheet HTML 2Page - Will Semiconductor Ltd. ESD9N12V-2/TR Datasheet HTML 3Page - Will Semiconductor Ltd. ESD9N12V-2/TR Datasheet HTML 4Page - Will Semiconductor Ltd. ESD9N12V-2/TR Datasheet HTML 5Page - Will Semiconductor Ltd. ESD9N12V-2/TR Datasheet HTML 6Page - Will Semiconductor Ltd. ESD9N12V-2/TR Datasheet HTML 7Page - Will Semiconductor Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
ESD9N12V
Will Semiconductor Ltd.
4
Revision 1.0, 2017/5/16
Typical characteristics (TA=25oC, unless otherwise noted)
8/20μs waveform per IEC61000-4-5
Clamping voltage vs. Peak pulse current
Non-repetitive peak pulse power vs. Pulse time
Contact discharge current waveform per IEC61000-4-2
Capacitance vs. Reverse voltage
Power derating vs. Ambient temperature
0
1
2
3
4
5
6
7
16
18
20
22
24
Pulse waveform: t
p = 8/20μs
I
PP - Peak pulse current (A)
0
5
10
15
20
25
30
0
100
90
50
10
T
2
T
1
Front time: T
1= 1.25 T = 8μs
Time to half-value: T
2= 20μs
Time (μs)
T
t
60ns
30ns
t
r = 0.7~1ns
10
90
100
Time (ns)
0
25
50
75
100
125
150
0
20
40
60
80
100
T
A - Ambient temperature (
oC)
1
10
100
1000
0.1
1
10
Pulse time (s)
0
2
4
6
8
10
12
5
10
15
20
25
30
f = 1MHz
V
AC = 50mV
V
R - Reverse voltage (V)


Similar Part No. - ESD9N12V-2/TR

ManufacturerPart #DatasheetDescription
logo
Will Semiconductor Ltd.
ESD9N12BA WILLSEMI-ESD9N12BA Datasheet
384Kb / 6P
   1-Line, Bi-directional, Transient Voltage Suppressors
logo
Shanghai Leiditech Elec...
ESD9N12BA LEIDITECH-ESD9N12BA Datasheet
1Mb / 4P
   BIDIRECTIONAL TVS DIODE
Rev 3.0 : 04.01.2021
logo
Guangdong Youtai Semico...
ESD9N12BA UMW-ESD9N12BA Datasheet
598Kb / 5P
   The ESD9N12BA is a TVS (Transient Voltage Suppressor)
logo
Will Semiconductor Ltd.
ESD9N12BA-2/TR WILLSEMI-ESD9N12BA-2/TR Datasheet
384Kb / 6P
   1-Line, Bi-directional, Transient Voltage Suppressors
More results

Similar Description - ESD9N12V-2/TR

ManufacturerPart #DatasheetDescription
logo
Will Semiconductor Ltd.
ESD56201DXX WILLSEMI-ESD56201DXX Datasheet
476Kb / 6P
   1-Line, Uni-directional, Transient Voltage Suppressor
ESD5621WXX WILLSEMI-ESD5621WXX Datasheet
606Kb / 6P
   1-Line, Uni-directional, Transient Voltage Suppressor
ESD5641DXX WILLSEMI-ESD5641DXX Datasheet
369Kb / 6P
   1-Line, Uni-directional, Transient Voltage Suppressor
ESD56161D05 WILLSEMI-ESD56161D05 Datasheet
313Kb / 6P
   1-Line, Uni-directional, Transient Voltage Suppressor
ESD56181WXX WILLSEMI-ESD56181WXX Datasheet
535Kb / 6P
   1-Line, Uni-directional, Transient Voltage Suppressor
ESD9X5V WILLSEMI-ESD9X5V Datasheet
299Kb / 5P
   1-Line, Uni-directional, Transient Voltage Suppressor
ESD9N5V WILLSEMI-ESD9N5V Datasheet
378Kb / 6P
   1-Line, Uni-directional, Transient Voltage Suppressor
ESD5661DXX WILLSEMI-ESD5661DXX Datasheet
381Kb / 6P
   1-Line, Uni-directional, Transient Voltage Suppressor
ESD5681NXX WILLSEMI-ESD5681NXX Datasheet
578Kb / 6P
   1-Line, Uni-directional, Transient Voltage Suppressor
ESD56161D04 WILLSEMI-ESD56161D04 Datasheet
394Kb / 7P
   1-Line, Uni-directional, Transient Voltage Suppressor
ESD56241DXX WILLSEMI-ESD56241DXX Datasheet
422Kb / 6P
   1-Line, Uni-directional, Transient Voltage Suppressor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com