Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY2CC910OI Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # CY2CC910OI
Description  1:10 Clock Fanout Buffer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2CC910OI Datasheet(HTML) 6 Page - Cypress Semiconductor

  CY2CC910OI Datasheet HTML 1Page - Cypress Semiconductor CY2CC910OI Datasheet HTML 2Page - Cypress Semiconductor CY2CC910OI Datasheet HTML 3Page - Cypress Semiconductor CY2CC910OI Datasheet HTML 4Page - Cypress Semiconductor CY2CC910OI Datasheet HTML 5Page - Cypress Semiconductor CY2CC910OI Datasheet HTML 6Page - Cypress Semiconductor CY2CC910OI Datasheet HTML 7Page - Cypress Semiconductor CY2CC910OI Datasheet HTML 8Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
COMLINK™ SERIES
CY2CC910
Document #: 38-07348 Rev. *A
Page 6 of 8
INPUT
OUTPUT
t
PLH
t
PHL
tsk
(P) =
l t
PHL - tPLH l
3V
1.5V
0V
VOH
1.5V
VOL
Figure 9. Pulse Skew–tsk(p)
INPUT
OUTPUT 1
t
PLH 1
t
PHL1
tsk
(P) =
l t
PLH 2 - tPLH1 l or tPHL2 - tPH L1 l
3V
1.5V
0V
VOH
1.5V
VOL
OUTPUT 2
VOH
1.5V
VOL
tsk
(O )
tsk
(O )
t
PLH 2
t
PLH 2
Figure 10. Output Skew–tsk(0)
INPUT
PACKAGE 1 OUTPUT
t
PLH1
t
PHL1
tsk
(t) =
l t
PLH2 - tPLH1 l or tPHL2 - tPHL1 l
3V
1.5V
0V
VOH
1.5V
VOL
PACKAGE 2 OUTPUT
VOH
1.5V
VOL
tsk
(t)
tsk
(t)
t
PLH 2
t
PLH 2
Figure 11. Package Skew - tsk(t)
Ordering Information
Part Number
Package Type
Product Flow
CY2CC910SI
20-pin SOIC
Industrial, –40
° to 85°C
CY2CC910SIT
20-pin SOIC–Tape and Reel
Industrial, –40
° to 85°C
CY2CC910OI
20-pin SSOP
Industrial, –40
° to 85°C
CY2CC910OIT
20-pin SSOP–Tape and Reel
Industrial, –40
° to 85°C
CY2CC910SC
20-pin SOIC
Commercial, 0
°C to 70°C


Similar Part No. - CY2CC910OI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2CC910OI CYPRESS-CY2CC910OI Datasheet
217Kb / 9P
   1:10 Clock Fanout Buffer
CY2CC910OI CYPRESS-CY2CC910OI Datasheet
472Kb / 11P
   1:10 Clock Fanout Buffer
CY2CC910OIT CYPRESS-CY2CC910OIT Datasheet
217Kb / 9P
   1:10 Clock Fanout Buffer
CY2CC910OIT CYPRESS-CY2CC910OIT Datasheet
472Kb / 11P
   1:10 Clock Fanout Buffer
More results

Similar Description - CY2CC910OI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2CC910 CYPRESS-CY2CC910_05 Datasheet
217Kb / 9P
   1:10 Clock Fanout Buffer
CY2CC810 CYPRESS-CY2CC810 Datasheet
115Kb / 7P
   1:10 Clock Fanout Buffer
CY2CC810 CYPRESS-CY2CC810_06 Datasheet
262Kb / 9P
   1:10 Clock Fanout Buffer
CY2CC910 CYPRESS-CY2CC910_08 Datasheet
472Kb / 11P
   1:10 Clock Fanout Buffer
CY2CC1910 CYPRESS-CY2CC1910 Datasheet
129Kb / 8P
   1:10 Clock Fanout Buffer with Output Enable
logo
Asahi Kasei Microsystem...
AK8180A AKM-AK8180A Datasheet
580Kb / 12P
   2.5V, 3.3V LVCMOS 1:10 Clock Fanout Buffer
logo
Cypress Semiconductor
CY2CC1810 CYPRESS-CY2CC1810 Datasheet
128Kb / 8P
   1:10 Clock Fanout Buffer with Output Enable
CY2PP3220 CYPRESS-CY2PP3220 Datasheet
190Kb / 9P
   Dual 1:10 Differential Clock / Data Fanout Buffer
logo
Asahi Kasei Microsystem...
AK8180D AKM-AK8180D Datasheet
832Kb / 12P
   2.5V, 3.3V LVCMOS 1:10 Clock Fanout Buffer
AK8181H AKM-AK8181H Datasheet
542Kb / 12P
   2.5V, 3.3V LVPECL 1:10 Clock Fanout Buffer
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com