Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDB4272 Datasheet(PDF) 11 Page - Cirrus Logic

Part # CDB4272
Description  24-Bit, 192 kHz Stereo Audio CODEC
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB4272 Datasheet(HTML) 11 Page - Cirrus Logic

Back Button CDB4272 Datasheet HTML 7Page - Cirrus Logic CDB4272 Datasheet HTML 8Page - Cirrus Logic CDB4272 Datasheet HTML 9Page - Cirrus Logic CDB4272 Datasheet HTML 10Page - Cirrus Logic CDB4272 Datasheet HTML 11Page - Cirrus Logic CDB4272 Datasheet HTML 12Page - Cirrus Logic CDB4272 Datasheet HTML 13Page - Cirrus Logic CDB4272 Datasheet HTML 14Page - Cirrus Logic CDB4272 Datasheet HTML 15Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 53 page
background image
CS4272
DS593F1
11
DAC ANALOG CHARACTERISTICS - AUTOMOTIVE GRADE (Notes 3 to 7)
Parameter
Symbol
Min
Typ
Max
Unit
Dynamic Performance
Dynamic Range
24-Bits
A-Weighted
unweighted
16-Bits
unweighted
106
103
-
114
111
94
-
-
-
dB
dB
dB
Total Harmonic Distortion + Noise
0 dB
-20 dB
-60 dB
THD+N
-
-
-
-100
-91
-51
-92
-
-43
dB
dB
dB
Idle Channel Noise / Signal-to-Noise Ratio
-
114
-
dB
Interchannel Isolation
(1 kHz)
-
100
-
dB
DC Accuracy
Interchannel Gain Mismatch
ICGM
-
0.1
-
dB
Gain Drift
-
100
-
ppm/°C
Analog Output Characteristics and Specifications
Full Scale Differential Output Voltage
VFS
0.91xVA
0.96xVA
1.01xVA
Vpp
Output Resistance
(note 7)
Zout
-
100
-
Minimum AC-Load Resistance
RL
-3-
k
Maximum Load Capacitance
CL
-
100
-
pF


Similar Part No. - CDB4272

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CDB4272 CIRRUS-CDB4272 Datasheet
1Mb / 53P
   24-Bit, 192 kHz Stereo Audio CODEC
More results

Similar Description - CDB4272

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4270 CIRRUS-CS4270 Datasheet
730Kb / 48P
   24-Bit, 192 kHz Stereo Audio CODEC
CS4272-DZZ CIRRUS-CS4272-DZZ Datasheet
1Mb / 53P
   24-Bit, 192 kHz Stereo Audio CODEC
CS4271 CIRRUS-CS4271 Datasheet
1Mb / 53P
   24-Bit, 192 kHz Stereo Audio CODEC
CS4270 CIRRUS-CS4270_06 Datasheet
980Kb / 49P
   24-Bit, 192 kHz Stereo Audio CODEC
logo
Protek Devices
PA5322 PROTEC-PA5322 Datasheet
280Kb / 17P
   100dB, 24-Bit, 192 kHz Stereo Audio CODEC
logo
Suzhou Everest Semicond...
ES7322 EVEREST-ES7322 Datasheet
908Kb / 23P
   100dB, 24-Bit, 192 kHz Stereo Audio CODEC
logo
Protek Devices
PA5388 PROTEC-PA5388 Datasheet
750Kb / 27P
   100dB, 24-Bit, 192 kHz Stereo Audio CODEC
logo
Wolfson Microelectronic...
WM8591 WOLFSON-WM8591 Datasheet
495Kb / 50P
   24 BIT, 192 KHZ STEREO CODEC
logo
Cirrus Logic
CS4265 CIRRUS-CS4265_07 Datasheet
1Mb / 56P
   104 dB, 24-Bit, 192 kHz Stereo Audio CODEC
logo
Burr-Brown (TI)
PCM3060 BURR-BROWN-PCM3060 Datasheet
505Kb / 45P
   24-BIT, 96/192-kHz ASYNCHRONOUS STEREO AUDIO CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com