Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSD100 Datasheet(PDF) 2 Page - FENGJUI TECHNOLOGY CO., LTD.

Part # TSD100
Description  SMD POWER INDUCTOR-RoHS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FENGJUI [FENGJUI TECHNOLOGY CO., LTD.]
Direct Link  https://www.fengjui.com.tw/
Logo FENGJUI - FENGJUI TECHNOLOGY CO., LTD.

TSD100 Datasheet(HTML) 2 Page - FENGJUI TECHNOLOGY CO., LTD.

  TSD100 Datasheet HTML 1Page - FENGJUI TECHNOLOGY CO., LTD. TSD100 Datasheet HTML 2Page - FENGJUI TECHNOLOGY CO., LTD. TSD100 Datasheet HTML 3Page - FENGJUI TECHNOLOGY CO., LTD. TSD100 Datasheet HTML 4Page - FENGJUI TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
FENG-JUI TECHNOLOGY CO., LTD
SMD POWER INDUCTOR-RoHS
Your Perfect Inductor
Rev.1801
Part No.
(STAMP)
Inductance(uH)
D.C.R.(Ω Max)/Rated D.C. Current(A)
TSD0302
TSD0502
TSD0503
1R0
1.0
0.030 / 1.80
0.015 / 4.00
1R2
1.2
0.083 / 1.70
0.044 / 2.15
0.022 / 3.80
1R8
1.8
0.056 / 1.55
2R2
2.2
0.058 / 1.50
0.059 / 1.63
0.029 / 2.41
3R3
3.3
0.064 / 1.30
0.062 / 1.50
0.034 / 2.36
3R9
3.9
4R7
4.7
0.146 / 1.10
0.087 / 1.14
0.045 / 1.87
5R6
5.6
0.176 / 0.95
0.052 / 1.60
6R8
6.8
0.238 / 0.90
0.105 / 0.95
0.068 / 1.51
8R2
8.2
0.272 / 0.80
0.139 / 0.90
100
10
0.30 / 0.70
0.150 / 0.76
0.090 / 1.33
120
12
150
15
0.47 / 0.61
0.210 / 0.63
0.142 / 1.05
180
18
220
22
0.59 / 0.52
0.275 / 0.56
0.208 / 0.86
270
27
0.63 / 0.44
330
33
1.07 / 0.43
0.455 / 0.44
0.257 / 0.72
390
39
470
47
1.31 / 0.34
0.730 / 0.35
0.352 / 0.62
680
68
2.61 / 0.25
0.935 / 0.30
0.525 / 0.51
820
82
2.95 / 0.20
101
100
3.25 / 0.19
1.500 / 0.230
0.800 / 0.43
121
120
1.910 / 0.220
0.850 / 0.34
151
150
3.55 / 0.12
2.680 / 0.210
1.100 / 0.26
181
180
3.040 / 0.200
1.190 / 0.24
221
220
3.520 / 0.195
1.530 / 0.20
331
330
7.28 / 0.08
5.560 / 0.190
2.030 / 0.19
471
470
7.820 / 0.180
3.500 / 0.15
561
560
9.790 / 0.170
3.080 / 0.14
821
820
102
1000
152
1500
36.15 / 0.038
10.00 / 0.065
182
1800
57.62 / 0.036
222
2200
84.43 / 0.035
19.00 / 0.050


Similar Part No. - TSD100

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TSD10 ETC1-TSD10 Datasheet
534Kb / 4P
   EURO TERMINAL BLOCKS
logo
Vishay Siliconix
TSD10 VISHAY-TSD10 Datasheet
152Kb / 3P
   Lower Voltage Disc Capacitors
Revision 14-May-02
logo
STMicroelectronics
TSD1035 STMICROELECTRONICS-TSD1035 Datasheet
203Kb / 6P
   ASYMMETRICAL THYRISTOR THYRISTOR ASYMETRIQUE
logo
Taiwan Semiconductor Co...
TSD10H100CW TSC-TSD10H100CW Datasheet
234Kb / 5P
   10A, 100V - 200V Trench Schottky Rectifier
TSD10H200CW TSC-TSD10H200CW Datasheet
234Kb / 5P
   10A, 100V - 200V Trench Schottky Rectifier
More results

Similar Description - TSD100

ManufacturerPart #DatasheetDescription
logo
FENGJUI TECHNOLOGY CO.,...
ANB1303 FENGJUI-ANB1303 Datasheet
73Kb / 3P
   SMD POWER INDUCTOR-RoHS
SDIA4018 FENGJUI-SDIA4018 Datasheet
208Kb / 2P
   SMD POWER INDUCTOR-RoHS
TPRH4D18 FENGJUI-TPRH4D18 Datasheet
193Kb / 3P
   SMD POWER INDUCTOR-RoHS
SCRB6028 FENGJUI-SCRB6028 Datasheet
164Kb / 2P
   SMD POWER INDUCTOR-RoHS
TPRH5D18 FENGJUI-TPRH5D18 Datasheet
216Kb / 3P
   SMD POWER INDUCTOR-RoHS
SDIA6045 FENGJUI-SDIA6045 Datasheet
177Kb / 3P
   SMD POWER INDUCTOR-RoHS
TPRH5D28R FENGJUI-TPRH5D28R Datasheet
210Kb / 3P
   SMD POWER INDUCTOR-RoHS
TPRH8D28 FENGJUI-TPRH8D28 Datasheet
151Kb / 3P
   SMD POWER INDUCTOR-RoHS
ANB1305 FENGJUI-ANB1305 Datasheet
73Kb / 3P
   SMD POWER INDUCTOR-RoHS
ANB1311 FENGJUI-ANB1311 Datasheet
145Kb / 3P
   SMD POWER INDUCTOR-RoHS
ANB1807 FENGJUI-ANB1807 Datasheet
145Kb / 3P
   SMD POWER INDUCTOR-RoHS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com