Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


CS4272 Datasheet(PDF) 4 Page - Cirrus Logic

Part No. CS4272
Description  24-Bit, 192 kHz Stereo Audio CODEC
Download  53 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CIRRUS [Cirrus Logic]
Homepage  http://www.cirrus.com
Logo 

 
 4 page
background image
CS4272
4
DS593F1
6.1 SPI Mode ......................................................................................................................... 35
6.2 I²C Mode .......................................................................................................................... 36
7. REGISTER QUICK REFERENCE .......................................................................................... 37
8. REGISTER DESCRIPTION .................................................................................................... 38
8.1 Mode Control 1 - Address 01h ......................................................................................... 38
8.1.1 Functional Mode (Bits 7:6) .................................................................................. 38
8.1.2 Ratio Select (Bits 5:4) ......................................................................................... 38
8.1.3 Master / Slave Mode (Bit 3) ................................................................................. 38
8.1.4 DAC Digital Interface Format (Bits 2:0) ............................................................... 38
8.2 DAC Control - Address 02h ............................................................................................. 39
8.2.1 Auto-Mute (Bit 7) ................................................................................................. 39
8.2.2 Interpolation Filter Select (Bit 6) .......................................................................... 39
8.2.3 De-Emphasis Control (Bits 5:4) ........................................................................... 39
8.2.4 Soft Volume Ramp-Up After Error (Bit 3) ............................................................ 40
8.2.5 Soft Ramp-Down Before Filter Mode Change (Bit 2) .......................................... 40
8.2.6 Invert Signal Polarity (Bits 1:0) ............................................................................ 40
8.3 DAC Volume & Mixing Control - Address 03h ................................................................. 40
8.3.1 Channel B Volume = Channel A Volume (Bit 6) ................................................. 40
8.3.2 Soft Ramp or Zero Cross Enable (Bits 5:4) ......................................................... 40
8.3.3 ATAPI Channel Mixing and Muting (Bits 3:0) ...................................................... 41
8.4 DAC Channel A Volume Control - Address 04h .............................................................. 42
8.5 DAC Channel B Volume Control - Address 05h .............................................................. 42
8.5.1 Mute (Bit 7) .......................................................................................................... 42
8.5.2 Volume Control (Bits 6:0) .................................................................................... 42
8.6 ADC Control - Address 06h ............................................................................................. 43
8.6.1 Dither for 16-Bit Data (Bit 5) ................................................................................ 43
8.6.2 ADC Digital Interface Format (Bit 4) .................................................................... 43
8.6.3 ADC Channel A & B Mute (Bits 3:2) .................................................................... 43
8.6.4 Channel A & B High Pass Filter Disable (Bits 1:0) .............................................. 43
8.7 Mode Control 2 - Address 07h ......................................................................................... 43
8.7.1 Digital Loopback (Bit 4) ....................................................................................... 43
8.7.2 AMUTEC = BMUTEC (Bit 3) ............................................................................... 43
8.7.3 Freeze (Bit 2) ...................................................................................................... 44
8.7.4 Control Port Enable (Bit 1) .................................................................................. 44
8.7.5 Power Down (Bit 0) ............................................................................................. 44
8.8 Chip ID - Register 08h .....................................................................................................44
8.8.1 Chip ID (Bits 7:4) ................................................................................................. 44
8.8.2 Chip Revision (Bits 3:0) ....................................................................................... 44
9. PARAMETER DEFINITIONS .................................................................................................. 45
10. PACKAGE DIMENSIONS ..................................................................................................... 46
11. APPENDIX ............................................................................................................................ 47




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
CS427124-Bit 192 kHz Stereo Audio CODEC 1 2 3 4 5 MoreCirrus Logic
CS4265105 dB 24-Bit 192 kHz Stereo Audio CODEC 1 2 3 4 5 MoreCirrus Logic
CS427024-Bit 192 kHz Stereo Audio CODEC 1 2 3 4 5 MoreCirrus Logic
STAC9460Two and Six-Channel 24-Bit 192 kHz Audio Codec 1 2 3 4 5 MoreList of Unclassifed Manufacturers
TLC320AD77C24-BIT 96 kHz STEREO AUDIO CODEC 1 2 3 4 5 MoreTexas Instruments
CS439224-Bit 192 kHz Stereo DAC with Volume Control  1 2 3 4 5 MoreCirrus Logic
PCM179624BIT 192 KHZ SAMPLING ADVANCED SEGMENT AUDIO STEREO DIGITAL TO ANALOG CONVERTER 1 2 3 4 5 MoreBurr-Brown (TI)
CS4245105 dB 24-Bit 192 kHz Streo Sudio CODEC 1 2 3 4 5 MoreCirrus Logic
AD19394 ADC/8 DAC with PLL 192 kHz 24-Bit CODEC 1 2 3 4 5 MoreAnalog Devices
TLV320AIC23BSTEREO AUDIO CODEC 8 TO 96 KHZ WITH INTEGRATED HEADPHONE AMPLIFIER 1 2 3 4 5 MoreTexas Instruments

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl