Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS4245-CQZ Datasheet(PDF) 1 Page - Cirrus Logic

Part # CS4245-CQZ
Description  105 dB, 24-Bit, 192 kHz Streo Sudio CODEC
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4245-CQZ Datasheet(HTML) 1 Page - Cirrus Logic

  CS4245-CQZ Datasheet HTML 1Page - Cirrus Logic CS4245-CQZ Datasheet HTML 2Page - Cirrus Logic CS4245-CQZ Datasheet HTML 3Page - Cirrus Logic CS4245-CQZ Datasheet HTML 4Page - Cirrus Logic CS4245-CQZ Datasheet HTML 5Page - Cirrus Logic CS4245-CQZ Datasheet HTML 6Page - Cirrus Logic CS4245-CQZ Datasheet HTML 7Page - Cirrus Logic CS4245-CQZ Datasheet HTML 8Page - Cirrus Logic CS4245-CQZ Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 54 page
background image
Preliminary Product Information
This document contains information for a new product.
Cirrus Logic reserves the right to modify this product without notice.
1
Copyright
© Cirrus Logic, Inc. 2004
(All Rights Reserved)
Cirrus Logic, Inc.
www.cirrus.com
CS4245
105 dB, 24-Bit, 192 kHz Stereo Audio CODEC
AUG ‘04
DS656PP1
D/A Features
Multi-bit Delta Sigma modulator
105 dB dynamic range
-95 dB THD+N
Up to 192 kHz sampling rates
Single-ended analog architecture
Volume control with soft ramp
– 0.5 dB step size
– Zero crossing click-free transitions
PopguardTM Technology
– Minimizes the effects of output transients
Filtered line level outputs
Selectable serial audio interface formats
– Left justified up to 24-bit
– I²S up to 24-bit
– Right justified 16, 18, 20 and 24-bit
Selectable 50/15
µs de-emphasis
Control Output for External Muting
A/D Features
Multi-bit Delta Sigma modulator
105 dB dynamic range
-95 dB THD+N
Stereo 6:1 Input Multiplexer
Programmable Gain Amplifier (PGA)
– +/- 12 dB gain, 0.5 dB step size
– Zero crossing, click-free transitions
Stereo microphone inputs
– +32 dB gain stage
– Low noise bias supply
Up to 192 kHz sampling rates
Selectable serial audio interface formats
– Left justified up to 24-bit
– I²S up to 24-bit
High pass filter or DC offset calibration
1.8 V to 5 V
Multibit
∆Σ Modulator
Multibit
∆Σ Modulator
Linear Phase
Anti-Alias Filter
Internal Voltage
Reference
Interpolation
Filter
Interpolation
Filter
Left DAC Output
Right DAC Output
Switched Capacitor
DAC and Filter
Multibit
Oversampling
ADC
Multibit
Oversampling
ADC
Linear Phase
Anti-Alias Filter
High Pass
Filter
High Pass
Filter
Stereo Input 1
Serial
Audio
Input
Serial
Audio
Output
3.3 V to 5 V
3.3 V to 5 V
Switched Capacitor
DAC and Filter
MUX
PGA
MUX
Volume
Control
Volume
Control
Mute
Control
Register Configuration
Reset
I2C/SPI
Control Data
Mute Control
Left Aux Output
Right Aux Output
Stereo Input 2
Stereo Input 3
Stereo Input 4 /
Mic Input 1 & 2
Stereo Input 5
Stereo Input 6
PGA
+32 dB
+32 dB
Interrupt
ADC Overflow


Similar Part No. - CS4245-CQZ

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4245-CQZ CIRRUS-CS4245-CQZ Datasheet
1Mb / 57P
   104 dB, 24-Bit, 192 kHz Stereo Audio CODEC
CS4245-CQZR CIRRUS-CS4245-CQZR Datasheet
1Mb / 57P
   104 dB, 24-Bit, 192 kHz Stereo Audio CODEC
More results

Similar Description - CS4245-CQZ

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4265 CIRRUS-CS4265 Datasheet
961Kb / 53P
   105 dB, 24-Bit, 192 kHz Stereo Audio CODEC
CS4265 CIRRUS-CS4265_07 Datasheet
1Mb / 56P
   104 dB, 24-Bit, 192 kHz Stereo Audio CODEC
CS4245 CIRRUS-CS4245_07 Datasheet
1Mb / 57P
   104 dB, 24-Bit, 192 kHz Stereo Audio CODEC
logo
Wolfson Microelectronic...
WM8591 WOLFSON-WM8591 Datasheet
495Kb / 50P
   24 BIT, 192 KHZ STEREO CODEC
logo
Cirrus Logic
CS4270 CIRRUS-CS4270 Datasheet
730Kb / 48P
   24-Bit, 192 kHz Stereo Audio CODEC
CS4272-DZZ CIRRUS-CS4272-DZZ Datasheet
1Mb / 53P
   24-Bit, 192 kHz Stereo Audio CODEC
CS4272 CIRRUS-CS4272 Datasheet
1Mb / 53P
   24-Bit, 192 kHz Stereo Audio CODEC
CS4271 CIRRUS-CS4271 Datasheet
1Mb / 53P
   24-Bit, 192 kHz Stereo Audio CODEC
CS4270 CIRRUS-CS4270_06 Datasheet
980Kb / 49P
   24-Bit, 192 kHz Stereo Audio CODEC
logo
Protek Devices
PA5322 PROTEC-PA5322 Datasheet
280Kb / 17P
   100dB, 24-Bit, 192 kHz Stereo Audio CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com