Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

P5300F-A Datasheet(PDF) 3 Page - PFC Device Inc.

Part No. P5300F-A
Description  5A 300V MOS Schottky Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PFC [PFC Device Inc.]
Direct Link  http://www.pfc-device.com/eng/index.php
Logo PFC - PFC Device Inc.

P5300F-A Datasheet(HTML) 3 Page - PFC Device Inc.

  P5300F-A Datasheet HTML 1Page - PFC Device Inc. P5300F-A Datasheet HTML 2Page - PFC Device Inc. P5300F-A Datasheet HTML 3Page - PFC Device Inc. P5300F-A Datasheet HTML 4Page - PFC Device Inc. P5300F-A Datasheet HTML 5Page - PFC Device Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Characteristics
Version 4.1
3 / 5
www.pfc-device.com
P5300F-A
2. Characteristics Curves
Ratings and Characteristics Curves
( TA = 25℃ unless otherwise specified )
Figure 1: Current Derating, Case
Figure 2: Maximum Repetitive Surge Current
Figure 3: Typical Forward Voltage
Figure 4: Typical Reverse Current
Figure 5: Typical Junction Capacitance
0
1
2
3
4
5
6
0
25
50
75
100
125
150
175
Tc, Case Temp (oC)
Bassed on Lead Temp. (TL)
0
20
40
60
80
1
10
100
Number of Cycles at 60 Hz
0
1
10
400 450 500 550 600 650 700 750 800 850 900
Vf, Instantaneous Forward Voltage (mV)
Tj=75
Tj=25
Tj=150
Tj=125
0
1
10
100
1000
10000
0
50
100
150
200
250
300
VR, Reverse Voltage (Volts)
Tj=125
Tj=25
Tj=75
Tj=150
1
10
100
1000
10000
0
1
10
100
Reverse Voltage (V)


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn