Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM1101J Datasheet(PDF) 6 Page - Excelliance MOS Corp.

Part # EM1101J
Description  300mA High PSRR Low Noise, Adjustable LDO Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXCELLIANCE [Excelliance MOS Corp.]
Direct Link  http://www.excelliancemos.com/
Logo EXCELLIANCE - Excelliance MOS Corp.

EM1101J Datasheet(HTML) 6 Page - Excelliance MOS Corp.

  EM1101J Datasheet HTML 1Page - Excelliance MOS Corp. EM1101J Datasheet HTML 2Page - Excelliance MOS Corp. EM1101J Datasheet HTML 3Page - Excelliance MOS Corp. EM1101J Datasheet HTML 4Page - Excelliance MOS Corp. EM1101J Datasheet HTML 5Page - Excelliance MOS Corp. EM1101J Datasheet HTML 6Page - Excelliance MOS Corp. EM1101J Datasheet HTML 7Page - Excelliance MOS Corp. EM1101J Datasheet HTML 8Page - Excelliance MOS Corp.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
2011/09/19
Rev.A.5
6
EM1101
Output Voltage v.s. Temperature
Quiescent Current v.s. Temperature
-1.0
-0.8
-0.6
-0.4
-0.2
0.0
0.2
0.4
0.6
0.8
1.0
-50
-25
0
25
50
75
100
125
Junction Temperature (
℃ )
60
70
80
90
100
110
120
130
140
-50
-25
0
25
50
75
100
125
Junction Temperature (
℃ )
Shutdown Current v.s. Temperature
On Resistance v.s. Temperature
0
2
4
6
8
10
12
-50
-25
0
25
50
75
100
125
Junction Temperature (
℃ )
200
300
400
500
600
700
800
900
1000
1100
1200
-50
-25
0
25
50
75
100
125
Junction Temperature (
℃ )
VIN=2.5V
VIN=3.3V
Enable/Disable v.s. Temperature
PSRR
0.0
0.2
0.4
0.6
0.8
1.0
1.2
-50
-25
0
25
50
75
100
125
Junction Temperature (
℃ )
Enable
Disable
10
70
60
50
40
Frequency (Hz)
VIN=3.3V, VOUT=1.8V, IOUT=10mA
100
1K
10K
100K
1M
35
65
55
45


Similar Part No. - EM1101J

ManufacturerPart #DatasheetDescription
logo
Carlo Gavazzi Holding A...
EM110 CARLOGAVAZZI-EM110 Datasheet
341Kb / 6P
   Energy Management Energy Meter Type EM110
EM110-DINAV81XO1PFB CARLOGAVAZZI-EM110-DINAV81XO1PFB Datasheet
341Kb / 6P
   Energy Management Energy Meter Type EM110
logo
Excelliance MOS Corp.
EM1103 EXCELLIANCE-EM1103 Datasheet
275Kb / 8P
   300mA, High PSRR, Low Noise LDO Regulator
EM1103J EXCELLIANCE-EM1103J Datasheet
275Kb / 8P
   300mA, High PSRR, Low Noise LDO Regulator
EM1105 EXCELLIANCE-EM1105 Datasheet
756Kb / 8P
   300mA, High PSRR, Low Noise, Adjustable LDO Regulator
More results

Similar Description - EM1101J

ManufacturerPart #DatasheetDescription
logo
Excelliance MOS Corp.
EM1105 EXCELLIANCE-EM1105 Datasheet
756Kb / 8P
   300mA, High PSRR, Low Noise, Adjustable LDO Regulator
EM1103 EXCELLIANCE-EM1103 Datasheet
275Kb / 8P
   300mA, High PSRR, Low Noise LDO Regulator
logo
YOBON TECHNOLOGIES,INC.
YB1210 YOBON-YB1210 Datasheet
449Kb / 12P
   300mA Ultra-Low-Noise, High PSRR LDO Regulator
YB1210R YOBON-YB1210R Datasheet
388Kb / 12P
   300mA, Ultra-Low-Noise, High PSRR LDO Regulator
logo
Asahi Kasei Microsystem...
AP1152 AKM-AP1152 Datasheet
1,005Kb / 27P
   300mA Output,High PSRR,Low Noise LDO Regulator
logo
Taiwan Semiconductor Co...
TS9007 TSC-TS9007 Datasheet
205Kb / 5P
   300mA Ultra-Low-Noise, High PSRR LDO Regulator
logo
Eutech Microelectronics...
EUP7917 EUTECH-EUP7917 Datasheet
277Kb / 12P
   300mA, High PSRR Low-Noise LDO
logo
Cystech Electonics Corp...
LM1101N5 CYSTEKEC-LM1101N5 Datasheet
744Kb / 10P
   300mA High PSRR Low Noise LDO
logo
Taiwan Semiconductor Co...
TS9008DCX5 TSC-TS9008DCX5 Datasheet
290Kb / 9P
   300mA High PSRR Low Noise CMOS LDO
TS9008PCX5 TSC-TS9008PCX5 Datasheet
290Kb / 9P
   300mA High PSRR Low Noise CMOS LDO
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com