Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

06035J0R7ABSTR Datasheet(PDF) 3 Page - TriQuint Semiconductor

Part # 06035J0R7ABSTR
Description  Edge QAM Gain Stage
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

06035J0R7ABSTR Datasheet(HTML) 3 Page - TriQuint Semiconductor

  06035J0R7ABSTR Datasheet HTML 1Page - TriQuint Semiconductor 06035J0R7ABSTR Datasheet HTML 2Page - TriQuint Semiconductor 06035J0R7ABSTR Datasheet HTML 3Page - TriQuint Semiconductor 06035J0R7ABSTR Datasheet HTML 4Page - TriQuint Semiconductor 06035J0R7ABSTR Datasheet HTML 5Page - TriQuint Semiconductor 06035J0R7ABSTR Datasheet HTML 6Page - TriQuint Semiconductor 06035J0R7ABSTR Datasheet HTML 7Page - TriQuint Semiconductor 06035J0R7ABSTR Datasheet HTML 8Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
TAT7472A1F
CATV 75
Ω pHEMT Dual RF Amplifier
Datasheet: Rev D 06-08-15
- 3 of 9 -
Disclaimer: Subject to change without notice
© 2014 TriQuint
www.triquint.com
TAT7472A1F-EB Evaluation Board Schematic
C1
C2
U1
R1
C3
R2
C4
C11
C12
C6
C7
T2
T1
R5
R4
L3
L6
C13
C9
L5
L4
C5
C8
+ VDD
+ VDD
+ VDD
+ VDD
C10
1
2
3
4
5
6
7
8
C14
C15
R3
RF OUT
RF IN
1
2
1
2
3
4
1
2
1
2
3
4
Current Adjustment
The TAT7472A1H current can be adjusted by R4 & R5. To optimize IMD distortion above 1GHz the device favors a higher
supply voltage than 5V. Applying a higher supply voltage will also raise the internal gate voltage at pins 1 & 4, which can be
brought down by these resistors, thereby lowering Idd. Since there is little benefit to higher current at higher voltage, lowering the
current to offers lower dissipation or the same dissipation as 5V operation.
Typical IDD (mA)
VDD
5V
5.25V
5.5V
5.75V
6V
R4 & R5
10K Ω
166 mA
173 mA
185 mA
194 mA
205 mA
20K Ω
223 mA
237 mA
250 mA
263 mA
276 mA
30K Ω
252 mA
266 mA
280 mA
294 mA
309 mA
TAT7472A1F-EB Evaluation Board


Similar Part No. - 06035J0R7ABSTR

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
06035J0R7BBS NXP-06035J0R7BBS Datasheet
468Kb / 15P
   Heterostructure Field Effect Transistor (GaAs HFET)
Rev. 4.1, 10/2014
More results

Similar Description - 06035J0R7ABSTR

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TAT2814A TRIQUINT-TAT2814A Datasheet
720Kb / 11P
   DOCSIS 3.0 / Edge QAM Variable Gain Amplifier
TAT2814A1L TRIQUINT-TAT2814A1L_15 Datasheet
711Kb / 12P
   DOCSIS 3.0 / Edge QAM Variable Gain Amplifier
logo
NXP Semiconductors
SA5200 PHILIPS-SA5200 Datasheet
375Kb / 14P
   RF dual gain-stage
1997 Nov 07
logo
M/A-COM Technology Solu...
MAAL-009120 MA-COM-MAAL-009120 Datasheet
364Kb / 10P
   Miniature Broadband Gain Stage
MAAL-010200 MA-COM-MAAL-010200 Datasheet
328Kb / 9P
   Miniature Broadband Gain Stage
MAAL-009120 MA-COM-MAAL-009120 Datasheet
364Kb / 10P
   Miniature Broadband Gain Stage
MAAL-010200 MA-COM-MAAL-010200 Datasheet
328Kb / 9P
   Miniature Broadband Gain Stage
MAAL-009120 MA-COM-MAAL-009120_15 Datasheet
876Kb / 11P
   Miniature Broadband Gain Stage
MAAL-010200 MA-COM-MAAL-010200_15 Datasheet
777Kb / 10P
   Miniature Broadband Gain Stage
logo
TriQuint Semiconductor
RFAM3620 TRIQUINT-RFAM3620 Datasheet
542Kb / 10P
   CATV Edge QAM MCM 1218MHz 36dB
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com