Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NANO908-NE0AN Datasheet(PDF) 16 Page - Nuvoton Technology Corporation

Part # NANO908-NE0AN
Description  ARM짰 Cortex짰-M 32-bit Microcontroller
Download  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

NANO908-NE0AN Datasheet(HTML) 16 Page - Nuvoton Technology Corporation

Back Button NANO908-NE0AN Datasheet HTML 12Page - Nuvoton Technology Corporation NANO908-NE0AN Datasheet HTML 13Page - Nuvoton Technology Corporation NANO908-NE0AN Datasheet HTML 14Page - Nuvoton Technology Corporation NANO908-NE0AN Datasheet HTML 15Page - Nuvoton Technology Corporation NANO908-NE0AN Datasheet HTML 16Page - Nuvoton Technology Corporation NANO908-NE0AN Datasheet HTML 17Page - Nuvoton Technology Corporation NANO908-NE0AN Datasheet HTML 18Page - Nuvoton Technology Corporation NANO908-NE0AN Datasheet HTML 19Page - Nuvoton Technology Corporation NANO908-NE0AN Datasheet HTML 20Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 160 page
background image
NUMICRO® NANO100 (B) DATASHEET
May 31, 2016
Page 16 of 160
Revision 1.08
2.2
Nano110 Features
– LCD Line
Core
ARM
® Cortex™-M0 core running up to 42 MHz
One 24-bit system timer
Supports Low Power Sleep mode
Single-cycle 32-bit hardware multiplier
NVIC for the 32 interrupt inputs, each with 4-levels of priority
Serial Wire Debug supports with 2 watchpoints/4 breakpoints
Brown-out
Built-in 2.5V/2.0V/1.7V BOD for wide operating voltage range operation
Flash EPROM Memory
Runs up to 42 MHz with zero wait state for discontinuous address read access.
64K/32K/123K bytes application program memory (APROM)
4 KB In System Programming (ISP) loader program memory (LDROM)
Programmable data flash start address and memory size with 512 bytes page
erase unit
In System Program (ISP)/In Application Program (IAP) to update on chip Flash
EPROM
SRAM Memory
16K/8K bytes embedded SRAM
Supports DMA mode
DMA : Supports 8 channels: one VDMA channel,6 PDMA channels, and one CRC
channel
VDMA
Memory-to-memory transfer
Supports block transfer with stride
Supports word/half-word/byte boundary address
Supports address direction: increment and decrement
PDMA
Peripheral-to-memory, memory-to-peripheral, and memory-to-memory
transfer
Supports word boundary address
Supports word alignment transfer length in memory-to-memory mode
Supports word/half-word/byte alignment transfer length in peripheral-to-
memory and memory-to-peripheral mode
Supports word/half-word/byte transfer data width from/to peripheral
Supports address direction: increment, fixed, and wrap around
CRC
Supports four common polynomials CRC-CCITT, CRC-8, CRC-16, and


Similar Part No. - NANO908-NE0AN

ManufacturerPart #DatasheetDescription
logo
Nuvoton Technology Corp...
NANO908LA0AN NUVOTON-NANO908LA0AN Datasheet
1Mb / 95P
   ARM짰 Cortex짰-M 32-bit Microcontroller
NANO908LA1AN NUVOTON-NANO908LA1AN Datasheet
1Mb / 95P
   ARM짰 Cortex짰-M 32-bit Microcontroller
NANO908LA2AN NUVOTON-NANO908LA2AN Datasheet
1Mb / 95P
   ARM짰 Cortex짰-M 32-bit Microcontroller
NANO908LB0AN NUVOTON-NANO908LB0AN Datasheet
1Mb / 95P
   ARM짰 Cortex짰-M 32-bit Microcontroller
NANO908LB1AN NUVOTON-NANO908LB1AN Datasheet
1Mb / 95P
   ARM짰 Cortex짰-M 32-bit Microcontroller
More results

Similar Description - NANO908-NE0AN

ManufacturerPart #DatasheetDescription
logo
Nuvoton Technology Corp...
M031 NUVOTON-M031_V01 Datasheet
4Mb / 288P
   Arm짰 Cortex짰-M 32-bit Microcontroller
NUC131SD2AEU NUVOTON-NUC131SD2AEU Datasheet
1Mb / 72P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M031 NUVOTON-M031 Datasheet
4Mb / 274P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M261 NUVOTON-M261 Datasheet
10Mb / 398P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M4521 NUVOTON-M4521 Datasheet
2Mb / 117P
   Arm짰 Cortex짰-M 32-bit Microcontroller
NUC100 NUVOTON-NUC100_15 Datasheet
1Mb / 107P
   ARM짰 Cortex짰-M 32-bit Microcontroller
M0515 NUVOTON-M0515 Datasheet
5Mb / 422P
   Arm짰 Cortex짰-M 32-bit Microcontroller
NANO100 NUVOTON-NANO100_15 Datasheet
1Mb / 95P
   ARM짰 Cortex짰-M 32-bit Microcontroller
NUC029XDE NUVOTON-NUC029XDE Datasheet
1Mb / 70P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M4TK NUVOTON-M4TK Datasheet
3Mb / 144P
   ARM짰 Cortex짰-M 32-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com