Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NANO908-NE0AN Datasheet(PDF) 8 Page - Nuvoton Technology Corporation

Part # NANO908-NE0AN
Description  ARM짰 Cortex짰-M 32-bit Microcontroller
Download  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

NANO908-NE0AN Datasheet(HTML) 8 Page - Nuvoton Technology Corporation

Back Button NANO908-NE0AN Datasheet HTML 4Page - Nuvoton Technology Corporation NANO908-NE0AN Datasheet HTML 5Page - Nuvoton Technology Corporation NANO908-NE0AN Datasheet HTML 6Page - Nuvoton Technology Corporation NANO908-NE0AN Datasheet HTML 7Page - Nuvoton Technology Corporation NANO908-NE0AN Datasheet HTML 8Page - Nuvoton Technology Corporation NANO908-NE0AN Datasheet HTML 9Page - Nuvoton Technology Corporation NANO908-NE0AN Datasheet HTML 10Page - Nuvoton Technology Corporation NANO908-NE0AN Datasheet HTML 11Page - Nuvoton Technology Corporation NANO908-NE0AN Datasheet HTML 12Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 160 page
background image
NUMICRO® NANO100 (B) DATASHEET
May 31, 2016
Page 8 of 160
Revision 1.08
1
GENERAL DESCRIPTION
The Nano100 series ultra-low power 32-bit microcontroller is embedded with ARM
® Cortex™-M0
core operated at a wide voltage range from 1.8V to 3.6V and runs up to 42 MHz frequency with
32K/64K/128K bytes embedded Flash and 8K/16K-byte embedded SRAM. Integrating LCD 4x40
or 6x38 (COM/Segment), USB 2.0 full-speed function, RTC, 12-bit SAR ADC, 12-bit DAC and
provides high performance connectivity peripheral interfaces such as UART, SPI, I
2C, I2S, GPIOs,
EBI (External Bus Interface) for external memory-mapped device access and ISO-7816-3 for
Smart card, the Nano100 series supports Brown-out Detector, Power-down mode with RAM
retention and fast wake-up via many peripheral interfaces.
The Nano100 series provides low power voltage, low power consumption, low standby current,
high integration peripherals, high-efficiency operation, fast wake-up function and the lowest cost
32-bit microcontrollers. The Nano100 series is suitable for a wide range of battery device
applications such as:
Portable Data Collector
Portable Medical Monitor
Portable RFID Reader
Portable Barcode Scanner
Security Alarm System
System Supervisors
Power Metering
USB Accessories
Smart Card Reader
Wireless Game Control Device
IPTV Remote Smart Keyboard
Wireless Sensors Node Device (WSN)
Wireless RF4CE Remote Control
Wireless Audio
Wireless Automatic Meter Reader (AMR)
Electronic Toll Collection (ETC)
The Nano100 Base line, an ultra-low power 32-bit microcontroller with the embedded ARM
®
Cortex™-M0 core, operates at wide voltage range from 1.8V to 3.6V and runs up to 42 MHz
frequency with 32K/64K/128K bytes embedded flash and 8K/16K bytes embedded SRAM. It
integrates RTC, 12- channels 12-bit SAR ADC, 2-channels 12-bit DAC and provides high
performance connectivity peripheral interfaces such as 2xUART, 3xSPI, 2xI
2C, I2S, GPIOs, EBI
(External Bus Interface) for external memory-mapped device access and 3xISO-7816-3 for Smart
card. The Nano100 Base line supports Brown-out Detector, Power-down mode with RAM
retention and fast wake-up via many peripheral interfaces.
The Nano110 LCD line, an ultra-low power 32-bit microcontroller with the embedded ARM
®
Cortex™-M0 core, operates at wide voltage range from 1.8V to 3.6V and runs up to 42 MHz
frequency with 32K/64K/128K bytes embedded flash and 8K/16K bytes embedded SRAM. It
integrates LCD 4x40 or 6x38 (COM/Segment). RTC, 12-channels 12-bit SAR ADC, 2-channels
12-bit DAC and provides high performance connectivity peripheral interfaces such as 2xUART,
2xSPI, 2xI
2C, I2S, GPIOs, EBI (External Bus Interface) for external memory-mapped device
access and 3xISO-7816-3 for Smart card. The Nano110 LCD line supports Brown-out Detector,
Power-down mode with RAM retention and fast wake-up via many peripheral interfaces.


Similar Part No. - NANO908-NE0AN

ManufacturerPart #DatasheetDescription
logo
Nuvoton Technology Corp...
NANO908LA0AN NUVOTON-NANO908LA0AN Datasheet
1Mb / 95P
   ARM짰 Cortex짰-M 32-bit Microcontroller
NANO908LA1AN NUVOTON-NANO908LA1AN Datasheet
1Mb / 95P
   ARM짰 Cortex짰-M 32-bit Microcontroller
NANO908LA2AN NUVOTON-NANO908LA2AN Datasheet
1Mb / 95P
   ARM짰 Cortex짰-M 32-bit Microcontroller
NANO908LB0AN NUVOTON-NANO908LB0AN Datasheet
1Mb / 95P
   ARM짰 Cortex짰-M 32-bit Microcontroller
NANO908LB1AN NUVOTON-NANO908LB1AN Datasheet
1Mb / 95P
   ARM짰 Cortex짰-M 32-bit Microcontroller
More results

Similar Description - NANO908-NE0AN

ManufacturerPart #DatasheetDescription
logo
Nuvoton Technology Corp...
M031 NUVOTON-M031_V01 Datasheet
4Mb / 288P
   Arm짰 Cortex짰-M 32-bit Microcontroller
NUC131SD2AEU NUVOTON-NUC131SD2AEU Datasheet
1Mb / 72P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M031 NUVOTON-M031 Datasheet
4Mb / 274P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M261 NUVOTON-M261 Datasheet
10Mb / 398P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M4521 NUVOTON-M4521 Datasheet
2Mb / 117P
   Arm짰 Cortex짰-M 32-bit Microcontroller
NUC100 NUVOTON-NUC100_15 Datasheet
1Mb / 107P
   ARM짰 Cortex짰-M 32-bit Microcontroller
M0515 NUVOTON-M0515 Datasheet
5Mb / 422P
   Arm짰 Cortex짰-M 32-bit Microcontroller
NANO100 NUVOTON-NANO100_15 Datasheet
1Mb / 95P
   ARM짰 Cortex짰-M 32-bit Microcontroller
NUC029XDE NUVOTON-NUC029XDE Datasheet
1Mb / 70P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M4TK NUVOTON-M4TK Datasheet
3Mb / 144P
   ARM짰 Cortex짰-M 32-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com