Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VSC8140 Datasheet(PDF) 28 Page - Vitesse Semiconductor Corporation

Part # VSC8140
Description  2.48832Gb/s 16:1 SONET/SDH Transceiver with Integrated Clock Generator
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC8140 Datasheet(HTML) 28 Page - Vitesse Semiconductor Corporation

Back Button VSC8140 Datasheet HTML 24Page - Vitesse Semiconductor Corporation VSC8140 Datasheet HTML 25Page - Vitesse Semiconductor Corporation VSC8140 Datasheet HTML 26Page - Vitesse Semiconductor Corporation VSC8140 Datasheet HTML 27Page - Vitesse Semiconductor Corporation VSC8140 Datasheet HTML 28Page - Vitesse Semiconductor Corporation VSC8140 Datasheet HTML 29Page - Vitesse Semiconductor Corporation VSC8140 Datasheet HTML 30Page - Vitesse Semiconductor Corporation VSC8140 Datasheet HTML 31Page - Vitesse Semiconductor Corporation VSC8140 Datasheet HTML 32Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 34 page
background image
VITESSE
SEMICONDUCTOR CORPORATION
Data Sheet
VSC8140
2.48832Gb/s 16:1 SONET/SDH
Transceiver with Integrated Clock Generator
Page 28
© VITESSE SEMICONDUCTOR CORPORATION
741 Calle Plano, Camarillo, CA 93012 • 805/388-3700 • FAX: 805/987-5896
9/6/00
G52251-0, Rev. 4.0
B7
NC
No connect, leave unconnected(2)
B6
NC
No connect, leave unconnected(2)
B5
NC
No connect, leave unconnected(2)
B2
NC
No connect, leave unconnected(2)
B1
NC
No connect, leave unconnected(2)
C16
NC
No connect, leave unconnected(2)
C15
NC
No connect, leave unconnected(2)
C13
NC
No connect, leave unconnected(2)
C12
NC
No connect, leave unconnected(2)
C10
NC
No connect, leave unconnected(2)
C9
NC
No connect, leave unconnected(2)
C7
NC
No connect, leave unconnected(2)
C6
NC
No connect, leave unconnected(2)
C5
NC
No connect, leave unconnected(2)
C2
NC
No connect, leave unconnected(2)
D15
NC
No connect, leave unconnected(2)
D14
NC
No connect, leave unconnected(2)
D12
NC
No connect, leave unconnected(2)
D6
NC
No connect, leave unconnected(2)
D3
NC
No connect, leave unconnected(2)
D2
NC
No connect, leave unconnected(2)
E17
NC
No connect, leave unconnected(2)
E16
NC
No connect, leave unconnected(2)
E4
NC
No connect, leave unconnected(2)
E3
NC
No connect, leave unconnected(2)
E2
NC
No connect, leave unconnected(2)
F16
NC
No connect, leave unconnected(2)
F15
NC
No connect, leave unconnected(2)
F14
NC
No connect, leave unconnected(2)
H4
NC
No connect, leave unconnected(2)
J16
NC
No connect, leave unconnected(2)
J15
NC
No connect, leave unconnected(2)
J14
NC
No connect, leave unconnected(2)
J1
NC
No connect, leave unconnected(2)
K17
NC
No connect, leave unconnected(2)
Table 5: Package Pin Identification - 208 BGA
Pin #
Name
I/O
Level
Description


Similar Part No. - VSC8140

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC8141 VITESSE-VSC8141 Datasheet
13Kb / 1P
   Multi-Rate 16:1 SONET/SDH Transceiver with Integrated Clock Generator
VSC8141QR VITESSE-VSC8141QR Datasheet
13Kb / 1P
   Multi-Rate 16:1 SONET/SDH Transceiver with Integrated Clock Generator
VSC8141TW VITESSE-VSC8141TW Datasheet
13Kb / 1P
   Multi-Rate 16:1 SONET/SDH Transceiver with Integrated Clock Generator
VSC8142 VITESSE-VSC8142 Datasheet
540Kb / 2P
   2.5G Multi-rate SONET/SDH Transceiver Family
VSC8144 VITESSE-VSC8144 Datasheet
17Kb / 1P
   2.488Gb/s 4:1 SONET/SDH Transceiver with Integrated Clock Generator
More results

Similar Description - VSC8140

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC8141 VITESSE-VSC8141 Datasheet
13Kb / 1P
   Multi-Rate 16:1 SONET/SDH Transceiver with Integrated Clock Generator
VSC8144 VITESSE-VSC8144 Datasheet
17Kb / 1P
   2.488Gb/s 4:1 SONET/SDH Transceiver with Integrated Clock Generator
VSC8163 VITESSE-VSC8163 Datasheet
191Kb / 20P
   OC-48 16:1 SONET/SDH MUX with Clock Generator
VSC8169 VITESSE-VSC8169 Datasheet
185Kb / 18P
   OC-48 (FEC) 16:1 SONET/SDH MUX with Clock Generator
VSC8121 VITESSE-VSC8121 Datasheet
176Kb / 18P
   2.488GHz SONET/SDH Clock Generator
VSC8116 VITESSE-VSC8116 Datasheet
358Kb / 20P
   ATM/SONET/SDH 622/155Mb/s Transceiver Mux/Demux with Integrated Clock Generation
VSC8131 VITESSE-VSC8131 Datasheet
149Kb / 16P
   2.488 Gbit/sec 32:1 SONET/SDH Mux with Clock Generator
logo
Maxim Integrated Produc...
MAX3881 MAXIM-MAX3881 Datasheet
193Kb / 11P
   3.3V, 2.488Gbps, SDH/SONET 1:16 Deserializer with Clock Recovery
Rev 1; 12/01
logo
Vitesse Semiconductor C...
VSC8111 VITESSE-VSC8111 Datasheet
139Kb / 26P
   ATM/SONET/SDH 155/622 Mb/s Transceiver Mux/Demux with Integrated Clock Generation
VSC8114 VITESSE-VSC8114 Datasheet
434Kb / 24P
   ATM/SONET/SDH 622 Mb/s Transceiver Mux/Demux with Integrated Clock Generation and Clock Recovery
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com