Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VSC8140 Datasheet(PDF) 4 Page - Vitesse Semiconductor Corporation

Part # VSC8140
Description  2.48832Gb/s 16:1 SONET/SDH Transceiver with Integrated Clock Generator
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC8140 Datasheet(HTML) 4 Page - Vitesse Semiconductor Corporation

  VSC8140 Datasheet HTML 1Page - Vitesse Semiconductor Corporation VSC8140 Datasheet HTML 2Page - Vitesse Semiconductor Corporation VSC8140 Datasheet HTML 3Page - Vitesse Semiconductor Corporation VSC8140 Datasheet HTML 4Page - Vitesse Semiconductor Corporation VSC8140 Datasheet HTML 5Page - Vitesse Semiconductor Corporation VSC8140 Datasheet HTML 6Page - Vitesse Semiconductor Corporation VSC8140 Datasheet HTML 7Page - Vitesse Semiconductor Corporation VSC8140 Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC8140 Datasheet HTML 9Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
VITESSE
SEMICONDUCTOR CORPORATION
Data Sheet
VSC8140
2.48832Gb/s 16:1 SONET/SDH
Transceiver with Integrated Clock Generator
Page 4
© VITESSE SEMICONDUCTOR CORPORATION
741 Calle Plano, Camarillo, CA 93012 • 805/388-3700 • FAX: 805/987-5896
9/6/00
G52251-0, Rev. 4.0
Figure 5: AC Termination of Low-Speed LVPECL RXCLK16O, RXCLK16_32O, TXCLK16O Outputs
Receiver Low-Speed Interface
The demultiplexed serial stream is made available by a 16-bit single-ended LVPECL interface
RXOUT[15:0] with accompanying differential LVPECL divide-by-16 clock RXCLK16O± and selectable
LVPECL divide-by-16 or -32 clock RXCLK16_32O±.
RXCLKO_FREQSEL is used to select RXCLK16_32O±. RXCLKO_FREQSEL = “0” designates
RXCLK16_32O± output as 77.76MHz, RXCLKO_FREQSEL = “1” designates RXCLK16_32O± output as
155.52MHz.
The RXCLK16O and RXCLK16_32O output drivers are designed to drive a 50
Ω transmission line. The
transmission line can be DC terminated with a split-end termination scheme (see Figure 3), or DC terminated by
50
Ω to V
CC-2V on each line (see Figure 4). AC-coupling can be achieved by a number of methods. Figure 5
illustrates an AC-coupling method for the occasion when the downstream device provides the bias point for
AC-coupling. The divide-by-16 output (RXCLK16O) or the divide-by-16 or -32 output (RXCLK16_32O) can
be used to provide an external looptiming reference clock (after external filtering with a 1x REFCLK PLL) for
the clock multiplication unit on the VSC8140.
The RXOUT[15:0] output drivers are designed to drive a 50
Ω transmission line which can be DC termi-
nated with a split-end termination scheme (see Figure 6), or a traditional termination scheme (see Figure 7).
Figure 6: Split-end DC Termination of Low-Speed LVPECL RXOUT[15:0] Outputs
VSC8140
100nF
50
50
Zo
Zo
100nF
VCC-2V
downstream
bias point
generated
internally
VSC8140
Zo
R1 = 125
VEE
VCC
R2 = 83
Split-end equivalent termination is ZO to VTERM
R1 = 125
Ω R2 = 83Ω, Z
O=50Ω, VTERM= VCC-2V
VCCR2 + VEER1
R1+R2
= VTERM
R1||R2 = Zo


Similar Part No. - VSC8140

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC8141 VITESSE-VSC8141 Datasheet
13Kb / 1P
   Multi-Rate 16:1 SONET/SDH Transceiver with Integrated Clock Generator
VSC8141QR VITESSE-VSC8141QR Datasheet
13Kb / 1P
   Multi-Rate 16:1 SONET/SDH Transceiver with Integrated Clock Generator
VSC8141TW VITESSE-VSC8141TW Datasheet
13Kb / 1P
   Multi-Rate 16:1 SONET/SDH Transceiver with Integrated Clock Generator
VSC8142 VITESSE-VSC8142 Datasheet
540Kb / 2P
   2.5G Multi-rate SONET/SDH Transceiver Family
VSC8144 VITESSE-VSC8144 Datasheet
17Kb / 1P
   2.488Gb/s 4:1 SONET/SDH Transceiver with Integrated Clock Generator
More results

Similar Description - VSC8140

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC8141 VITESSE-VSC8141 Datasheet
13Kb / 1P
   Multi-Rate 16:1 SONET/SDH Transceiver with Integrated Clock Generator
VSC8144 VITESSE-VSC8144 Datasheet
17Kb / 1P
   2.488Gb/s 4:1 SONET/SDH Transceiver with Integrated Clock Generator
VSC8163 VITESSE-VSC8163 Datasheet
191Kb / 20P
   OC-48 16:1 SONET/SDH MUX with Clock Generator
VSC8169 VITESSE-VSC8169 Datasheet
185Kb / 18P
   OC-48 (FEC) 16:1 SONET/SDH MUX with Clock Generator
VSC8121 VITESSE-VSC8121 Datasheet
176Kb / 18P
   2.488GHz SONET/SDH Clock Generator
VSC8116 VITESSE-VSC8116 Datasheet
358Kb / 20P
   ATM/SONET/SDH 622/155Mb/s Transceiver Mux/Demux with Integrated Clock Generation
VSC8131 VITESSE-VSC8131 Datasheet
149Kb / 16P
   2.488 Gbit/sec 32:1 SONET/SDH Mux with Clock Generator
logo
Maxim Integrated Produc...
MAX3881 MAXIM-MAX3881 Datasheet
193Kb / 11P
   3.3V, 2.488Gbps, SDH/SONET 1:16 Deserializer with Clock Recovery
Rev 1; 12/01
logo
Vitesse Semiconductor C...
VSC8111 VITESSE-VSC8111 Datasheet
139Kb / 26P
   ATM/SONET/SDH 155/622 Mb/s Transceiver Mux/Demux with Integrated Clock Generation
VSC8114 VITESSE-VSC8114 Datasheet
434Kb / 24P
   ATM/SONET/SDH 622 Mb/s Transceiver Mux/Demux with Integrated Clock Generation and Clock Recovery
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com