Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SUM110P06-07L-E3 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SUM110P06-07L-E3
Description  P-Channel 60-V (D-S) 175 Degree Celcious MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SUM110P06-07L-E3 Datasheet(HTML) 3 Page - Vishay Siliconix

  SUM110P06-07L-E3 Datasheet HTML 1Page - Vishay Siliconix SUM110P06-07L-E3 Datasheet HTML 2Page - Vishay Siliconix SUM110P06-07L-E3 Datasheet HTML 3Page - Vishay Siliconix SUM110P06-07L-E3 Datasheet HTML 4Page - Vishay Siliconix SUM110P06-07L-E3 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SUM110P06-07L
Vishay Siliconix
Document Number: 72439
S-40842—Rev. B, 03-May-04
www.vishay.com
3
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
0
50
100
150
200
250
0
153045
607590
0
4
8
12
16
20
0
50
100 150 200 250 300 350 400 450
0.000
0.002
0.004
0.006
0.008
0.010
0.012
0.014
0.016
0
20
40
60
80
100
120
0
2000
4000
6000
8000
10000
12000
14000
0
102030
405060
0
40
80
120
160
200
0
1234
5
0
40
80
120
160
200
0
2468
10
Output Characteristics
Transfer Characteristics
Capacitance
Gate Charge
Transconductance
On-Resistance vs. Drain Current
VDS − Drain-to-Source Voltage (V)
VGS − Gate-to-Source Voltage (V)
Qg − Total Gate Charge (nC)
ID − Drain Current (A)
VDS − Drain-to-Source Voltage (V)
ID − Drain Current (A)
25_C
−55_C
TC = 125_C
VDS = 30 V
ID = 110 A
VGS = 10 thru 5 V
VGS = 10 V
VGS = 4.5 V
Ciss
Coss
Crss
125_C
3 V
4 V
TC = −55_C
25_C


Similar Part No. - SUM110P06-07L-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SUM110P06-07L-E3 VISHAY-SUM110P06-07L-E3 Datasheet
115Kb / 6P
   P-Channel 60-V (D-S) 175 °C MOSFET
Rev. C, 11-Feb-08
More results

Similar Description - SUM110P06-07L-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SUM55P06-19L VISHAY-SUM55P06-19L Datasheet
61Kb / 5P
   P-Channel 60-V (D-S) 175 Degree Celcious MOSFET
Rev. B, 04-Oct-04
SUM110P06-08L VISHAY-SUM110P06-08L Datasheet
55Kb / 5P
   P-Channel 60-V (D-S) 175 Degrees Celcious MOSFET
Rev. A, 09-Aug-04
SUD40N08-16 VISHAY-SUD40N08-16 Datasheet
60Kb / 4P
   N-Channel 80-V (D-S) 175 Degree Celcious MOSFET
Rev. C, 23-Feb-04
SUD50N02-09P VISHAY-SUD50N02-09P Datasheet
52Kb / 4P
   N-Channel 20-V (D-S) 175 Degree Celcious MOSFET
Rev. C, 14-Jun-04
SUD50N04-07L VISHAY-SUD50N04-07L Datasheet
73Kb / 5P
   N-Channel 40-V (D-S), 175 Degree Celcious MOSFET
Rev. B, 13-Oct-03
SUP60N10-16L VISHAY-SUP60N10-16L Datasheet
41Kb / 5P
   N-Channel 100-V (D-S) 175 Degree Celcious MOSFET
Rev. B, 31-Mar-03
SUB85N08-08 VISHAY-SUB85N08-08 Datasheet
63Kb / 5P
   N-Channel 75-V (D-S) 175 Degree Celcious MOSFET
Rev. B, 28-Aug-00
SUB85N02-03 VISHAY-SUB85N02-03 Datasheet
66Kb / 5P
   N-Channel 20-V (D-S) 175 Degree Celcious MOSFET
Rev. B, 29-Dec-03
SUV85N10-10 VISHAY-SUV85N10-10 Datasheet
45Kb / 5P
   N-Channel 100-V (D-S) 175 Degree Celcious MOSFET
Rev. B, 31-Mar-03
SUP90N10-09 VISHAY-SUP90N10-09 Datasheet
42Kb / 5P
   N-Channel 100-V (D-S) 175 Degree Celcious MOSFET
Rev. A, 25-Nov-02
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com