Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSM3K16FU Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # SSM3K16FU
Description  High Speed Switching Applications Analog Switching Applications
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

SSM3K16FU Datasheet(HTML) 3 Page - Toshiba Semiconductor

  SSM3K16FU Datasheet HTML 1Page - Toshiba Semiconductor SSM3K16FU Datasheet HTML 2Page - Toshiba Semiconductor SSM3K16FU Datasheet HTML 3Page - Toshiba Semiconductor SSM3K16FU Datasheet HTML 4Page - Toshiba Semiconductor SSM3K16FU Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SSM3K16FU
2001-12-18
3
ID – VDS
ID – VGS
RDS (ON) – ID
RDS (ON) – VGS
RDS (ON) – Ta
Vth – Ta
Drain-Source voltage VDS (V)
Gate-Source voltage VGS (V)
Drain current ID (mA)
Gate-Source voltage VGS (V)
Ambient temperature Ta (°C)
Ambient temperature Ta (°C)
2.5 V
VGS = 1.5 V
0
1
4
12
1000
10
2
6
8
100
Common source
Ta
= 25°C
10
4 V
0
0
100
250
12
1.5
0.5
50
150
200
VGS = 1.3 V
1.5
1.7
1.9
Common source
Ta
= 25°C
3
4
10
2.5
2.3
2.1
04
10
8
26
0
2
6
1
4
5
3
25°C
Ta
= 100°C
-25°C
Common source
ID = 10 mA
02
3
1
0.01
1
1000
0.1
10
100
Ta
= 100°C
Common source
VDS = 3 V
-25°C
25°C
0
2
8
6
4
2.5 V, 10 mA
VGS = 1.5 V, ID = 1 mA
Common source
-25
50
150
125
0
75
25
100
4 V, 10 mA
Common source
ID = 0.1 mA
VDS = 3 V
-25
50
150
125
0
75
25
100
0
0.4
2
1.2
1.6
0.8


Similar Part No. - SSM3K16FU

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
SSM3K16FU VBSEMI-SSM3K16FU Datasheet
1,014Kb / 8P
   N-Channel 60-V (D-S) MOSFET
logo
Toshiba Semiconductor
SSM3K16FU TOSHIBA-SSM3K16FU_07 Datasheet
145Kb / 5P
   Silicon N Channel MOS Type High Speed Switching Applications
More results

Similar Description - SSM3K16FU

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SSM6N37FE TOSHIBA-SSM6N37FE Datasheet
197Kb / 5P
   High-Speed Switching Applications Analog Switching Applications
SSM6N44FE TOSHIBA-SSM6N44FE Datasheet
154Kb / 5P
   High Speed Switching Applications Analog Switching Applications
SSM6N16FE TOSHIBA-SSM6N16FE Datasheet
143Kb / 5P
   High Speed Switching Applications Analog Switching Applications
2SJ305 TOSHIBA-2SJ305_07 Datasheet
592Kb / 5P
   High Speed Switching Applications Analog Applications
SSM6N16FU TOSHIBA-SSM6N16FU Datasheet
143Kb / 5P
   High Speed Switching Applications Analog Switch Applications
SSM5N15FE TOSHIBA-SSM5N15FE Datasheet
150Kb / 5P
   High Speed Switching Applications Analog Switch Applications
SSM6N37FU TOSHIBA-SSM6N37FU Datasheet
200Kb / 5P
   High Speed Switching Applications Analog Switch Applications
SSM3K16FVTL3T TOSHIBA-SSM3K16FVTL3T Datasheet
94Kb / 5P
   High Speed Switching Applications Analog Switch Applications
SSM3K35MFV TOSHIBA-SSM3K35MFV Datasheet
205Kb / 5P
   High-Speed Switching Applications Analog Switch Applications
SSM6L35FE TOSHIBA-SSM6L35FE Datasheet
225Kb / 8P
   High-Speed Switching Applications Analog Switch Applications
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com