Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SDP10S30 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # SDP10S30
Description  Silicon Carbide Schottky Diode
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SDP10S30 Datasheet(HTML) 1 Page - Infineon Technologies AG

  SDP10S30 Datasheet HTML 1Page - Infineon Technologies AG SDP10S30 Datasheet HTML 2Page - Infineon Technologies AG SDP10S30 Datasheet HTML 3Page - Infineon Technologies AG SDP10S30 Datasheet HTML 4Page - Infineon Technologies AG SDP10S30 Datasheet HTML 5Page - Infineon Technologies AG SDP10S30 Datasheet HTML 6Page - Infineon Technologies AG SDP10S30 Datasheet HTML 7Page - Infineon Technologies AG SDP10S30 Datasheet HTML 8Page - Infineon Technologies AG SDP10S30 Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
2001-12-04
Page 1
SDP10S30, SDB10S30
SDT10S30
Preliminary data
Silicon Carbide Schottky Diode
 Revolutionary semiconductor
material - Silicon Carbide
 Switching behavior benchmark
 No reverse recovery
 No temperature influence on
the switching behavior
 No forward recovery
Product Summary
VRRM
300
V
Qc
23
nC
IF
10
A
P-TO220-2-2.
P-TO220-3-1.
P-TO220-3.SMD
Pin 1
PIN 2
PIN 3
n.c.
C
A
n.c.
C
A
Marking
D10S30
D10S30
D10S30
Type
Package
Ordering Code
SDP10S30
P-TO220-3-1.
Q67040-S4372
SDB10S30
P-TO220-3.SMD Q67040-S4373
SDT10S30
P-TO220-2-2.
Q67040-S4447
C
A
Maximum Ratings,at Tj = 25 °C, unless otherwise specified
Parameter
Symbol
Value
Unit
Continuous forward current, T
C=100°C
IF
10
A
RMS forward current
, f=50Hz
IFRMS
14
Surge non repetitive forward current, sine halfwave
TC=25°C, tp=10ms
IFSM
36
Repetitive peak forward current
Tj=150°C, TC=100°C, D=0.1
IFRM
45
Non repetitive peak forward current
tp=10µs, TC=25°C
IFMAX
100
i 2t value
, T
C=25°C, tp=10ms
i2dt
6.5
A²s
Repetitive peak reverse voltage
VRRM
300
V
Surge peak reverse voltage
VRSM
300
Power dissipation
, T
C=25°C
Ptot
65
W
Operating and storage temperature
Tj , Tstg
-55... +175
°C


Similar Part No. - SDP10S30

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SDP10S30 INFINEON-SDP10S30 Datasheet
620Kb / 9P
   Silicon Carbide Schottky Diode
Rev. 1.5 2008-06-02
SDP10S30 INFINEON-SDP10S30_08 Datasheet
620Kb / 9P
   Silicon Carbide Schottky Diode
Rev. 1.5 2008-06-02
More results

Similar Description - SDP10S30

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
E4D20120G CREE-E4D20120G Datasheet
2Mb / 6P
   Silicon Carbide Schottky Diode Silicon Carbide Schottky Diode
logo
Infineon Technologies A...
SIDC19D60SIC3 INFINEON-SIDC19D60SIC3 Datasheet
54Kb / 4P
   Silicon Carbide Schottky Diode
22.04.2004
SDD04S60 INFINEON-SDD04S60 Datasheet
280Kb / 9P
   Silicon Carbide Schottky Diode
2004-02-11
SDP20S30 INFINEON-SDP20S30 Datasheet
216Kb / 8P
   Silicon Carbide Schottky Diode
2001-09-07
logo
Pan Jit International I...
SIC04A065ND PANJIT-SIC04A065ND Datasheet
575Kb / 5P
   SILICON CARBIDE SCHOTTKY DIODE
logo
Infineon Technologies A...
IDH08G120C5 INFINEON-IDH08G120C5_15 Datasheet
879Kb / 10P
   Silicon Carbide Schottky Diode
Rev. 2.0 2015-07-22
IDH10G120C5 INFINEON-IDH10G120C5_15 Datasheet
886Kb / 10P
   Silicon Carbide Schottky Diode
Rev. 2.0 2015-07-22
logo
Pan Jit International I...
SIC06A065D PANJIT-SIC06A065D Datasheet
426Kb / 5P
   SILICON CARBIDE SCHOTTKY DIODE
SIC06A065S PANJIT-SIC06A065S Datasheet
411Kb / 5P
   SILICON CARBIDE SCHOTTKY DIODE
logo
Cree, Inc
C3D16065A CREE-C3D16065A Datasheet
850Kb / 6P
   Silicon Carbide Schottky Diode
C3D30065D CREE-C3D30065D Datasheet
922Kb / 6P
   Silicon Carbide Schottky Diode
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com