Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NANO908-ND0AN Datasheet(PDF) 82 Page - Nuvoton Technology Corporation

Part # NANO908-ND0AN
Description  ARM짰 Cortex짰-M 32-bit Microcontroller
Download  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

NANO908-ND0AN Datasheet(HTML) 82 Page - Nuvoton Technology Corporation

Back Button NANO908-ND0AN Datasheet HTML 78Page - Nuvoton Technology Corporation NANO908-ND0AN Datasheet HTML 79Page - Nuvoton Technology Corporation NANO908-ND0AN Datasheet HTML 80Page - Nuvoton Technology Corporation NANO908-ND0AN Datasheet HTML 81Page - Nuvoton Technology Corporation NANO908-ND0AN Datasheet HTML 82Page - Nuvoton Technology Corporation NANO908-ND0AN Datasheet HTML 83Page - Nuvoton Technology Corporation NANO908-ND0AN Datasheet HTML 84Page - Nuvoton Technology Corporation NANO908-ND0AN Datasheet HTML 85Page - Nuvoton Technology Corporation NANO908-ND0AN Datasheet HTML 86Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 160 page
background image
NUMICRO® NANO100 (B) DATASHEET
May 31, 2016
Page 82 of 160
Revision 1.08
Pin No.
Pin Name
Pin
Type
Description
LQFP
128
LQFP
64
LQFP
48
PF.2
I/O
General purpose digital I/O pin
115
NC
116
60
46
nRESET
I
External reset input: Low active, set this pin low
reset chip to initial state. With internal pull-up.
117
61
VSS
P
Ground
118
VSS
P
Ground
119
NC
120
62
VDD
P
Power supply for I/O ports and LDO source for
internal PLL and digital circuit
121
NC
122
PF.4
I/O
General purpose digital IO pin
I2C0_SDA
I/O
I
2C 0 data I/O pin
123
PF.5
I/O
General purpose digital IO pin
I2C0_SCL
I/O
I
2C 0 clock pin
124
VSS
P
Ground
125
63
47
PVSS
P
PLL Ground
126
64
48
PB.8
I/O
General purpose digital IO pin
STADC
I
ADC external trigger input.
TM0
I
Timer0 external counter input
INT0
I
External interrupt0 input pin
SC2_PWR
O
SmartCard2 Power pin
127
PE.15
I/O
General purpose digital IO pin
128
PE.14
I/O
General purpose digital IO pin
Note:
1.
Pin Type: I = Digital Input, O=Digital Output; AI=Analog Input; AO= Analog Output; P=Power Pin; AP=Analog Power;


Similar Part No. - NANO908-ND0AN

ManufacturerPart #DatasheetDescription
logo
Nuvoton Technology Corp...
NANO908LA0AN NUVOTON-NANO908LA0AN Datasheet
1Mb / 95P
   ARM짰 Cortex짰-M 32-bit Microcontroller
NANO908LA1AN NUVOTON-NANO908LA1AN Datasheet
1Mb / 95P
   ARM짰 Cortex짰-M 32-bit Microcontroller
NANO908LA2AN NUVOTON-NANO908LA2AN Datasheet
1Mb / 95P
   ARM짰 Cortex짰-M 32-bit Microcontroller
NANO908LB0AN NUVOTON-NANO908LB0AN Datasheet
1Mb / 95P
   ARM짰 Cortex짰-M 32-bit Microcontroller
NANO908LB1AN NUVOTON-NANO908LB1AN Datasheet
1Mb / 95P
   ARM짰 Cortex짰-M 32-bit Microcontroller
More results

Similar Description - NANO908-ND0AN

ManufacturerPart #DatasheetDescription
logo
Nuvoton Technology Corp...
M031 NUVOTON-M031_V01 Datasheet
4Mb / 288P
   Arm짰 Cortex짰-M 32-bit Microcontroller
NUC131SD2AEU NUVOTON-NUC131SD2AEU Datasheet
1Mb / 72P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M031 NUVOTON-M031 Datasheet
4Mb / 274P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M261 NUVOTON-M261 Datasheet
10Mb / 398P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M4521 NUVOTON-M4521 Datasheet
2Mb / 117P
   Arm짰 Cortex짰-M 32-bit Microcontroller
NUC100 NUVOTON-NUC100_15 Datasheet
1Mb / 107P
   ARM짰 Cortex짰-M 32-bit Microcontroller
M0515 NUVOTON-M0515 Datasheet
5Mb / 422P
   Arm짰 Cortex짰-M 32-bit Microcontroller
NANO100 NUVOTON-NANO100_15 Datasheet
1Mb / 95P
   ARM짰 Cortex짰-M 32-bit Microcontroller
NUC029XDE NUVOTON-NUC029XDE Datasheet
1Mb / 70P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M4TK NUVOTON-M4TK Datasheet
3Mb / 144P
   ARM짰 Cortex짰-M 32-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com