Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NANO908-ND0AN Datasheet(PDF) 76 Page - Nuvoton Technology Corporation

Part # NANO908-ND0AN
Description  ARM짰 Cortex짰-M 32-bit Microcontroller
Download  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

NANO908-ND0AN Datasheet(HTML) 76 Page - Nuvoton Technology Corporation

Back Button NANO908-ND0AN Datasheet HTML 72Page - Nuvoton Technology Corporation NANO908-ND0AN Datasheet HTML 73Page - Nuvoton Technology Corporation NANO908-ND0AN Datasheet HTML 74Page - Nuvoton Technology Corporation NANO908-ND0AN Datasheet HTML 75Page - Nuvoton Technology Corporation NANO908-ND0AN Datasheet HTML 76Page - Nuvoton Technology Corporation NANO908-ND0AN Datasheet HTML 77Page - Nuvoton Technology Corporation NANO908-ND0AN Datasheet HTML 78Page - Nuvoton Technology Corporation NANO908-ND0AN Datasheet HTML 79Page - Nuvoton Technology Corporation NANO908-ND0AN Datasheet HTML 80Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 160 page
background image
NUMICRO® NANO100 (B) DATASHEET
May 31, 2016
Page 76 of 160
Revision 1.08
Pin No.
Pin Name
Pin
Type
Description
LQFP
128
LQFP
64
LQFP
48
PWM1_CH0
I/O
PWM1 Channel0 output
TM3
O
Timer3 external counter input
SC2_DAT
I/O
SmartCard2 DATA pin(SC2_UART_RXD)
SPI0_MISO0
I/O
SPI0 1
st MISO (Master In, Slave Out) pin
63
31
PB.10
I/O
General purpose digital IO pin
SPI0_SS1
I/O
SPI0 2
nd slave select pin
TM2
O
Timer2 external counter input
SC2_CLK
O
SmartCard2 clock pin(SC2_UART_TXD)
SPI0_MOSI0
I/O
SPI0 1
st MOSI (Master Out, Slave In) pin
64
32
PB.9
I/O
General purpose digital IO pin
SPI1_SS1
I/O
SPI1 2
nd slave select pin
TM1
O
Timer1 external counter input
SC2_RST
O
SmartCard2 RST pin
INT0
I
External interrupt0 input pin
65
PE.4
I/O
General purpose digital IO pin
SPI0_MOSI0
I/O
SPI0 1
st MOSI (Master Out, Slave In) pin
66
PE.3
I/O
General purpose digital IO pin
SPI0_MISO0
I/O
SPI0 1
st MISO (Master In, Slave Out) pin
67
PE.2
I/O
General purpose digital IO pin
SPI0_CLK
I/O
SPI0 serial clock pin
68
PE.1
I/O
General purpose digital IO pin
PWM1_CH3
I/O
PWM1 Channel3 output
SPI0_SS0
I/O
SPI0 1
st slave select pin
69
PE.0
I/O
General purpose digital IO pin
PWM1_CH2
I/O
PWM1 Channel2 output
I2S_MCLK
O
I
2S master clock output pin
70
PC.13
I/O
General purpose digital IO pin
SPI1_MOSI1
I/O
SPI1 2
nd MOSI (Master Out, Slave In) pin
PWM1_CH1
O
PWM1 Channel1 output
SNOOPER
I
Snooper pin


Similar Part No. - NANO908-ND0AN

ManufacturerPart #DatasheetDescription
logo
Nuvoton Technology Corp...
NANO908LA0AN NUVOTON-NANO908LA0AN Datasheet
1Mb / 95P
   ARM짰 Cortex짰-M 32-bit Microcontroller
NANO908LA1AN NUVOTON-NANO908LA1AN Datasheet
1Mb / 95P
   ARM짰 Cortex짰-M 32-bit Microcontroller
NANO908LA2AN NUVOTON-NANO908LA2AN Datasheet
1Mb / 95P
   ARM짰 Cortex짰-M 32-bit Microcontroller
NANO908LB0AN NUVOTON-NANO908LB0AN Datasheet
1Mb / 95P
   ARM짰 Cortex짰-M 32-bit Microcontroller
NANO908LB1AN NUVOTON-NANO908LB1AN Datasheet
1Mb / 95P
   ARM짰 Cortex짰-M 32-bit Microcontroller
More results

Similar Description - NANO908-ND0AN

ManufacturerPart #DatasheetDescription
logo
Nuvoton Technology Corp...
M031 NUVOTON-M031_V01 Datasheet
4Mb / 288P
   Arm짰 Cortex짰-M 32-bit Microcontroller
NUC131SD2AEU NUVOTON-NUC131SD2AEU Datasheet
1Mb / 72P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M031 NUVOTON-M031 Datasheet
4Mb / 274P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M261 NUVOTON-M261 Datasheet
10Mb / 398P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M4521 NUVOTON-M4521 Datasheet
2Mb / 117P
   Arm짰 Cortex짰-M 32-bit Microcontroller
NUC100 NUVOTON-NUC100_15 Datasheet
1Mb / 107P
   ARM짰 Cortex짰-M 32-bit Microcontroller
M0515 NUVOTON-M0515 Datasheet
5Mb / 422P
   Arm짰 Cortex짰-M 32-bit Microcontroller
NANO100 NUVOTON-NANO100_15 Datasheet
1Mb / 95P
   ARM짰 Cortex짰-M 32-bit Microcontroller
NUC029XDE NUVOTON-NUC029XDE Datasheet
1Mb / 70P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M4TK NUVOTON-M4TK Datasheet
3Mb / 144P
   ARM짰 Cortex짰-M 32-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com