Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM4844 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4844
Description  Stereo 1.2W Audio Sub-system with 3D Enhancement
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4844 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM4844 Datasheet HTML 1Page - National Semiconductor (TI) LM4844 Datasheet HTML 2Page - National Semiconductor (TI) LM4844 Datasheet HTML 3Page - National Semiconductor (TI) LM4844 Datasheet HTML 4Page - National Semiconductor (TI) LM4844 Datasheet HTML 5Page - National Semiconductor (TI) LM4844 Datasheet HTML 6Page - National Semiconductor (TI) LM4844 Datasheet HTML 7Page - National Semiconductor (TI) LM4844 Datasheet HTML 8Page - National Semiconductor (TI) LM4844 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
LM4844
Stereo 1.2W Audio Sub-system with 3D Enhancement
General Description
The LM4844 is an integrated audio sub-system designed for
stereo cell phone applications. Operating on a 3.3V supply, it
combines a stereo speaker amplifier delivering 495mW per
channel into an 8
Ω load and a stereo OCL headphone
amplifier delivering 33mW per channel into a 32
Ω load.
It integrates the audio amplifiers, volume control, mixer,
power management control, and National 3D enhancement
all into a single package. In addition, the LM4844 routes and
mixes the stereo and mono inputs into 10 distinct output
modes. The LM4844 is controlled through an I
2C compatible
interface.
Boomer audio power amplifiers are designed specifically to
provide high quality output power with a minimal amount of
external components.
The LM4844 is available in a very small 2.5mm x 2.9mm
30-bump micro SMD (TL) package.
Key Specifications
j POUT, Stereo BTL, 8
Ω, 3.3V,
1% THD+N
495mW (typ)
j POUT HP, 32
Ω, 3.3V,
1% THD+N
33mW (typ)
j Shutdown Current, 3.3V
0.1µA (typ)
Features
n
Stereo speaker amplifier
n
Stereo OCL headphone amplifier
n
Independent Left, Right, and Mono volume controls
n
National 3D enhancement
n
I
2C compatible interface
n
Ultra low shutdown current
n
Click and Pop Suppression circuit
n
10 distinct output modes
Applications
n
Cell Phones
n
PDAs
n
Portable Gaming Devices
n
Internet Appliances
n
Portable DVD, CD, AAC, and MP3 Players
Block Diagram
Boomer® is a registered trademark of National Semiconductor Corporation.
20153531
FIGURE 1. Audio Sub-system Block Diagram
June 2005
© 2005 National Semiconductor Corporation
DS201535
www.national.com


Similar Part No. - LM4844

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4844 NSC-LM4844 Datasheet
633Kb / 26P
   Stereo 1.2W Audio Sub-System with 3D Enhancement
LM4844 NSC-LM4844_07 Datasheet
633Kb / 26P
   Stereo 1.2W Audio Sub-System with 3D Enhancement
More results

Similar Description - LM4844

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4857 NSC-LM4857 Datasheet
1Mb / 38P
   Stereo 1.2W Audio Sub-system with 3D Enhancement
LM4859 NSC-LM4859 Datasheet
1Mb / 29P
   Stereo 1.2W Audio Sub-system with 3D Enhancement
LM4844 NSC-LM4844_07 Datasheet
633Kb / 26P
   Stereo 1.2W Audio Sub-System with 3D Enhancement
LM4859 NSC-LM4859_05 Datasheet
1Mb / 29P
   Stereo 1.2W Audio Sub-system with 3D Enhancement
LM4857 NSC-LM4857_05 Datasheet
1Mb / 37P
   Stereo 1.2W Audio Sub-system with 3D Enhancement
logo
Texas Instruments
LM4857 TI1-LM4857 Datasheet
3Mb / 39P
[Old version datasheet]   Stereo 1.2W Audio Sub-system
LM4859 TI1-LM4859 Datasheet
2Mb / 30P
[Old version datasheet]   Stereo 1.2W Audio Sub-system
logo
New Japan Radio
NJW1160 NJRC-NJW1160 Datasheet
620Kb / 26P
   AUDIO PROCESSOR with SOUND ENHANCEMENT and SRS 3D STEREO
logo
National Semiconductor ...
LM48413 NSC-LM48413 Datasheet
392Kb / 22P
   Ultra Low EMI, Filterless, 1.2W Stereo Class D Audio Power Amplifier with E2S and National 3D Enhancement
logo
New Japan Radio
NJW1161 NJRC-NJW1161 Datasheet
554Kb / 25P
   AUDIO PROCESSOR with SRS 3D STEREO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com