Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PGA2320IDWRG4 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # PGA2320IDWRG4
Description  Stereo Audio Volume Control
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PGA2320IDWRG4 Datasheet(HTML) 1 Page - Texas Instruments

  PGA2320IDWRG4 Datasheet HTML 1Page - Texas Instruments PGA2320IDWRG4 Datasheet HTML 2Page - Texas Instruments PGA2320IDWRG4 Datasheet HTML 3Page - Texas Instruments PGA2320IDWRG4 Datasheet HTML 4Page - Texas Instruments PGA2320IDWRG4 Datasheet HTML 5Page - Texas Instruments PGA2320IDWRG4 Datasheet HTML 6Page - Texas Instruments PGA2320IDWRG4 Datasheet HTML 7Page - Texas Instruments PGA2320IDWRG4 Datasheet HTML 8Page - Texas Instruments PGA2320IDWRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
FEATURES
D DIGITALLY-CONTROLLED ANALOG VOLUME
CONTROL:
Two Independent Audio Channels
Serial Control Interface
Zero Crossing Detection
Mute Function
D WIDE GAIN AND ATTENUATION RANGE:
+31.5dB to −95.5dB with 0.5dB Steps
D LOW NOISE AND DISTORTION:
120dB Dynamic Range
0.0003% THD+N at 1kHz
D LOW INTERCHANNEL CROSSTALK:
−126dBFS
D NOISE-FREE LEVEL TRANSITIONS
D POWER SUPPLIES: +15V Analog, +5V Digital
D AVAILABLE IN SOL−16 PACKAGE
D PIN-FOR-PIN COMPATIBLE WITH THE
PGA2310
APPLICATIONS
D AUDIO AMPLIFIERS
D MIXING CONSOLES
D MULTI-TRACK RECORDERS
D BROADCAST STUDIO EQUIPMENT
D MUSICAL INSTRUMENTS
D EFFECTS PROCESSORS
D A/V RECEIVERS
D CAR AUDIO SYSTEMS
DESCRIPTION
The PGA2320 is a high-performance, stereo audio volume
control designed for professional and high-end consumer
audio systems. The ability to operate from
±15V analog
power supplies enables the PGA2320 to process input
signals with large voltage swings, thereby preserving the
dynamic range available in the overall signal path. Using
high performance operational amplifier stages internal to
the PGA2320 yields low noise and distortion, while
providing the capability to drive 600
Ω loads directly
without buffering. The three-wire serial control interface
allows for connection to a wide variety of host controllers,
in addition to support for daisy-chaining of multiple
PGA2320 devices.
PGA2320
SBOS312B − JULY 2004 − REVISED DECEMBER 2004
Stereo Audio Volume Control
www.ti.com
Copyright
 2004, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments
semiconductor products and disclaimers thereto appears at the end of this data sheet.
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date. Products
conform to specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all parameters.


Similar Part No. - PGA2320IDWRG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PGA2320IDWRG4 BURR-BROWN-PGA2320IDWRG4 Datasheet
208Kb / 15P
   Stereo Audio Volume Control
More results

Similar Description - PGA2320IDWRG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PGA2310 BURR-BROWN-PGA2310 Datasheet
322Kb / 16P
   Stereo Audio Volume Control
logo
Texas Instruments
PGA2310 TI1-PGA2310 Datasheet
961Kb / 24P
[Old version datasheet]   Stereo Audio Volume Control
PGA2311 TI1-PGA2311 Datasheet
924Kb / 21P
[Old version datasheet]   Stereo Audio Volume Control
logo
Burr-Brown (TI)
PGA2310 BURR-BROWN-PGA2310_06 Datasheet
315Kb / 16P
   Stereo Audio Volume Control
PGA2310 BURR-BROWN-PGA2310_08 Datasheet
381Kb / 17P
   Stereo Audio Volume Control
PGA2311 BURR-BROWN-PGA2311_06 Datasheet
592Kb / 17P
   Stereo Audio VOLUME CONTROL
logo
Texas Instruments
PGA2311 TI-PGA2311 Datasheet
594Kb / 10P
[Old version datasheet]   STEREO AUDIO VOLUME CONTROL
logo
Burr-Brown (TI)
PGA2320 BURR-BROWN-PGA2320_06 Datasheet
208Kb / 15P
   Stereo Audio Volume Control
logo
Cirrus Logic
CS4222 CIRRUS-CS4222 Datasheet
580Kb / 26P
   20-Bit Stereo Audio Codec with Volume Control
logo
Global Mixed-mode Techn...
G1450 GMT-G1450 Datasheet
84Kb / 1P
   2.4W Stereo Audio Amplifier with DC Volume Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com