Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM258PT Datasheet(PDF) 5 Page - STMicroelectronics

Part # LM258PT
Description  Low Power Dual Operational Amplifiers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM258PT Datasheet(HTML) 5 Page - STMicroelectronics

  LM258PT Datasheet HTML 1Page - STMicroelectronics LM258PT Datasheet HTML 2Page - STMicroelectronics LM258PT Datasheet HTML 3Page - STMicroelectronics LM258PT Datasheet HTML 4Page - STMicroelectronics LM258PT Datasheet HTML 5Page - STMicroelectronics LM258PT Datasheet HTML 6Page - STMicroelectronics LM258PT Datasheet HTML 7Page - STMicroelectronics LM258PT Datasheet HTML 8Page - STMicroelectronics LM258PT Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
LM158-LM258-LM358-LM158A-LM258A-LM358A
Electrical Characteristics
5/16
3
Electrical Characteristics
Table 2.
Electrical characteristics for V
CC
+
= +5V, V
CC
-= Ground, V
o = 1.4V, Tamb = +25°C (unless
otherwise specified)
Symbol
Parameter
LM158A-LM258A
LM358A
LM158-LM258
LM358
Unit
Min.
Typ.
Max.
Min.
Typ.
Max.
Vio
Input Offset Voltage - note (1) Tamb = +25°C
LM158, LM258
LM158A
Tmin ≤ Tamb ≤ Tmax
LM158, LM258
13
2
4
27
5
9
7
mV
Iio
Input Offset Current
Tamb = +25°C
Tmin ≤ Tamb ≤ Tmax
210
30
230
40
nA
Iib
Input Bias Current - note (2)
Tamb = +25°C
Tmin ≤ Tamb ≤ Tmax
20
50
100
20
150
200
nA
Avd
Large Signal Voltage Gain
VCC = +15V, RL = 2kΩ, Vo = 1.4V to 11.4V
Tamb = +25°C
Tmin ≤ Tamb ≤ Tmax
50
25
100
50
25
100
V/mV
SVR
Supply Voltage Rejection Ratio (Rs ≤ 10kΩ)
VCC
+ = 5V to 30V
Tamb = +25°C
Tmin ≤ Tamb ≤ Tmax
65
65
100
65
65
100
dB
ICC
Supply Current, all Amp, no load
Tmin ≤ Tamb ≤ Tmax
VCC = +5V
Tmin ≤ Tamb ≤ Tmax
VCC = +30V
0.7
1.2
2
0.7
1.2
2
mA
Vicm
Input Common Mode Voltage Range
VCC = +30V - note
(3)
Tamb = +25°C
Tmin ≤ Tamb ≤ Tmax
0
0
VCC
+ -
1.5
VCC
+ -2
0
0
VCC
+ -
1.5
VCC
+ -2
V
CMR
Common Mode Rejection Ratio (Rs ≤ 10kΩ)
Tamb = +25°C
Tmin ≤ Tamb ≤ Tmax
70
60
85
70
60
85
dB
Isource
Output Current Source
VCC = +15V, Vo = +2V, Vid = +1V
20
40
60
20
40
60
mA
Isink
Output Sink Current (Vid = -1V)
VCC = +15V, Vo = +2V
VCC = +15V, Vo = +0.2V
10
12
20
50
10
12
20
50
mA
µA


Similar Part No. - LM258PT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LM258PT STMICROELECTRONICS-LM258PT Datasheet
318Kb / 20P
   Low power dual operational amplifiers
LM258PT STMICROELECTRONICS-LM258PT Datasheet
323Kb / 19P
   Low power dual operational amplifiers
LM258PT STMICROELECTRONICS-LM258PT Datasheet
276Kb / 16P
   Low Power Dual Operational Amplifiers
Rev 3 July 2005
More results

Similar Description - LM258PT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL022C TI-TL022C Datasheet
87Kb / 5P
[Old version datasheet]   DUAL LOW-POWER OPERATIONAL AMPLIFIERS
logo
National Semiconductor ...
LM158 NSC-LM158 Datasheet
276Kb / 16P
   Low Power Dual Operational Amplifiers
LM158 NSC-LM158 Datasheet
1,009Kb / 25P
   Low Power Dual Operational Amplifiers
logo
STMicroelectronics
LM158 STMICROELECTRONICS-LM158 Datasheet
264Kb / 12P
   LOW POWER DUAL OPERATIONAL AMPLIFIERS
July 2003
logo
Texas Instruments
TL022C TI1-TL022C_14 Datasheet
686Kb / 15P
[Old version datasheet]   DUAL LOW-POWER OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
LM158 STMICROELECTRONICS-LM158_07 Datasheet
318Kb / 20P
   Low power dual operational amplifiers
LM158W STMICROELECTRONICS-LM158W_08 Datasheet
326Kb / 18P
   Low power dual operational amplifiers
logo
Diodes Incorporated
AP358 DIODES-AP358 Datasheet
298Kb / 15P
   LOW POWER DUAL OPERATIONAL AMPLIFIERS
AP358 Rev. 4
logo
Hi-Sincerity Mocroelect...
HLM358 HSMC-HLM358 Datasheet
108Kb / 7P
   LOW POWER DUAL OPERATIONAL AMPLIFIERS
logo
Global Mixed-mode Techn...
G1520 GMT-G1520 Datasheet
797Kb / 1P
   Low Power Dual Operational Amplifiers
logo
Princeton Technology Co...
RS358 PTC-RS358 Datasheet
217Kb / 5P
   Low Power Dual Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com