Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM5110-2M Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM5110-2M
Description  Dual 5A Compound Gate Driver with Negative Output Voltage Capability
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM5110-2M Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button LM5110-2M Datasheet HTML 5Page - National Semiconductor (TI) LM5110-2M Datasheet HTML 6Page - National Semiconductor (TI) LM5110-2M Datasheet HTML 7Page - National Semiconductor (TI) LM5110-2M Datasheet HTML 8Page - National Semiconductor (TI) LM5110-2M Datasheet HTML 9Page - National Semiconductor (TI) LM5110-2M Datasheet HTML 10Page - National Semiconductor (TI) LM5110-2M Datasheet HTML 11Page - National Semiconductor (TI) LM5110-2M Datasheet HTML 12Page - National Semiconductor (TI) LM5110-2M Datasheet HTML 13Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Detailed Operating Description
(Continued)
2.
when driving low threshold MOSFETs at high junction
temperatures
3.
when high switching speeds produce capacitive gate-
drain current that lifts the internal gate potential of the
MOSFET
The two driver channels of the LM5110 are designed as
identical cells. Transistor matching inherent to integrated
circuit manufacturing ensures that the ac and dc perfor-
mance of the channels are nearly identical. Closely matched
propagation delays allow the dual driver to be operated as a
single driver if inputs and output pins are connected. The
drive current capability in parallel operation is 2X the drive of
either channel. Small differences in switching speed be-
tween the driver channels will produce a transient current
(shoot-through) in the output stage when two output pins are
connected to drive a single load. The efficiency loss for
parallel operation has been characterized at various loads,
supply voltages and operating frequencies. The power dis-
sipation in the LM5110 increases by less than 1% relative to
the dual driver configuration when operated as a single
driver with inputs and outputs connected.
An Under-voltage lockout (UVLO) circuit is included in the
LM5110, which senses the voltage difference between V
CC
and the input ground pin, IN_REF. When the V
CC to IN_REF
voltage difference falls below 2.7V both driver channels are
disabled. The driver will resume normal operation when the
V
CC to IN_REF differential voltage exceeds approximately
2.9V. UVLO hysteresis prevents chattering during brown-out
conditions.
The Shutdown pin (nSHDN) is a TTL compatible logic input
provided to enable/disable both driver channels. When
nSHDN is in the logic low state, the LM5110 is switched to a
low power standby mode with total supply current less than
25 µA. This function can be effectively used for start-up,
thermal overload, or short circuit fault protection. It is recom-
mended that this pin be connected to V
CC when the shut-
down function is not being used. The shutdown pin has an
internal 18µA current source pull-up to V
CC.
The input pins of non-inverting drivers have an internal 18µA
current source pull-down to IN-REF. The input pins of invert-
ing driver channels have neither pull-up nor pull-down cur-
rent sources.
The LM5110 is available in dual non-inverting (-1), dual
inverting (-2) and the combination inverting plus non-
inverting (-3) configurations. All three configurations are of-
fered in the SOIC-8 and LLP-10 plastic packages.
Layout Considerations
Attention must be given to board layout when using LM5110.
Some important considerations include:
1.
A Low ESR/ESL capacitor must be connected close to
the IC and between the V
CC and VEE pins to support
high peak currents being drawn from V
CC during turn-on
of the MOSFET.
2.
Proper grounding is crucial. The drivers need a very low
impedance path for current return to ground avoiding
inductive loops. The two paths for returning current to
ground are a) between LM5110 IN-REF pin and the
ground of the circuit that controls the driver inputs, b)
between LM5110 V
EE pin and the source of the power
MOSFET being driven. All these paths should be as
short as possible to reduce inductance and be as wide
as possible to reduce resistance. All these ground paths
should be kept distinctly separate to avoid coupling be-
tween the high current output paths and the logic signals
that drive the LM5110. A good method is to dedicate one
copper plane in a multi-layered PCB to provide a com-
mon ground surface.
3.
With the rise and fall times in the range of 10 ns to 30 ns,
care is required to minimize the lengths of current car-
rying conductors to reduce their inductance and EMI
from the high di/dt transients generated by the LM5110.
4.
The LM5110 SOIC footprint is compatible with other
industry standard drivers. Simply connect IN_REF pin of
the LM5110 to V
EE (pin 1 to pin 3) to operate the LM5110
in a standard single supply configuration.
5.
If either channel is not being used, the respective input
pin (IN_A or IN_B) should be connected to either
IN_REF or V
CC to avoid spurious output signals. If the
shutdown feature is not used, the nSHDN pin should be
connected to V
CC to avoid erratic behavior that would
result if system noise were coupled into a floating
’nSHDN’ pin.
Thermal Performance
INTRODUCTION
The primary goal of thermal management is to maintain the
integrated circuit (IC) junction temperature (T
J)
below a
specified maximum operating temperature to ensure reliabil-
ity. It is essential to estimate the maximum T
J of IC compo-
nents in worst case operating conditions. The junction tem-
perature is estimated based on the power dissipated in the
IC and the junction to ambient thermal resistance
θ
JA for the
IC package in the application board and environment. The
θ
JA is not a given constant for the package and depends on
the printed circuit board design and the operating environ-
ment.
DRIVE POWER REQUIREMENT CALCULATIONS IN
LM5110
The LM5110 dual low side MOSFET driver is capable of
sourcing/sinking 3A/5A peak currents for short intervals to
drive a MOSFET without exceeding package power dissipa-
tion limits. High peak currents are required to switch the
MOSFET gate very quickly for operation at high frequencies.
www.national.com
9


Similar Part No. - LM5110-2M

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5110-2M TI-LM5110-2M Datasheet
876Kb / 18P
[Old version datasheet]   LM5110 Dual 5A Compound Gate Driver with Negative Output Voltage Capability
LM5110-2M/NOPB TI-LM5110-2M/NOPB Datasheet
960Kb / 20P
[Old version datasheet]   Dual 5A Compound Gate Driver with Negative Output Voltage Capability
LM5110-2MX TI-LM5110-2MX Datasheet
876Kb / 18P
[Old version datasheet]   LM5110 Dual 5A Compound Gate Driver with Negative Output Voltage Capability
LM5110-2MX/NOPB TI-LM5110-2MX/NOPB Datasheet
960Kb / 20P
[Old version datasheet]   Dual 5A Compound Gate Driver with Negative Output Voltage Capability
More results

Similar Description - LM5110-2M

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5110 TI-LM5110_15 Datasheet
960Kb / 20P
[Old version datasheet]   Dual 5A Compound Gate Driver with Negative Output Voltage Capability
LM5110-1M TI-LM5110-1M Datasheet
876Kb / 18P
[Old version datasheet]   LM5110 Dual 5A Compound Gate Driver with Negative Output Voltage Capability
SM72482 TI-SM72482_15 Datasheet
731Kb / 15P
[Old version datasheet]   Dual 5A Compound Gate Driver
logo
National Semiconductor ...
LM5111 NSC-LM5111 Datasheet
205Kb / 10P
   Dual 5A Compound Gate Driver
logo
Texas Instruments
LM5111 TI-LM5111 Datasheet
895Kb / 19P
[Old version datasheet]   LM5111 Dual 5A Compound Gate Driver
LM5111 TI-LM5111_15 Datasheet
859Kb / 18P
[Old version datasheet]   LM5111 Dual 5A Compound Gate Driver
logo
National Semiconductor ...
SM72482 NSC-SM72482 Datasheet
329Kb / 12P
   SolarMagic Dual 5A Compound Gate Driver
logo
Texas Instruments
UCC27524A-Q1 TI1-UCC27524A-Q1_15 Datasheet
1Mb / 35P
[Old version datasheet]   Dual 5-A, High-Speed, Low-Side Gate Driver With Negative Input Voltage Capability
UCC27524A-Q1 TI1-UCC27524A-Q1 Datasheet
1Mb / 28P
[Old version datasheet]   Dual 5-A, High-Speed, Low-Side Gate Driver With Negative Input Voltage Capability
UCC27524ADGN TI-UCC27524ADGN Datasheet
1Mb / 31P
[Old version datasheet]   Dual 5-A, High-Speed, Low-Side Gate Driver with Negative Input Voltage Capability
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com