Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LM5110 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part No. LM5110
Description  Dual 5A Compound Gate Driver with Negative Output Voltage Capability
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM5110 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM5110 Datasheet HTML 1Page - National Semiconductor (TI) LM5110 Datasheet HTML 2Page - National Semiconductor (TI) LM5110 Datasheet HTML 3Page - National Semiconductor (TI) LM5110 Datasheet HTML 4Page - National Semiconductor (TI) LM5110 Datasheet HTML 5Page - National Semiconductor (TI) LM5110 Datasheet HTML 6Page - National Semiconductor (TI) LM5110 Datasheet HTML 7Page - National Semiconductor (TI) LM5110 Datasheet HTML 8Page - National Semiconductor (TI) LM5110 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Pin Description
Pin
Description
Name
Description
Application Information
SOIC-8
LLP-10
1
1
IN_REF
Ground reference for control
inputs
Connect to V
EE for standard positive only output
voltage swing. Connect to system logic ground
reference for positive and negative output voltage
swing.
2
2
IN_A
‘A’ side control input
TTL compatible thresholds.
33
V
EE
Power ground of the driver
outputs
Connect to either power ground or a negative gate
drive supply.
4
4
IN_B
‘B’ side control input
TTL compatible thresholds.
5
7
OUT_B
Output for the ‘B’ side driver.
Capable of sourcing 3A and sinking 5A. Voltage
swing of this output is from V
CC to VEE.
68
V
CC
Positive supply
Locally decouple to V
EE and IN_REF.
7
9
OUT_A.
Output for the ‘A’ side driver.
Capable of sourcing 3A and sinking 5A. Voltage
swing of this output is from V
CC to VEE .
8
10
nSHDN
Shutdown input pin
Pull below 1.5V to activate low power shutdown
mode.
Note: Pins 5 and 6 are No Connect for LLP-10 package.
Configuration Table
Part Number
“A” Output Configuration
“B” Output Configuration
Package
LM5110-1M
Non-Inverting
Non-Inverting
SOIC- 8
LM5110-2M
Inverting
Inverting
SOIC- 8
LM5110-3M
Inverting
Non-Inverting
SOIC- 8
LM5110-1SD
Non-Inverting
Non-Inverting
LLP-10
LM5110-2SD
Inverting
Inverting
LLP-10
LM5110-3SD
Inverting
Non-Inverting
LLP-10
www.national.com
4


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn