Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRPT1058C Datasheet(PDF) 11 Page - International Rectifier

Part # IRPT1058C
Description  Power Module for 0.75 hp Motor Drives
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRPT1058C Datasheet(HTML) 11 Page - International Rectifier

Back Button IRPT1058C Datasheet HTML 4Page - International Rectifier IRPT1058C Datasheet HTML 5Page - International Rectifier IRPT1058C Datasheet HTML 6Page - International Rectifier IRPT1058C Datasheet HTML 7Page - International Rectifier IRPT1058C Datasheet HTML 8Page - International Rectifier IRPT1058C Datasheet HTML 9Page - International Rectifier IRPT1058C Datasheet HTML 10Page - International Rectifier IRPT1058C Datasheet HTML 11Page - International Rectifier IRPT1058C Datasheet HTML 12Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
page11
IRPT1058A
IRPT1058A Power Module
Chip and wire epoxy encapsulated module with 800V
rectifiers, 600V short-circuit rated, ultra-fast IGBT inverter with
ultra-fast freewheeling diodes, temperature sensing NTC
thermistor and current-sensing low-inductance shunts.
IRPT1058C
Integrated Power Module (IRPT1058A) and Driver-Plus
Board (IRPT1058D) pre-assembled and tested to meet all system
specifications.
IRPT1058D Driver-
Plus Board
Printed circuit board assembled with DC link capacitors.
NTC in-rush limiting thermistor, high-power terminal blocks,
surge suppression MOV, IGBT gate drivers, protection circuitry
and low power supply. The PCB is functionally tested with
standard power module to meet all system specifications.
Part Number Identification and Ordering Instructions


Similar Part No. - IRPT1058C

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRPT1058C IRF-IRPT1058C Datasheet
311Kb / 12P
   Integrated Power Stage for 0.75 hp Motor Drives
More results

Similar Description - IRPT1058C

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRPT1057A IRF-IRPT1057A Datasheet
229Kb / 11P
   Power Module for 0.75 hp Motor Drives
IRPT1058 IRF-IRPT1058 Datasheet
311Kb / 12P
   Integrated Power Stage for 0.75 hp Motor Drives
IRPT2056 IRF-IRPT2056 Datasheet
351Kb / 12P
   Power Module for 3 hp Motor Drives
IRPT2060A IRF-IRPT2060A Datasheet
338Kb / 12P
   Power Module for 3 hp Motor Drives
IRPT3054A IRF-IRPT3054A Datasheet
227Kb / 12P
   Power Module for 5 hp Motor Drives
IRPT2059A IRF-IRPT2059A Datasheet
333Kb / 12P
   Power Module for 2 hp Motor Drives
IRPT2061A IRF-IRPT2061A Datasheet
278Kb / 12P
   Power Module for 1.5 hp Motor Drives
IRPT2062A IRF-IRPT2062A Datasheet
260Kb / 12P
   Power Module for 3 hp Motor Drives
IRPT1061A IRF-IRPT1061A Datasheet
256Kb / 12P
   Power Module for 1 hp Motor Drives
IRPT1053A IRF-IRPT1053A Datasheet
152Kb / 12P
   Power Module for 1 hp Motor Drives
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com