Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISP1161ABD Datasheet(PDF) 84 Page - NXP Semiconductors

Part # ISP1161ABD
Description  Full-speed Universal Serial Bus single-chip host and device controller
Download  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

ISP1161ABD Datasheet(HTML) 84 Page - NXP Semiconductors

Back Button ISP1161ABD Datasheet HTML 80Page - NXP Semiconductors ISP1161ABD Datasheet HTML 81Page - NXP Semiconductors ISP1161ABD Datasheet HTML 82Page - NXP Semiconductors ISP1161ABD Datasheet HTML 83Page - NXP Semiconductors ISP1161ABD Datasheet HTML 84Page - NXP Semiconductors ISP1161ABD Datasheet HTML 85Page - NXP Semiconductors ISP1161ABD Datasheet HTML 86Page - NXP Semiconductors ISP1161ABD Datasheet HTML 87Page - NXP Semiconductors ISP1161ABD Datasheet HTML 88Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 134 page
background image
Philips Semiconductors
ISP1161A
Full-speed USB single-chip host and device controller
Product data
Rev. 03 — 23 December 2004
84 of 134
9397 750 13962
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
11.4.2
Resume conditions
A wake-up from the suspend state is initiated either by the USB host or by the
application:
USB host: drives a K-state on the USB bus (global resume)
Application: remote wake-up through a HIGH level on input WAKEUP or a LOW
level on input CS, if enabled using bit WKUPCS in the DcHardwareConfiguration
register. Wake-up on CS will work only if VBUS is present.
The steps of a wake-up sequence are as follows:
1. The internal oscillator and the PLL multiplier are re-enabled. When stabilized, the
clock signals are routed to all internal circuits of the ISP1161A.
2. The SUSPEND output is deasserted, and bit RESUME in the DcInterrupt register
is set. This will generate an interrupt if bit IERESM in the DcInterruptEnable
register is set.
3. Maximum 15 ms after starting the wake-up sequence, the ISP1161A DC
resumes its normal functionality.
4. In case of a remote wake-up, the ISP1161A DC drives a K-state on the USB bus
for 10 ms.
5. Following the deassertion of output SUSPEND, the application restores itself and
other system components to the normal operating mode.
6. After wake-up, the internal registers of the ISP1161A DC are write-protected to
prevent corruption by inadvertent writing during power-up of external
components. The firmware must send an Unlock Device command to the
ISP1161A DC to restore its full functionality.
11.4.3
Control bits in suspend and resume
Table 69:
Summary of control bits
Register
Bit
Function
DcInterrupt
SUSPND
a transition from awake to the suspend state was detected
BUSTATUS
monitors USB bus status (logic 1 = suspend); used when
interrupt is serviced
RESUME
a transition from suspend to the resume state was detected
DcInterrupt
Enable
IESUSP
enables output INT to signal the suspend state
IERESM
enables output INT to signal the resume state
DcMode
SOFTCT
enables SoftConnect pull-up resistor to USB bus
GOSUSP
a HIGH-to-LOW transition enables the suspend state
DcHardware
Configuration
EXTPUL
selects internal (SoftConnect) or external pull-up resistor
WKUPCS
enables wake-up on LOW level of input CS
PWROFF
selects powered-off mode during the suspend state
DcUnlock
all
sending data AA37H unlocks the internal registers for
writing after a resume


Similar Part No. - ISP1161ABD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ISP1161A1 PHILIPS-ISP1161A1 Datasheet
599Kb / 136P
   Universal Serial Bus single-chip host and device controller
Rev. 03-23 December 2004
ISP1161A1BD PHILIPS-ISP1161A1BD Datasheet
599Kb / 136P
   Universal Serial Bus single-chip host and device controller
Rev. 03-23 December 2004
ISP1161A1BM PHILIPS-ISP1161A1BM Datasheet
599Kb / 136P
   Universal Serial Bus single-chip host and device controller
Rev. 03-23 December 2004
logo
List of Unclassifed Man...
ISP1161A1BMUM ETC-ISP1161A1BMUM Datasheet
614Kb / 137P
   As from August 2nd 2008, the wireless operations of NXP have moved to a new company, ST-NXP Wireless
More results

Similar Description - ISP1161ABD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ISP1161 PHILIPS-ISP1161 Datasheet
2Mb / 127P
   Full-speed Universal Serial Bus single-chip host and device controller
Rev. 01-3 July 2001
ISP1161A1 PHILIPS-ISP1161A1 Datasheet
599Kb / 136P
   Universal Serial Bus single-chip host and device controller
Rev. 03-23 December 2004
ISP1181 PHILIPS-ISP1181 Datasheet
1Mb / 69P
   Full-speed Universal Serial Bus interface device
Rev. 01-13 March 2000
ISP1562 PHILIPS-ISP1562 Datasheet
442Kb / 98P
   Hi-Speed Universal Serial Bus PCI Host Controller
Rev. 01-14 July 2005
ISP1563 PHILIPS-ISP1563 Datasheet
481Kb / 107P
   Hi-Speed Universal Serial Bus PCI Host Controller
Rev. 01-14 July 2005
SAF1562 NXP-SAF1562 Datasheet
454Kb / 97P
   Hi-Speed Universal Serial Bus PCI Host Controller
Rev. 01-7 February 2007
ISP1181A PHILIPS-ISP1181A Datasheet
341Kb / 70P
   Full-speed Universal Serial Bus peripheral controller
Rev. 05-08 December 2004
ISP1181B PHILIPS-ISP1181B Datasheet
341Kb / 70P
   Full-speed Universal Serial Bus peripheral controller
Rev. 02-07 December 2004
ISP1160 PHILIPS-ISP1160 Datasheet
1Mb / 88P
   Embedded Universal Serial Bus Host Controller
Rev. 04-04 July 2003
ISP1760 PHILIPS-ISP1760 Datasheet
449Kb / 105P
   Hi-Speed Universal Serial Bus host controller for embedded applications
Rev. 01-8 November 2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com