Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISP1161ABD Datasheet(PDF) 39 Page - NXP Semiconductors

Part # ISP1161ABD
Description  Full-speed Universal Serial Bus single-chip host and device controller
Download  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

ISP1161ABD Datasheet(HTML) 39 Page - NXP Semiconductors

Back Button ISP1161ABD Datasheet HTML 35Page - NXP Semiconductors ISP1161ABD Datasheet HTML 36Page - NXP Semiconductors ISP1161ABD Datasheet HTML 37Page - NXP Semiconductors ISP1161ABD Datasheet HTML 38Page - NXP Semiconductors ISP1161ABD Datasheet HTML 39Page - NXP Semiconductors ISP1161ABD Datasheet HTML 40Page - NXP Semiconductors ISP1161ABD Datasheet HTML 41Page - NXP Semiconductors ISP1161ABD Datasheet HTML 42Page - NXP Semiconductors ISP1161ABD Datasheet HTML 43Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 134 page
background image
Philips Semiconductors
ISP1161A
Full-speed USB single-chip host and device controller
Product data
Rev. 03 — 23 December 2004
39 of 134
9397 750 13962
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
9.8 OC detection and power switching control
A downstream port provides 5 V power supply to VBUS. The ISP1161A has built-in
hardware functions to monitor the downstream ports loading conditions and control
their power switching. These hardware functions are implemented by the internal
power switching control circuit and overcurrent detection circuit. H_PSW1 and
H_PSW2 are power switching control output pins (active LOW, open drain) for
downstream port 1 and 2, respectively. H_OC1 and H_OC2 are overcurrent detection
input pins for downstream ports 1 and 2, respectively.
Figure 34 shows the ISP1161A downstream port power management scheme
(‘n’ represents the downstream port numbers, n=1or2).
Using either internal or external 15 k
Ω resistors.
Fig 33. Use of 15 k
Ω pull-down resistors on downstream ports.
004aaa088
22
22
bit 12
HcHardware
Configuration
ISP1161A
USB
connector
D
D
+
VBUS
internal
15 k
(2
×)
external
15 k
(2
×)
47 pF
(2
×)
‘n’ represents the downstream port number (n=1or2)
Fig 34. Downstream port power management scheme.
004aaa089
1
0
Reg
bit 10
PSW
OC select
OC detect
regulator
H_OCn
H_PSWn
HC CORE
C/L
ISP1161A
VCC
(
+5 V or +3.3 V)
HcHardware
Configuration


Similar Part No. - ISP1161ABD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ISP1161A1 PHILIPS-ISP1161A1 Datasheet
599Kb / 136P
   Universal Serial Bus single-chip host and device controller
Rev. 03-23 December 2004
ISP1161A1BD PHILIPS-ISP1161A1BD Datasheet
599Kb / 136P
   Universal Serial Bus single-chip host and device controller
Rev. 03-23 December 2004
ISP1161A1BM PHILIPS-ISP1161A1BM Datasheet
599Kb / 136P
   Universal Serial Bus single-chip host and device controller
Rev. 03-23 December 2004
logo
List of Unclassifed Man...
ISP1161A1BMUM ETC-ISP1161A1BMUM Datasheet
614Kb / 137P
   As from August 2nd 2008, the wireless operations of NXP have moved to a new company, ST-NXP Wireless
More results

Similar Description - ISP1161ABD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ISP1161 PHILIPS-ISP1161 Datasheet
2Mb / 127P
   Full-speed Universal Serial Bus single-chip host and device controller
Rev. 01-3 July 2001
ISP1161A1 PHILIPS-ISP1161A1 Datasheet
599Kb / 136P
   Universal Serial Bus single-chip host and device controller
Rev. 03-23 December 2004
ISP1181 PHILIPS-ISP1181 Datasheet
1Mb / 69P
   Full-speed Universal Serial Bus interface device
Rev. 01-13 March 2000
ISP1562 PHILIPS-ISP1562 Datasheet
442Kb / 98P
   Hi-Speed Universal Serial Bus PCI Host Controller
Rev. 01-14 July 2005
ISP1563 PHILIPS-ISP1563 Datasheet
481Kb / 107P
   Hi-Speed Universal Serial Bus PCI Host Controller
Rev. 01-14 July 2005
SAF1562 NXP-SAF1562 Datasheet
454Kb / 97P
   Hi-Speed Universal Serial Bus PCI Host Controller
Rev. 01-7 February 2007
ISP1181A PHILIPS-ISP1181A Datasheet
341Kb / 70P
   Full-speed Universal Serial Bus peripheral controller
Rev. 05-08 December 2004
ISP1181B PHILIPS-ISP1181B Datasheet
341Kb / 70P
   Full-speed Universal Serial Bus peripheral controller
Rev. 02-07 December 2004
ISP1160 PHILIPS-ISP1160 Datasheet
1Mb / 88P
   Embedded Universal Serial Bus Host Controller
Rev. 04-04 July 2003
ISP1760 PHILIPS-ISP1760 Datasheet
449Kb / 105P
   Hi-Speed Universal Serial Bus host controller for embedded applications
Rev. 01-8 November 2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com