Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISP1161A Datasheet(PDF) 64 Page - NXP Semiconductors

Part # ISP1161A
Description  Full-speed Universal Serial Bus single-chip host and device controller
Download  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

ISP1161A Datasheet(HTML) 64 Page - NXP Semiconductors

Back Button ISP1161A Datasheet HTML 60Page - NXP Semiconductors ISP1161A Datasheet HTML 61Page - NXP Semiconductors ISP1161A Datasheet HTML 62Page - NXP Semiconductors ISP1161A Datasheet HTML 63Page - NXP Semiconductors ISP1161A Datasheet HTML 64Page - NXP Semiconductors ISP1161A Datasheet HTML 65Page - NXP Semiconductors ISP1161A Datasheet HTML 66Page - NXP Semiconductors ISP1161A Datasheet HTML 67Page - NXP Semiconductors ISP1161A Datasheet HTML 68Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 134 page
background image
Philips Semiconductors
ISP1161A
Full-speed USB single-chip host and device controller
Product data
Rev. 03 — 23 December 2004
64 of 134
9397 750 13962
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
2
PSS
(read) PortSuspendStatus: This bit indicates whether the port is
suspended or in the resume sequence. It is set by a
SetSuspendState write and cleared when
PortSuspendStatusChange is set at the end of the resume
interval. This bit cannot be set if CurrentConnectStatus is cleared.
This bit is also cleared when PortResetStatusChange is set at the
end of the port reset or when the HC is placed in the USBResume
state. If an upstream resume is in progress, it is propagated to the
HC.
0 — port is not suspended
1 — port is suspended
(write) SetPortSuspend: The HCD sets the PortSuspendStatus
bit by writing logic 1 to this bit. Writing logic 0 has no effect. If
CurrentConnectStatus is cleared, this write action does not set
PortSuspendStatus; instead it sets ConnectStatusChange. This
informs the driver that it attempted to suspend a disconnected
port.
1
PES
(read) PortEnableStatus: This bit indicates whether the port is
enabled or disabled. The Root Hub can clear this bit when an
overcurrent condition, disconnect event, switched-off power, or
operational bus error such as babble is detected. This change also
causes PortEnabledStatusChange to be set. The HCD sets this bit
by writing SetPortEnable and clears it by writing ClearPortEnable.
This bit cannot be set when CurrentConnectStatus is cleared. This
bit is also set at the completion of a port reset when
ResetStatusChange is set or port is suspended when
SuspendStatusChange is set.
0 — port is disabled
1 — port is enabled
(write) SetPortEnable: The HCD sets PortEnableStatus by writing
logic 1. Writing logic 0 has no effect. If CurrentConnectStatus is
cleared, this write does not set PortEnableStatus, but instead sets
ConnectStatusChange. This informs the driver that it attempted to
enable a disconnected port.
0
CCS
(read) CurrentConnectStatus: This bit reflects the current state
of the downstream port.
0 — no device connected
1 — device connected
(write) ClearPortEnable: The HCD writes logic 1 to this bit to clear
the PortEnableStatus bit. Writing logic 0 has no effect.
CurrentConnectStatus is not affected by any write.
Remark: This bit always reads logic 1 when the attached device is
nonremovable (DeviceRemoveable[NDP]).
Table 35:
HcRhPortStatus[1:2] register: bit description…continued
Bit
Symbol
Description


Similar Part No. - ISP1161A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ISP1161A1 PHILIPS-ISP1161A1 Datasheet
599Kb / 136P
   Universal Serial Bus single-chip host and device controller
Rev. 03-23 December 2004
ISP1161A1BD PHILIPS-ISP1161A1BD Datasheet
599Kb / 136P
   Universal Serial Bus single-chip host and device controller
Rev. 03-23 December 2004
ISP1161A1BM PHILIPS-ISP1161A1BM Datasheet
599Kb / 136P
   Universal Serial Bus single-chip host and device controller
Rev. 03-23 December 2004
logo
List of Unclassifed Man...
ISP1161A1BMUM ETC-ISP1161A1BMUM Datasheet
614Kb / 137P
   As from August 2nd 2008, the wireless operations of NXP have moved to a new company, ST-NXP Wireless
More results

Similar Description - ISP1161A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ISP1161 PHILIPS-ISP1161 Datasheet
2Mb / 127P
   Full-speed Universal Serial Bus single-chip host and device controller
Rev. 01-3 July 2001
ISP1161A1 PHILIPS-ISP1161A1 Datasheet
599Kb / 136P
   Universal Serial Bus single-chip host and device controller
Rev. 03-23 December 2004
ISP1181 PHILIPS-ISP1181 Datasheet
1Mb / 69P
   Full-speed Universal Serial Bus interface device
Rev. 01-13 March 2000
ISP1562 PHILIPS-ISP1562 Datasheet
442Kb / 98P
   Hi-Speed Universal Serial Bus PCI Host Controller
Rev. 01-14 July 2005
ISP1563 PHILIPS-ISP1563 Datasheet
481Kb / 107P
   Hi-Speed Universal Serial Bus PCI Host Controller
Rev. 01-14 July 2005
SAF1562 NXP-SAF1562 Datasheet
454Kb / 97P
   Hi-Speed Universal Serial Bus PCI Host Controller
Rev. 01-7 February 2007
ISP1181A PHILIPS-ISP1181A Datasheet
341Kb / 70P
   Full-speed Universal Serial Bus peripheral controller
Rev. 05-08 December 2004
ISP1181B PHILIPS-ISP1181B Datasheet
341Kb / 70P
   Full-speed Universal Serial Bus peripheral controller
Rev. 02-07 December 2004
ISP1160 PHILIPS-ISP1160 Datasheet
1Mb / 88P
   Embedded Universal Serial Bus Host Controller
Rev. 04-04 July 2003
ISP1760 PHILIPS-ISP1760 Datasheet
449Kb / 105P
   Hi-Speed Universal Serial Bus host controller for embedded applications
Rev. 01-8 November 2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com