Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRU3038 Datasheet(PDF) 7 Page - International Rectifier

Part # IRU3038
Description  SYNCHRONOUS PWM CONTROLLER FOR TERMINATION POWER SUPPLY APPLICATIONS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRU3038 Datasheet(HTML) 7 Page - International Rectifier

Back Button IRU3038 Datasheet HTML 3Page - International Rectifier IRU3038 Datasheet HTML 4Page - International Rectifier IRU3038 Datasheet HTML 5Page - International Rectifier IRU3038 Datasheet HTML 6Page - International Rectifier IRU3038 Datasheet HTML 7Page - International Rectifier IRU3038 Datasheet HTML 8Page - International Rectifier IRU3038 Datasheet HTML 9Page - International Rectifier IRU3038 Datasheet HTML 10Page - International Rectifier IRU3038 Datasheet HTML 11Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
IRU3038
7
Rev. 2.0
09/12/02
www.irf.com
The MOSFET has the following data:
The total conduction losses will be:
The switching loss is more difficult to calculate, even
though the switching transition is well understood. The
reason is the effect of the parasitic components and
switching times during the switching procedures such
as turn-on / turnoff delays and rise and fall times. With a
linear approximation, the total switching loss can be ex-
pressed as:
The switching time waveform is shown in Figure 4.
Figure 4 - Switching time waveforms.
From IRF7460 data sheet we obtain:
These values are taken under a certain condition test.
For more detail please refer to the IRF7460 data sheet.
By using equation (6), we can calculate the total switch-
ing losses.
Feedback Compensation
The IRU3038 is a voltage mode controller; the control
loop is a single voltage feedback path including error
amplifier and error comparator. To achieve fast transient
response and accurate output regulation, a compensa-
tion circuit is necessary. The goal of the compensation
network is to provide a closed loop transfer function with
the highest 0dB crossing frequency and adequate phase
margin (greater than 45
8).
The output LC filter introduces a double pole, –40dB/
decade gain slope above its corner resonant frequency,
and a total phase lag of 180
8 (see Figure 5). The Reso-
nant frequency of the LC filter is expressed as follows:
Figure 5 shows gain and phase of the LC filter. Since we
already have 180
8 phase shift just from the output filter,
the system risks being unstable.
Figure 5 - Gain and phase of LC filter.
The IRU3038’s error amplifier is a differential-input
transconductance amplifier. The output is available for
DC gain control or AC phase compensation.
The E/A can be compensated with or without the use of
local feedback. When operated without local feedback,
the transconductance properties of the E/A become evi-
dent and can be used to cancel one of the output filter
poles. This will be accomplished with a series RC circuit
from Comp pin to ground as shown in Figure 6.
tr = 6.9ns
tf = 4.3ns
PCON(TOTAL) = 1.152W
IRF7460
VDSS = 20V
ID = 10A @ 75
8C
RDS(ON) = 10m
V @ VGS=10V
q = 1.8 for 1508C (Junction Temperature)
PSW(TOTAL) = 44.8mW
FLC =
---(7)
1
2
p3
LO
3CO
PSW =
3
3 ILOAD
---(6)
tr + tf
T
VDS(OFF)
2
Where:
VDS(OFF) = Drain to Source Voltage at off time
tr = Rise Time
tf = Fall Time
T = Switching Period
ILOAD = Load Current
VDS
VGS
10%
90%
td(ON)
td(OFF)
tr
tf
Gain
FLC
0dB
Phase
0
8
FLC
-180
8
Frequency
Frequency
-40dB/decade


Similar Part No. - IRU3038

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRU3033 IRF-IRU3033 Datasheet
76Kb / 12P
   8-PIN PWM SWITCHER AND LINEAR CONTROLLER IC
IRU3033CS IRF-IRU3033CS Datasheet
76Kb / 12P
   8-PIN PWM SWITCHER AND LINEAR CONTROLLER IC
IRU3034 IRF-IRU3034 Datasheet
149Kb / 12P
   8-PIN PWM SWITCHER CONTROLLER IC WITH CURRENT LIMITING
IRU3034CS IRF-IRU3034CS Datasheet
149Kb / 12P
   8-PIN PWM SWITCHER CONTROLLER IC WITH CURRENT LIMITING
IRU3034CSPBF IRF-IRU3034CSPBF Datasheet
149Kb / 12P
   8-PIN PWM SWITCHER CONTROLLER IC WITH CURRENT LIMITING
More results

Similar Description - IRU3038

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRU3138 IRF-IRU3138 Datasheet
281Kb / 18P
   SYNCHRONOUS PWM CONTROLLER FOR TERMINATION POWER SUPPLY APPLICATIONS
logo
Microsemi Corporation
NX2155H MICROSEMI-NX2155H Datasheet
770Kb / 17P
   SINGLE POWER SUPPLY SYNCHRONOUS PWM CONTROLLER
logo
Semtech Corporation
SC2602 SEMTECH-SC2602 Datasheet
304Kb / 16P
   Synchronous Voltage Mode Controller for Distributed Power Supply Applications
SC2602_0411 SEMTECH-SC2602_0411 Datasheet
310Kb / 16P
   Synchronous Voltage Mode Controller for Distributed Power Supply Applications
SC1102 SEMTECH-SC1102_06 Datasheet
258Kb / 12P
   Synchronous Voltage Mode Controller for Distributed Power Supply Applications
SC1102 SEMTECH-SC1102 Datasheet
146Kb / 10P
   SYNCHRONOUS DC/DC CONTROLLER FOR DISTRIBUTED POWER SUPPLY APPLICATIONS
logo
Microsemi Corporation
NX2307 MICROSEMI-NX2307 Datasheet
791Kb / 22P
   SINGLE SUPPLY 12V SYNCHRONOUS PWM CONTROLLER
logo
Semtech Corporation
SC1110 SEMTECH-SC1110 Datasheet
96Kb / 7P
   SINK AND SOURCE DC/DC CONTROLLER FOR TERMINATION POWER SUPPLY APPLICATIONS
SC1110 SEMTECH-SC1110_04 Datasheet
295Kb / 12P
   Sink and Source DC/DC Controller for Termination Power Supply Applications
logo
Sanken electric
SFA0002 SANKEN-SFA0002 Datasheet
470Kb / 12P
   PWM Controller for Automotive Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com