Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IR6320G Datasheet(PDF) 3 Page - International Rectifier

Part # IR6320G
Description  INTELLIGENT HIGH SIDE MOSFET POWER SWITCH
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR6320G Datasheet(HTML) 3 Page - International Rectifier

  IR6320G Datasheet HTML 1Page - International Rectifier IR6320G Datasheet HTML 2Page - International Rectifier IR6320G Datasheet HTML 3Page - International Rectifier IR6320G Datasheet HTML 4Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
IR6320G
3
Symbol Parameter
Min.
Typ.
Max. Units Test Conditions
Tjsd
Thermal Shutdown Temperature
170
o
C
Thys
Thermal Hysteresis
10
Rthjc
Thermal Resistance, Junction to PCB
60
o
C/W
RthjA
Thermal Resistance, Junction to Ambient
80
Thermal Characteristics
Protection Characteristics
Symbol Parameter
Min. Typ.
Max. Units Test Conditions
Ilim
Internal Current Limit
10
A
Vsc
Short Circuit Detection Voltage
3.0
Vslh
Open Load Detection Voltage
3.0
V
Vcl1
Output Negative Clamp
40
54
Iout = 10mA
Vcl2
Output Negative Clamp
56
62
Iout = 2A
Pin # 1
Pin # 2
Pin #3
Pin #4
Pin #5
Pin #6
Pin #7
Pin #8
IN
DG
GND
OUT (source)
Vcc
Vcc
Vcc
Vcc
Pin Assignment


Similar Part No. - IR6320G

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR6311G IRF-IR6311G Datasheet
56Kb / 4P
   INTELLIGENT HIGH SIDE MOSFET POWER SWITCH
More results

Similar Description - IR6320G

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR6216 IRF-IR6216 Datasheet
237Kb / 4P
   INTELLIGENT HIGH SIDE MOSFET POWER SWITCH
IR6224 IRF-IR6224 Datasheet
240Kb / 4P
   INTELLIGENT HIGH SIDE MOSFET POWER SWITCH
IR6220 IRF-IR6220 Datasheet
237Kb / 4P
   INTELLIGENT HIGH SIDE MOSFET POWER SWITCH
IR6210 IRF-IR6210 Datasheet
238Kb / 4P
   INTELLIGENT HIGH SIDE MOSFET POWER SWITCH
IR6226 IRF-IR6226 Datasheet
238Kb / 4P
   INTELLIGENT HIGH SIDE MOSFET POWER SWITCH
IR6311G IRF-IR6311G Datasheet
56Kb / 4P
   INTELLIGENT HIGH SIDE MOSFET POWER SWITCH
AUIPS6041G IRF-AUIPS6041G Datasheet
1Mb / 20P
   INTELLIGENT POWER HIGH SIDE SWITCH
AUIPS6011 IRF-AUIPS6011_15 Datasheet
1Mb / 17P
   INTELLIGENT POWER HIGH SIDE SWITCH
AUIPS6041 IRF-AUIPS6041_15 Datasheet
1Mb / 20P
   INTELLIGENT POWER HIGH SIDE SWITCH
IPS6011PBF IRF-IPS6011PBF Datasheet
655Kb / 13P
   INTELLIGENT POWER HIGH SIDE SWITCH
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com