Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NANO908-NC0AN Datasheet(PDF) 25 Page - Nuvoton Technology Corporation

Part # NANO908-NC0AN
Description  ARM짰 Cortex짰-M 32-bit Microcontroller
Download  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

NANO908-NC0AN Datasheet(HTML) 25 Page - Nuvoton Technology Corporation

Back Button NANO908-NC0AN Datasheet HTML 21Page - Nuvoton Technology Corporation NANO908-NC0AN Datasheet HTML 22Page - Nuvoton Technology Corporation NANO908-NC0AN Datasheet HTML 23Page - Nuvoton Technology Corporation NANO908-NC0AN Datasheet HTML 24Page - Nuvoton Technology Corporation NANO908-NC0AN Datasheet HTML 25Page - Nuvoton Technology Corporation NANO908-NC0AN Datasheet HTML 26Page - Nuvoton Technology Corporation NANO908-NC0AN Datasheet HTML 27Page - Nuvoton Technology Corporation NANO908-NC0AN Datasheet HTML 28Page - Nuvoton Technology Corporation NANO908-NC0AN Datasheet HTML 29Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 160 page
background image
NUMICRO® NANO100 (B) DATASHEET
May 31, 2016
Page 25 of 160
Revision 1.08
Variable length of transfer data from 4 to 32 bits
MSB or LSB first data transfer
RX and TX on both rising or falling edge of serial clock independently
Two slave/device select lines when SPI controller is as the master, and 1
slave/device select line when SPI controller is as the slave
Supports byte suspend mode in 32-bit transmission
Supports two channel PDMA requests, one for transmit and another for receive
Supports three wire, no slave select signal, bi-direction interface
Wake system up from Power-down mode
I
2C
Up to two sets of I
2C device
Master/Slave up to 1Mbit/s
Bi-directional data transfer between masters and slaves
Multi-master bus (no central master)
Arbitration between simultaneously transmitting masters without corruption of
serial data on the bus
Serial clock synchronization allowing devices with different bit rates to
communicate via one serial bus
Serial clock synchronization used as a handshake mechanism to suspend and
resume serial transfer
Built-in 14-bit time-out counter requesting the I
2C interrupt if the I2C bus hangs
up and timer-out counter overflows
Programmable clocks allow versatile rate control
Supports 7-bit addressing mode
Supports multiple address recognition (four slave addresses with mask option)
I
2S
Interface with external audio CODEC
Operated as either Master or Slave mode
Capable of handling 8, 16, 24 and 32 bit word sizes
Supports Mono and stereo audio data
Supports I
2S and MSB justified data format
Provides two 8 word FIFO data buffers: one for transmitting and the other for
receiving
Generates interrupt requests when buffer levels cross a programmable
boundary
Supports two PDMA requests: one for transmitting and the other for receiving
ADC
12-bit SAR ADC up to 2Msps conversion rate
Up to 12-ch single-ended input from external pin (PA.0 ~ PA.7 and PD.0 ~
PD.3).


Similar Part No. - NANO908-NC0AN

ManufacturerPart #DatasheetDescription
logo
Nuvoton Technology Corp...
NANO908LA0AN NUVOTON-NANO908LA0AN Datasheet
1Mb / 95P
   ARM짰 Cortex짰-M 32-bit Microcontroller
NANO908LA1AN NUVOTON-NANO908LA1AN Datasheet
1Mb / 95P
   ARM짰 Cortex짰-M 32-bit Microcontroller
NANO908LA2AN NUVOTON-NANO908LA2AN Datasheet
1Mb / 95P
   ARM짰 Cortex짰-M 32-bit Microcontroller
NANO908LB0AN NUVOTON-NANO908LB0AN Datasheet
1Mb / 95P
   ARM짰 Cortex짰-M 32-bit Microcontroller
NANO908LB1AN NUVOTON-NANO908LB1AN Datasheet
1Mb / 95P
   ARM짰 Cortex짰-M 32-bit Microcontroller
More results

Similar Description - NANO908-NC0AN

ManufacturerPart #DatasheetDescription
logo
Nuvoton Technology Corp...
M031 NUVOTON-M031_V01 Datasheet
4Mb / 288P
   Arm짰 Cortex짰-M 32-bit Microcontroller
NUC131SD2AEU NUVOTON-NUC131SD2AEU Datasheet
1Mb / 72P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M031 NUVOTON-M031 Datasheet
4Mb / 274P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M261 NUVOTON-M261 Datasheet
10Mb / 398P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M4521 NUVOTON-M4521 Datasheet
2Mb / 117P
   Arm짰 Cortex짰-M 32-bit Microcontroller
NUC100 NUVOTON-NUC100_15 Datasheet
1Mb / 107P
   ARM짰 Cortex짰-M 32-bit Microcontroller
M0515 NUVOTON-M0515 Datasheet
5Mb / 422P
   Arm짰 Cortex짰-M 32-bit Microcontroller
NANO100 NUVOTON-NANO100_15 Datasheet
1Mb / 95P
   ARM짰 Cortex짰-M 32-bit Microcontroller
NUC029XDE NUVOTON-NUC029XDE Datasheet
1Mb / 70P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M4TK NUVOTON-M4TK Datasheet
3Mb / 144P
   ARM짰 Cortex짰-M 32-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com