Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDTQS3VH16244PV Datasheet(PDF) 5 Page - Integrated Device Technology

Part # IDTQS3VH16244PV
Description  QUICKSWITCH PRODUCTS 2.5V / 3.3V 16-BIT HIGH BANDWIDTH BUS SWITCH
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDTQS3VH16244PV Datasheet(HTML) 5 Page - Integrated Device Technology

  IDTQS3VH16244PV Datasheet HTML 1Page - Integrated Device Technology IDTQS3VH16244PV Datasheet HTML 2Page - Integrated Device Technology IDTQS3VH16244PV Datasheet HTML 3Page - Integrated Device Technology IDTQS3VH16244PV Datasheet HTML 4Page - Integrated Device Technology IDTQS3VH16244PV Datasheet HTML 5Page - Integrated Device Technology IDTQS3VH16244PV Datasheet HTML 6Page - Integrated Device Technology IDTQS3VH16244PV Datasheet HTML 7Page - Integrated Device Technology IDTQS3VH16244PV Datasheet HTML 8Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
INDUSTRIALTEMPERATURERANGE
IDTQS3VH16244
2.5V / 3.3V 16-BIT HIGH BANDWIDTH BUS SWITCH
SWITCHING CHARACTERISTICS OVER OPERATING RANGE
TA = -40°C to +85°C
VCC = 2.5 ± 0.2V (1)
VCC = 3.3 ± 0.3V (1)
Symbol
Parameter
Min.(4)
Max.
Min.(4)
Max.
Unit
tPLH
DataPropagationDelay(2,3)
0.2
0.2
ns
tPHL
xAx to/from xYx
tPZH
Switch Turn-On Delay
1.5
8
1.5
8
ns
tPZL
xG to xAx/xYx
tPHZ
SwitchTurn-OffDelay
1.5
7.5
1.5
7.5
ns
tPLZ
xG to xAx/xYx
fxG
Operating Frequency - xG(2,5)
10
20
MHz
NOTES:
1. See Test Conditions under TEST CIRCUITS AND WAVEFORMS.
2. This parameter is guaranteed but not production tested.
3. The bus switch contributes no propagation delay other than the RC delay of the ON resistance of the switch and the load capacitance. The time constant for the switch alone
is of the order of 0.2ns at CL = 50pF. Since this time constant is much smaller than the rise and fall times of typical driving signals, it adds very little propagation delay to the
system. Propagation delay of the bus switch, when used in a system, is determined by the driving circuit on the driving side of the switch and its interaction with the load on
the driven side.
4. Minimums are guaranteed but not production tested.
5. Maximum toggle frequency for xG control input (pass voltage > VCC, VIN = 5V, RLOAD > 1M
, no CLOAD).


Similar Part No. - IDTQS3VH16244PV

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDTQS3VH16244 IDT-IDTQS3VH16244 Datasheet
281Kb / 8P
   2.5V / 3.3V 16-BIT HIGH BANDWIDTH BUS SWITCH
logo
Renesas Technology Corp
IDTQS3VH16244 RENESAS-IDTQS3VH16244 Datasheet
439Kb / 9P
   QUICKSWITCH® PRODUCTS 2.5V / 3.3V 16-BIT HIGH BANDWIDTH BUS SWITCH
FEBRUARY 2014
logo
Integrated Device Techn...
IDTQS3VH16244 IDT-IDTQS3VH16244_13 Datasheet
281Kb / 8P
   2.5V / 3.3V 16-BIT HIGH BANDWIDTH BUS SWITCH
More results

Similar Description - IDTQS3VH16244PV

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDTQS3VH16245 IDT-IDTQS3VH16245 Datasheet
71Kb / 8P
   QUICKSWITCH PRODUCTS 2.5V / 3.3V 16-BIT HIGH BANDWIDTH BUS SWITCH
logo
Renesas Technology Corp
IDTQS32XVH245 RENESAS-IDTQS32XVH245 Datasheet
438Kb / 9P
   QUICKSWITCH® PRODUCTS 2.5V / 3.3V 16-BIT HIGH BANDWIDTH BUS SWITCH
JUNE 2011
IDTQS3VH16244 RENESAS-IDTQS3VH16244 Datasheet
439Kb / 9P
   QUICKSWITCH® PRODUCTS 2.5V / 3.3V 16-BIT HIGH BANDWIDTH BUS SWITCH
FEBRUARY 2014
IDTQS32XVH2245 RENESAS-IDTQS32XVH2245 Datasheet
439Kb / 9P
   QUICKSWITCH® PRODUCTS 2.5V / 3.3V 16-BIT HIGH BANDWIDTH BUS SWITCH
JUNE 2011
IDTQS3VH16245 RENESAS-IDTQS3VH16245 Datasheet
436Kb / 9P
   QUICKSWITCH® PRODUCTS 2.5V / 3.3V 16-BIT HIGH BANDWIDTH BUS SWITCH
FEBRUARY 2014
logo
Integrated Device Techn...
IDTQS3VH2245 IDT-IDTQS3VH2245 Datasheet
65Kb / 8P
   QUICKSWITCH PRODUCTS 2.5V / 3.3V 8-BIT HIGH BANDWIDTH BUS SWITCH
IDTQS3VH244 IDT-IDTQS3VH244_14 Datasheet
279Kb / 8P
   QUICKSWITCH PRODUCTS 2.5V / 3.3V 8-BIT HIGH BANDWIDTH BUS SWITCH
IDTQS3VH245 IDT-IDTQS3VH245 Datasheet
69Kb / 8P
   QUICKSWITCH PRODUCTS 2.5V / 3.3V 8-BIT HIGH BANDWIDTH BUS SWITCH
QS3VH245PAG IDT-QS3VH245PAG Datasheet
277Kb / 8P
   QUICKSWITCH PRODUCTS 2.5V 3.3V 8-BIT HIGH BANDWIDTH BUS SWITCH
IDTQS3VH16211 IDT-IDTQS3VH16211 Datasheet
63Kb / 8P
   QUICKSWITCH PRODUCTS 2.5V / 3.3V 24-BIT HIGH BANDWIDTH BUS SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com