Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IPS03N03LA Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # IPS03N03LA
Description  Ideal for high-frequency dc/dc converters Qualified according to JEDEC for target applications
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPS03N03LA Datasheet(HTML) 7 Page - Infineon Technologies AG

  IPS03N03LA Datasheet HTML 1Page - Infineon Technologies AG IPS03N03LA Datasheet HTML 2Page - Infineon Technologies AG IPS03N03LA Datasheet HTML 3Page - Infineon Technologies AG IPS03N03LA Datasheet HTML 4Page - Infineon Technologies AG IPS03N03LA Datasheet HTML 5Page - Infineon Technologies AG IPS03N03LA Datasheet HTML 6Page - Infineon Technologies AG IPS03N03LA Datasheet HTML 7Page - Infineon Technologies AG IPS03N03LA Datasheet HTML 8Page - Infineon Technologies AG IPS03N03LA Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
IPD03N03LA G IPS03N03LA G
13 Avalanche characteristics
14 Typ. gate charge
I AS=f(t AV); R GS=25 Ω
V GS=f(Q gate); I D=45 A pulsed
parameter: Tj(start)
parameter: V DD
15 Drain-source breakdown voltage
16 Gate charge waveforms
V BR(DSS)=f(T j); I D=1 mA
5 V
15 V
20 V
0
2
4
6
8
10
12
0
20
406080
Q gate [nC]
20
21
22
23
24
25
26
27
28
29
-60
-20
20
60
100
140
180
T j [°C]
V GS
Q gate
V gs(th)
Q g(th)
Q gs
Q gd
Q sw
Q g
25 °C
100 °C
150 °C
1
10
100
1
10
100
1000
t AV [µs]
Rev. 0.93 - target data sheet
page 7
2004-10-27


Similar Part No. - IPS03N03LA

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPS03N03LAG INFINEON-IPS03N03LAG Datasheet
325Kb / 10P
   OptiMOS짰2 Power-Transistor
Rev. 1.2 2006-05-11
More results

Similar Description - IPS03N03LA

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IDW15E65D2 INFINEON-IDW15E65D2 Datasheet
1Mb / 10P
   Qualified according to JEDEC for target applications
Rev.2.2,2014-08-26
IDP40E65D2 INFINEON-IDP40E65D2 Datasheet
1Mb / 10P
   Qualified according to JEDEC for target applications
Rev.2.2,2014-03-31
IDP08E65D2 INFINEON-IDP08E65D2 Datasheet
1Mb / 10P
   Qualified according to JEDEC for target applications
Rev.2.2,2014-08-28
IDP15E65D2 INFINEON-IDP15E65D2 Datasheet
1Mb / 10P
   Qualified according to JEDEC for target applications
Rev.2.2,2014-08-26
IDW40E65D2 INFINEON-IDW40E65D2 Datasheet
1Mb / 10P
   Qualified according to JEDEC for target applications
Rev.2.1,2013-12-16
IDW50E60 INFINEON-IDW50E60 Datasheet
1Mb / 11P
   Qualified according to JEDEC for target applications
Rev.2.2,2014-02-24
IHW50N65R5 INFINEON-IHW50N65R5 Datasheet
1Mb / 15P
   Qualified according to JESD-022 for target applications
Rev.2.3,2014-12-16
IPD06N03LZG INFINEON-IPD06N03LZG Datasheet
510Kb / 11P
   Ideal for high-frequency dc/dc converters
Rev. 1.7 2008-04-14
logo
TOKO, Inc
FDSD0518 TOKO-FDSD0518 Datasheet
274Kb / 1P
   Ideal for DC-DC converter applications
FDSD0515 TOKO-FDSD0515 Datasheet
247Kb / 1P
   Ideal for DC-DC converter applications
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com