Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

N682387YG Datasheet(PDF) 96 Page - Nuvoton Technology Corporation

Part # N682387YG
Description  Dual Programmable Extended Codec/SLCC SLFC
Download  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

N682387YG Datasheet(HTML) 96 Page - Nuvoton Technology Corporation

Back Button N682387YG Datasheet HTML 92Page - Nuvoton Technology Corporation N682387YG Datasheet HTML 93Page - Nuvoton Technology Corporation N682387YG Datasheet HTML 94Page - Nuvoton Technology Corporation N682387YG Datasheet HTML 95Page - Nuvoton Technology Corporation N682387YG Datasheet HTML 96Page - Nuvoton Technology Corporation N682387YG Datasheet HTML 97Page - Nuvoton Technology Corporation N682387YG Datasheet HTML 98Page - Nuvoton Technology Corporation N682387YG Datasheet HTML 99Page - Nuvoton Technology Corporation N682387YG Datasheet HTML 100Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 160 page
background image
N682386/87 + N681622
Dual Programmable Extended Codec/SLCC + SLFC
Revision 1.3
Page 96 of 160
Sep 2010
14.5.3.
INTERRUPT ENABLE REGISTER 1
Addr
Name
D7
D6
D5
D4
D3
D2
D1
D0
Default
0x27
IE1
PAT3ECn
PAR3ECn
PAT1ECn
PAR1ECn
PAR2ECn
PAT2ECn
LCECn
RTECn
0x00
The letters “Cn” stands for channel number 1 or 2. This register enables all the Power Alarm and the Loop Closure
interrupt of the device. An interrupt can be enabled by writing a HIGH “1” in the respective interrupt bit.
Bit
Location
Bit Description
Bit Name
Bit Value
0
1
0
RING Trip
RTECn
Masked
Enabled
1
Loop Closure
LCECn
Masked
Enabled
2
Power Alarm QR2
PAT2ECn
Masked
Enabled
3
Power Alarm QT2
PAR2ECn
Masked
Enabled
4
Power Alarm QT1
PAR1ECn
Masked
Enabled
5
Power Alarm QR1
PAT1ECn
Masked
Enabled
6
Power Alarm QR3
PAR3ECn
Masked
Enabled
7
Power Alarm QT3
PAT3ECn
Masked
Enabled
14.5.4.
INTERRUPT STATUS REGISTER 2
Addr.
Name
D7
D6
D5
D4
D3
D2
D1
D0
Default
0x28
INT2
FSKICn
DTMFICn
RICn
RACn
O2ICn
O2ACn
O1ICn
O1ACn
0x00
The letters “Cn” stands for channel number 1 or 2.
Bit
Location
Bit Description
Bit Name
Bit Value
0
1
0
Oscillator 1 Active Timer
O1ACn
No INT
INT Pending
1
Oscillator 1 Inactive Timer
O1ICn
No INT
INT Pending
2
Oscillator 2 Active Timer
O2ACn
No INT
INT Pending
3
Oscillator 2 Inactive Timer
O2ICn
No INT
INT Pending
4
Ringing Active Timer
RACn
No INT
INT Pending
5
Ringing Inactive Timer
RICn
No INT
INT Pending
6
DTMF Initialize
DTMFICn
No INT
INT Pending
7
FSK Interrupt occurs when the
FSK FIFO is empty
FSKICn
No INT
INT Pending


Similar Part No. - N682387YG

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
N682386EVM ETC2-N682386EVM Datasheet
178Kb / 3P
   Nuvoton - Pro-X CODEC/SLCC
More results

Similar Description - N682387YG

ManufacturerPart #DatasheetDescription
logo
Nuvoton Technology Corp...
N681386 NUVOTON-N681386 Datasheet
1Mb / 164P
   Single Programmable Extended Codec/SLCC
logo
Winbond
W682388 WINBOND-W682388_1 Datasheet
131Kb / 2P
   Dual Programmable Extended CODEC/SLIC
W681388 WINBOND-W681388 Datasheet
130Kb / 2P
   Single Programmable Extended CODEC/SLIC
logo
List of Unclassifed Man...
N682386EVM ETC2-N682386EVM Datasheet
178Kb / 3P
   Nuvoton - Pro-X CODEC/SLCC
logo
Silicon Laboratories
SI3220 SILABS-SI3220 Datasheet
1Mb / 112P
   DUAL PROSLIC짰 PROGRAMMABLE CMOS SLIC/CODEC
logo
Silicon image
SI3225-FQ SILICONIMAGE-SI3225-FQ Datasheet
1Mb / 108P
   DUAL PROSLIC짰 PROGRAMMABLE CMOS SLIC/CODEC
logo
Integrated Device Techn...
IDT821068 IDT-IDT821068 Datasheet
589Kb / 45P
   OCTAL PROGRAMMABLE PCM CODEC
IDT82V1068 IDT-IDT82V1068 Datasheet
539Kb / 56P
   OCTAL PROGRAMMABLE PCM CODEC
logo
Agere Systems
T8538B AGERE-T8538B Datasheet
847Kb / 44P
   T8538B Quad Programmable Codec
logo
Renesas Technology Corp
821024 RENESAS-821024 Datasheet
919Kb / 15P
   QUAD NON-PROGRAMMABLE PCM CODEC
JUNE 25, 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com