Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

N682387MG Datasheet(PDF) 83 Page - Nuvoton Technology Corporation

Part # N682387MG
Description  Dual Programmable Extended Codec/SLCC SLFC
Download  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

N682387MG Datasheet(HTML) 83 Page - Nuvoton Technology Corporation

Back Button N682387MG Datasheet HTML 79Page - Nuvoton Technology Corporation N682387MG Datasheet HTML 80Page - Nuvoton Technology Corporation N682387MG Datasheet HTML 81Page - Nuvoton Technology Corporation N682387MG Datasheet HTML 82Page - Nuvoton Technology Corporation N682387MG Datasheet HTML 83Page - Nuvoton Technology Corporation N682387MG Datasheet HTML 84Page - Nuvoton Technology Corporation N682387MG Datasheet HTML 85Page - Nuvoton Technology Corporation N682387MG Datasheet HTML 86Page - Nuvoton Technology Corporation N682387MG Datasheet HTML 87Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 160 page
background image
N682386/87 + N681622
Dual Programmable Extended Codec/SLCC + SLFC
Revision 1.3
Page 83 of 160
Sep 2010
14.1.4.
PCM FREQUENCY SETTING REGISTER
Addr.
Name
D7
D6
D5
D4
D3
D2
D1
D0
Default
Shared
Async (D7- D1)
0x05
PCMFS
BCF[3:0]
IFST
FSS
WBENCn
SRES
0x00
The following table explains the PCM Frequency Setting register bits.
Bit
Location
Bit Description
Bit Name
Bit Value
0
1
0
Soft Reset
SRES
Disable
Enable
1
Band Select
WBENCn
FS = 8kHz
(Narrowband)
FS = 16kHz
(Wideband)
2
Frame Sync Source
FSS
External
Internal
3
Internal Frame Sync Type
IFST
Short (fixed width
1 BCLK)
Long (fixed width
8 BCLK)
When an internal 8 kHz Frame Sync is used (PCMFS:FSS=1) these bits should be programmed with the value of
BCLK Frequency, BCFS[3:0], according to the following table.
Bit Clock Frequency
BCF
[4]
BCF
[3]
BCF
[2]
BCF
[1]
BCLK
(Hz)
0
0
0
0
256
0
0
0
1
512
0
0
1
0
768
0
0
1
1
1000
0
1
0
0
1024
0
1
0
1
1152
0
1
1
0
1536
0
1
1
1
1544
1
0
0
0
2000
1
0
0
1
2048
1
0
1
0
4000
1
0
1
1
4096
1
1
0
0
8000
1
1
0
1
8192
1
1
1
0
NA
1
1
1
1


Similar Part No. - N682387MG

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
N682386EVM ETC2-N682386EVM Datasheet
178Kb / 3P
   Nuvoton - Pro-X CODEC/SLCC
More results

Similar Description - N682387MG

ManufacturerPart #DatasheetDescription
logo
Nuvoton Technology Corp...
N681386 NUVOTON-N681386 Datasheet
1Mb / 164P
   Single Programmable Extended Codec/SLCC
logo
Winbond
W682388 WINBOND-W682388_1 Datasheet
131Kb / 2P
   Dual Programmable Extended CODEC/SLIC
W681388 WINBOND-W681388 Datasheet
130Kb / 2P
   Single Programmable Extended CODEC/SLIC
logo
List of Unclassifed Man...
N682386EVM ETC2-N682386EVM Datasheet
178Kb / 3P
   Nuvoton - Pro-X CODEC/SLCC
logo
Silicon Laboratories
SI3220 SILABS-SI3220 Datasheet
1Mb / 112P
   DUAL PROSLIC짰 PROGRAMMABLE CMOS SLIC/CODEC
logo
Silicon image
SI3225-FQ SILICONIMAGE-SI3225-FQ Datasheet
1Mb / 108P
   DUAL PROSLIC짰 PROGRAMMABLE CMOS SLIC/CODEC
logo
Integrated Device Techn...
IDT821068 IDT-IDT821068 Datasheet
589Kb / 45P
   OCTAL PROGRAMMABLE PCM CODEC
IDT82V1068 IDT-IDT82V1068 Datasheet
539Kb / 56P
   OCTAL PROGRAMMABLE PCM CODEC
logo
Agere Systems
T8538B AGERE-T8538B Datasheet
847Kb / 44P
   T8538B Quad Programmable Codec
logo
Renesas Technology Corp
821024 RENESAS-821024 Datasheet
919Kb / 15P
   QUAD NON-PROGRAMMABLE PCM CODEC
JUNE 25, 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com