Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

N682387MG Datasheet(PDF) 40 Page - Nuvoton Technology Corporation

Part # N682387MG
Description  Dual Programmable Extended Codec/SLCC SLFC
Download  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

N682387MG Datasheet(HTML) 40 Page - Nuvoton Technology Corporation

Back Button N682387MG Datasheet HTML 36Page - Nuvoton Technology Corporation N682387MG Datasheet HTML 37Page - Nuvoton Technology Corporation N682387MG Datasheet HTML 38Page - Nuvoton Technology Corporation N682387MG Datasheet HTML 39Page - Nuvoton Technology Corporation N682387MG Datasheet HTML 40Page - Nuvoton Technology Corporation N682387MG Datasheet HTML 41Page - Nuvoton Technology Corporation N682387MG Datasheet HTML 42Page - Nuvoton Technology Corporation N682387MG Datasheet HTML 43Page - Nuvoton Technology Corporation N682387MG Datasheet HTML 44Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 160 page
background image
N682386/87 + N681622
Dual Programmable Extended Codec/SLCC + SLFC
Revision 1.3
Page 40 of 160
Sep 2010
12.1.3.2.1.
SINUSOIDAL RINGING
Sinusoidal Ringing is selected by setting RMPC:TRAP[7] address (0xC1) to LOW. For a desired frequency fR is
calculated and programmed as before (see section Tone Generation). The oscillator initial condition for oscillator 2 is
set in register O2ICn[17:0] address (0xC4 – 0xC5) according to the following equation.
Description
Equation
Desired frequency ft
The resulting hexadecimal coefficient is input to registers
OS2CH and OS2C and ROFFS
17
2
*
kHz
8
t
f
*
π
*
2
cos
0]
:
O2CCn[17
=
(n: 1, 2)
Oscillator initial condition for oscillator 2
The resulting hexadecimal coefficient is input to registers
OS2ICH and OS2ICL
15
2
*
kHz
8
R
f
*
π
*
2
sin
*
A
0]
:
O2ICCn[15
=
(n: 1, 2)
A is calculated from the desired peak amplitude,
APK, in volts
96
PK
A
A
=
Note that A is calculated differently for Tone Generation. Finally the precise phase position where the sinusoidal
ringing signal begins transmitting can be controlled by programming a transmission or phase delay of up to 31.8 ms
into OS2RPD:O2RPDCn[7:0] address (0xAD). If the zero-crossing feature is enabled signal transmission will end at
the equivalent phase position.
Target
Frequency
(Hz)
Frequency with
Dual Pro–X (Hz)
O2CCn[17:0]
10
11.12
1FFFB
11
11.12
1FFFB
12
12.18
1FFFA
13
13.15
1FFF9
14
14.07
1FFF8
15
15.73
1FFF6
16
16.49
1FFF5
17
17.22
1FFF4
18
18.60
1FFF2
19
19.27
1FFF1
20
20.51
1FFEF
25
25.37
1FFE6
50
50.26
1FF9A
Table 16: Example Ringer Register settings


Similar Part No. - N682387MG

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
N682386EVM ETC2-N682386EVM Datasheet
178Kb / 3P
   Nuvoton - Pro-X CODEC/SLCC
More results

Similar Description - N682387MG

ManufacturerPart #DatasheetDescription
logo
Nuvoton Technology Corp...
N681386 NUVOTON-N681386 Datasheet
1Mb / 164P
   Single Programmable Extended Codec/SLCC
logo
Winbond
W682388 WINBOND-W682388_1 Datasheet
131Kb / 2P
   Dual Programmable Extended CODEC/SLIC
W681388 WINBOND-W681388 Datasheet
130Kb / 2P
   Single Programmable Extended CODEC/SLIC
logo
List of Unclassifed Man...
N682386EVM ETC2-N682386EVM Datasheet
178Kb / 3P
   Nuvoton - Pro-X CODEC/SLCC
logo
Silicon Laboratories
SI3220 SILABS-SI3220 Datasheet
1Mb / 112P
   DUAL PROSLIC짰 PROGRAMMABLE CMOS SLIC/CODEC
logo
Silicon image
SI3225-FQ SILICONIMAGE-SI3225-FQ Datasheet
1Mb / 108P
   DUAL PROSLIC짰 PROGRAMMABLE CMOS SLIC/CODEC
logo
Integrated Device Techn...
IDT821068 IDT-IDT821068 Datasheet
589Kb / 45P
   OCTAL PROGRAMMABLE PCM CODEC
IDT82V1068 IDT-IDT82V1068 Datasheet
539Kb / 56P
   OCTAL PROGRAMMABLE PCM CODEC
logo
Agere Systems
T8538B AGERE-T8538B Datasheet
847Kb / 44P
   T8538B Quad Programmable Codec
logo
Renesas Technology Corp
821024 RENESAS-821024 Datasheet
919Kb / 15P
   QUAD NON-PROGRAMMABLE PCM CODEC
JUNE 25, 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com